Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EG80C186EC25 Datasheet(PDF) 14 Page - Intel Corporation

Part # EG80C186EC25
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

EG80C186EC25 Datasheet(HTML) 14 Page - Intel Corporation

Back Button EG80C186EC25 Datasheet HTML 10Page - Intel Corporation EG80C186EC25 Datasheet HTML 11Page - Intel Corporation EG80C186EC25 Datasheet HTML 12Page - Intel Corporation EG80C186EC25 Datasheet HTML 13Page - Intel Corporation EG80C186EC25 Datasheet HTML 14Page - Intel Corporation EG80C186EC25 Datasheet HTML 15Page - Intel Corporation EG80C186EC25 Datasheet HTML 16Page - Intel Corporation EG80C186EC25 Datasheet HTML 17Page - Intel Corporation EG80C186EC25 Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 57 page
background image
80C186EC188EC 80L186EC188EC
Table 2 Pin Descriptions
(Continued)
Pin Name
Pin
Input
Output
Pin Description
Type
Type
States
P31TXI1
O
H(X)H(Q)
Transmit Interrupt
output goes active to indicate that
serial channel 1 has completed a transfer TXI1 is
R(0)
multiplexed with an output only Port function
I(Q)
P(X)
P30RXI1
O
H(X)H(Q)
Receive Interrupt
output goes active to indicate that
serial channel 1 has completed a reception RXI1 is
R(0)
multiplexed with an output only port function
I(Q)
P(X)
WDTOUT
O
H(Q)
WatchDog Timer OUTput
is driven low for four clock
cycles when the watchdog timer reaches zero WDTOUT
R(1)
may be ANDed with the power-on reset signal to reset the
I(Q)
processor when the watchdog timer is not properly reset
P(X)
P27CTS1
IO
A(L)
H(X)
Clear-To-Send
input is used to prevent the transmission
of serial data on the TXD signal pin CTS1 and CTS0 are
P23CTS0
R(Z)
multiplexed with an IO Port function
I(X)
P(X)
P26BCLK1
IO
A(L)
H(X)
Baud CLocK
input can be used as an alternate clock
source for each of the integrated serial channels The
P22BCLK0
A(E)
R(Z)
BCLK inputs are multiplexed with IO Port functions The
I(X)
BCLK input frequency cannot exceed
the operating
P(X)
frequency of the processor
P25TXD1
IO
A(L)
H(Q)
Transmit Data
output provides serial data information
The TXD outputs are multiplexed with IO Port functions
P21TXD0
R(Z)
During synchronous serial communications TXD will
I(X)I(Q)
function as a clock output
P(X)
P24RXD1
IO
A(L)
H(X)H(Q)
Receive Data
input accepts serial data information The
RXD pins are multiplexed with IO Port functions During
P20RXD0
R(Z)
synchronous serial communications RXD is bi-directional
I(X)I(Q)
and will become an output for transmission of data (TXD
P(X)
becomes the clock)
DRQ30
I
A(L)
DMA ReQuest
input pins are used to request a DMA
transfer The timing of the request is dependent on the
programmed synchronization mode
NOTES
1 READY is A(E) for the rising edge of CLKOUT S(E) for the falling edge of CLKOUT
2 Pin names in parentheses apply to the 80C188EC80L188EC
14


Similar Part No. - EG80C186EC25

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
EG80C186EB25 INNOVASIC-EG80C186EB25 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
EG80C186EB25 INNOVASIC-EG80C186EB25 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
More results

Similar Description - EG80C186EC25

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C186XL INTEL-80C186XL Datasheet
561Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EA INTEL-80C186EA Datasheet
709Kb / 50P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186XL INTEL-80C186XL Datasheet
561Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EB INTEL-80C186EB Datasheet
779Kb / 59P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
A80C186XL20 INTEL-A80C186XL20 Datasheet
405Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EE80C188XL12 INTEL-EE80C188XL12 Datasheet
405Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
QU80C186EC25 INTEL-QU80C186EC25 Datasheet
1Mb / 57P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EE80C186XL20 INTEL-EE80C186XL20 Datasheet
405Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
TS80C186EB20 INTEL-TS80C186EB20 Datasheet
576Kb / 59P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EC INTEL-80C186EC Datasheet
790Kb / 57P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com