Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM88L70 Datasheet(PDF) 8 Page - California Micro Devices Corp

Part # CM88L70
Description  CMOS INTEGRATED DTMF RECEIVER, 3 VOLT VERSION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM88L70 Datasheet(HTML) 8 Page - California Micro Devices Corp

  CM88L70 Datasheet HTML 1Page - California Micro Devices Corp CM88L70 Datasheet HTML 2Page - California Micro Devices Corp CM88L70 Datasheet HTML 3Page - California Micro Devices Corp CM88L70 Datasheet HTML 4Page - California Micro Devices Corp CM88L70 Datasheet HTML 5Page - California Micro Devices Corp CM88L70 Datasheet HTML 6Page - California Micro Devices Corp CM88L70 Datasheet HTML 7Page - California Micro Devices Corp CM88L70 Datasheet HTML 8Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
©2000 California Micro Devices Corp. All rights reserved.
8/16/2000
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
8
CM88L70/70C
CALIFORNIA MICRO DEVICES
CM8870
Ordering Information
Product Identification Number
Package
P — Plastic DIP (18)
S — SOIC (18)
PE — PLCC (20)
TS — TSSOP (20)
Q — QSOP (20)
Temperature/Processing
None —
0OC to +70OC, ±5% P.S. Tol.
I — -40OC to +85OC, ±5% P.S. Tol.
CM88L70C
P
I
Pin Assignments
Example:
Figure 8. CM88L70/70C Crystal Connection
Figure 7. CM88L70C Crystal Connection
(PLCC Package Only)
CM88L70
30pF
OSC1
OSC2
OSC3
OSC1 of other CM887X’s
Clock input of other devices
OSC1
3.58 Mhz
30pF
30pF
OSC1
OSC1
OSC2
OSC2
OSC2
P — Plastic DIP (18)
S — SOIC (18)
PE — PLCC (20)
CM88L70C
TS — TSSOP (20)
Q — QSOP (20)


'
&
%
$
#
"
!




Similar Part No. - CM88L70

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM88 CML-CM88 Datasheet
218Kb / 1P
   S-8 Double Contact Bayonet Base
logo
Visual Communications C...
CM88 VCC-CM88 Datasheet
31Kb / 1P
   Double Contact Bayonet Base
logo
Chicago Miniature Lamp,...
CM8805 CML-CM8805 Datasheet
222Kb / 1P
   T-1 1/2 Wedge Base
logo
Visual Communications C...
CM8805 VCC-CM8805 Datasheet
44Kb / 1P
   Wedge Base
logo
C-Media Electronics
CM8826 CMEDIA-CM8826 Datasheet
383Kb / 23P
   High Performance PCI Express Audio Processor
More results

Similar Description - CM88L70

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT88L70 MITEL-MT88L70 Datasheet
115Kb / 10P
   3 Volt Integrated DTMF Receiver
logo
Zarlink Semiconductor I...
MT88L70 ZARLINK-MT88L70 Datasheet
474Kb / 16P
   3 Volt Integrated DTMF Receiver
logo
California Micro Device...
CM8870 CALMIRCO-CM8870 Datasheet
231Kb / 8P
   CMOS Integrated DTMF Receiver
logo
Mitel Networks Corporat...
MT8870D MITEL-MT8870D Datasheet
215Kb / 12P
   ISO2-CMOS Integrated DTMF Receiver
logo
List of Unclassifed Man...
SSI75T201 ETC1-SSI75T201 Datasheet
108Kb / 8P
   INTEGRATED DTMF RECEIVER
logo
UMC Corporation
UM92870 UMC-UM92870 Datasheet
486Kb / 1P
   INTEGRATED DTMF RECEIVER
logo
California Micro Device...
CM8880 CALMIRCO-CM8880 Datasheet
745Kb / 16P
   CMOS Integrated DTMF Transceiver
CM8888 CALMIRCO-CM8888 Datasheet
322Kb / 13P
   CMOS INTEGRATED DTMF TRANCEIVER
logo
Sanyo Semicon Device
LC7387M SANYO-LC7387M Datasheet
114Kb / 6P
   DTMF Receiver?
logo
List of Unclassifed Man...
HM9202 ETC1-HM9202 Datasheet
79Kb / 1P
   DTMF RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com