Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BPCE030C112 Datasheet(PDF) 2 Page - LinkCom Manufacturing Co., Ltd.

Part # BPCE030C112
Description  AC Input 90~264Vac Protection: OVP / OTP / SCP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

BPCE030C112 Datasheet(HTML) 2 Page - LinkCom Manufacturing Co., Ltd.

  BPCE030C112_14 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. BPCE030C112_14 Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LinkCom Manufacturing Co., Ltd
Model NO.
Part NO.
LED Power Supply
152 * 53 * 39.5 mm【5.98 * 2.09 * 1.56 inch】
BPCE030C112
PLKBPCE030C112
Model Name
SIZE
Reference
Dimensions
Unit:mm【inch】
www.linkcom.com.tw For more information, please contact with :sales@linkcom.com.tw


Similar Part No. - BPCE030C112_14

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
BPCE030C112 LINKCOM-BPCE030C112 Datasheet
80Kb / 1P
AC TO DC LED POWER SUPPLY
More results

Similar Description - BPCE030C112_14

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
BPCE030C142 LINKCOM-BPCE030C142_14 Datasheet
100Kb / 2P
AC Input 90~264Vac Protection: OVP / OTP / SCP
BPCN030C142 LINKCOM-BPCN030C142_14 Datasheet
101Kb / 2P
AC Input 90~264Vac Protection: OVP / OTP / SCP
BPCE030C701 LINKCOM-BPCE030C701_14 Datasheet
100Kb / 2P
AC Input 90~264Vac Protection: OVP / OTP / SCP
BPHE005C201 LINKCOM-BPHE005C201_14 Datasheet
443Kb / 2P
AC Input 90~264Vac Protection: SCP / OTP / OVP
BPCN030C701 LINKCOM-BPCN030C701_14 Datasheet
101Kb / 2P
AC Input 90~264Vac Protection: OVP / OTP / SCP
BPHE005C401 LINKCOM-BPHE005C401_14 Datasheet
114Kb / 2P
AC Input 90~264Vac SCP / OTP / OVP
BPHE010C501 LINKCOM-BPHE010C501_14 Datasheet
110Kb / 2P
AC Input 90~264Vac SCP / OTP / OVP
BPHE005C301 LINKCOM-BPHE005C301_14 Datasheet
114Kb / 2P
AC Input 90~264Vac SCP / OTP / OVP
BPHE010C201 LINKCOM-BPHE010C201_14 Datasheet
110Kb / 2P
AC Input 90~264Vac SCP / OTP / OVP
BPHE010C451 LINKCOM-BPHE010C451_14 Datasheet
110Kb / 2P
AC Input 90~264Vac SCP / OTP / OVP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com