Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BPCE030C112 Datasheet(PDF) 1 Page - LinkCom Manufacturing Co., Ltd.

Part # BPCE030C112
Description  AC Input 90~264Vac Protection: OVP / OTP / SCP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

BPCE030C112 Datasheet(HTML) 1 Page - LinkCom Manufacturing Co., Ltd.

  BPCE030C112_14 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. BPCE030C112_14 Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LinkCom Manufacturing Co., Ltd
*,# =SEE NOTES BELOW
MODEL
SPECIFICATION
*
*
*
*
*
*
(6)Load regulation measured from 20% to Full load.
(7)Line regulation measured from 100VAC to 240VAC.
(8)Preset accuracy measured at normal load, 120VAC input.
※Reference
◆ EMC: CE
◆ Comply with Indoor/Outdoor Waterproof (IP 67)
◆ Dimension (L*W*H): 152 * 53 * 39.5 mm
0.03% / ℃ (0-50℃, typ)
2.6
10 to +90%
-40 to +80℃
3000ms at full load 115VAC/230VAC
Range:47-63Hz, Normal:50-60Hz
TUV EN 61347-2-13 / CB / PSE
◆ ROHS Compliant
CE EN55015
10
1.155
90-264VAC, 127-373VDC, Normal:100-240VAC
0.945
(9)100% Production Tested.
(5)Minimum load is NOT required for proper operation .
NOTES:(1)All parameters not specially mentioned are measured 230VAC input.
(2)All specifications Typical @25℃, unless otherwise noted, at normal line and load.
(3)Ripple and Noise measured directly at pins/terminals at nom. load, 0.1uF bypass and 47uF electrolytic, pk-pk @20MHz bandwidth.
(4)Specified for free-air convection cooling.
EMI
DIMENSIONS(L*W*H)
152 * 53 * 39.5 mm【5.98 * 2.09 * 1.56 inch】
SAFETY
RELATIVE HUMIDITY
OVER V, PROTECTION
TEMP. COEFFICIENT
STORAGE TEMPERATURE
◆ AC Input 90~264Vac
◆ High Operating ambient Temp: -20℃ ~ +60℃
◆ Power Factor: >0.95@115Vac / >0.9@230Vac
OPERATING TEMP.*(4)
OVER TEMP. PROTECTION
10
-20 to +60℃@full load
◆ Safety: TUV / CB / PSE
SHORT CIRCUIT PROTECTION
INPUT VOLTAGE RANGE
LEAKAGE CURRENT
FEATURES
PRESET ACCURACY (%) *(8)
O/P NOISE (P-P, V) *(3)
*(9)
Module : BPCE030C112
COLD START 50A @ 230VAC
0.5A/115VAC
DC OUTPUT POWER
EFFICIENCY(typ @Full Load)
AC CURRENT
TURN ON DELAY TIME
◆ Protection: OVP / OTP / SCP
LOAD REGULATION(%) *(6)
INPUT FREQUENCY
INRUSH CURRENT (typ)
DC OUTPUT VOLTAGE RANGE (V)
LINE REGULATION (%) *(7)
OUTPUT CURRENTRANGE (A) *(5)
85%
33.6 W
BPCE030C112
Model NO.
Part NO.
LED Power Supply
152 * 53 * 39.5 mm【5.98 * 2.09 * 1.56 inch】
BPCE030C112
PLKBPCE030C112
Model Name
SIZE
◆ Dimension (L*W*H): 5.98 * 2.09 * 1.56 inch
SCP, OTP, OVP will restart automatically after the fault condition is removed
0.5mA/264VAC
10
norm.
max.
24
32
min.
www.linkcom.com.tw For more information, please contact with: sales@linkcom.com.tw


Similar Part No. - BPCE030C112_14

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
BPCE030C112 LINKCOM-BPCE030C112 Datasheet
80Kb / 1P
   AC TO DC LED POWER SUPPLY
More results

Similar Description - BPCE030C112_14

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
BPCE030C142 LINKCOM-BPCE030C142_14 Datasheet
100Kb / 2P
   AC Input 90~264Vac Protection: OVP / OTP / SCP
BPCN030C142 LINKCOM-BPCN030C142_14 Datasheet
101Kb / 2P
   AC Input 90~264Vac Protection: OVP / OTP / SCP
BPCE030C701 LINKCOM-BPCE030C701_14 Datasheet
100Kb / 2P
   AC Input 90~264Vac Protection: OVP / OTP / SCP
BPHE005C201 LINKCOM-BPHE005C201_14 Datasheet
443Kb / 2P
   AC Input 90~264Vac Protection: SCP / OTP / OVP
BPCN030C701 LINKCOM-BPCN030C701_14 Datasheet
101Kb / 2P
   AC Input 90~264Vac Protection: OVP / OTP / SCP
BPHE005C401 LINKCOM-BPHE005C401_14 Datasheet
114Kb / 2P
   AC Input 90~264Vac SCP / OTP / OVP
BPHE010C501 LINKCOM-BPHE010C501_14 Datasheet
110Kb / 2P
   AC Input 90~264Vac SCP / OTP / OVP
BPHE005C301 LINKCOM-BPHE005C301_14 Datasheet
114Kb / 2P
   AC Input 90~264Vac SCP / OTP / OVP
BPHE010C201 LINKCOM-BPHE010C201_14 Datasheet
110Kb / 2P
   AC Input 90~264Vac SCP / OTP / OVP
BPHE010C451 LINKCOM-BPHE010C451_14 Datasheet
110Kb / 2P
   AC Input 90~264Vac SCP / OTP / OVP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com