Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD625JNZ Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AD625JNZ
Description  MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN INSTRUMENTATION AMPLIFIER, MONOLITHIC SILICON
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AD625JNZ Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AD625JNZ Datasheet HTML 1Page - List of Unclassifed Manufacturers AD625JNZ Datasheet HTML 2Page - List of Unclassifed Manufacturers AD625JNZ Datasheet HTML 3Page - List of Unclassifed Manufacturers AD625JNZ Datasheet HTML 4Page - List of Unclassifed Manufacturers AD625JNZ Datasheet HTML 5Page - List of Unclassifed Manufacturers AD625JNZ Datasheet HTML 6Page - List of Unclassifed Manufacturers AD625JNZ Datasheet HTML 7Page - List of Unclassifed Manufacturers AD625JNZ Datasheet HTML 8Page - List of Unclassifed Manufacturers AD625JNZ Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-87719
DLA LAND AND MARITIME
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
E
SHEET
5
DSCC FORM 2234
APR 97
TABLE I. Electrical performance characteristics – Continued.
Test
Symbol
Conditions 1/
-55
°C ≤ T
A ≤+125°C
unless otherwise specified
Group A
subgroups
Device
type
Limits
Unit
Min
Max
Power supply rejection
PSRR
G = 10 2/
1
01
85
dB
Power supply rejection
PSRR
G = 100 2/
1
01
95
dB
Power supply rejection
PSRR
G = 1000
1
01
100
dB
1/
VS = ±15 V, RL = 2 kΩ, unless otherwise specified.
2/
Guaranteed if not tested to the limits specified.
3/
Gain error is a function of external resistors.
3.6 Certificate of compliance. A certificate of compliance shall be required from a manufacturer in order to be listed as an
approved source of supply in MIL-HDBK-103 (see 6.6 herein). The certificate of compliance submitted to DLA Land and
Maritime -VA prior to listing as an approved source of supply shall affirm that the manufacturer's product meets the
requirements of MIL-PRF-38535, appendix A and the requirements herein.
3.7 Certificate of conformance. A certificate of conformance as required in MIL-PRF-38535, appendix A shall be provided
with each lot of microcircuits delivered to this drawing.
3.8 Notification of change. Notification of change to DLA Land and Maritime -VA shall be required for any change that
affects this drawing.
3.9 Verification and review. DLA Land and Maritime, DLA Land and Maritime’s agent, and the acquiring activity retain the
option to review the manufacturer's facility and applicable required documentation. Offshore documentation shall be made
available onshore at the option of the reviewer.


Similar Part No. - AD625JNZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD625JN AD-AD625JN Datasheet
463Kb / 15P
   Programmable Gain Instrumentation Amplifier
REV. D
AD625JN AD-AD625JN Datasheet
497Kb / 16P
   Programmable Gain Instrumentation Amplifier
More results

Similar Description - AD625JNZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD625KNZ ETC2-AD625KNZ Datasheet
115Kb / 11P
   MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MONOLITHIC SILICON
5962-8863003VKA ETC-5962-8863003VKA Datasheet
134Kb / 13P
   MICROCIRCUIT, LINEAR, INSTRUMENTATION AMPLIFIER, MONOLITHIC SILICON
OP09EY ETC2-OP09EY Datasheet
66Kb / 10P
   MICROCIRCUIT, LINEAR, QUAD, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
Analog Devices
AD625 AD-AD625 Datasheet
463Kb / 15P
   Programmable Gain Instrumentation Amplifier
REV. D
AD8250 AD-AD8250_15 Datasheet
835Kb / 24P
   Programmable Gain Instrumentation Amplifier
REV. C
logo
Texas Instruments
PGA280 TI1-PGA280 Datasheet
1Mb / 46P
[Old version datasheet]   Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8253 AD-AD8253_15 Datasheet
422Kb / 24P
   Programmable Gain Instrumentation Amplifier
REV. B
AD625 AD-AD625_15 Datasheet
465Kb / 15P
   Programmable Gain Instrumentation Amplifier
REV. D
logo
Burr-Brown (TI)
PGA204 BURR-BROWN-PGA204 Datasheet
261Kb / 14P
   Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8251 AD-AD8251_15 Datasheet
637Kb / 24P
   Programmable Gain Instrumentation Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com