Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1732 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PCM1732
Description  24-Bit, 96kHz, Stereo Audio DIGITAL-TO-ANALOG CONVERTER With HDCD Decoder
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM1732 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  PCM1732 Datasheet HTML 1Page - Burr-Brown (TI) PCM1732 Datasheet HTML 2Page - Burr-Brown (TI) PCM1732 Datasheet HTML 3Page - Burr-Brown (TI) PCM1732 Datasheet HTML 4Page - Burr-Brown (TI) PCM1732 Datasheet HTML 5Page - Burr-Brown (TI) PCM1732 Datasheet HTML 6Page - Burr-Brown (TI) PCM1732 Datasheet HTML 7Page - Burr-Brown (TI) PCM1732 Datasheet HTML 8Page - Burr-Brown (TI) PCM1732 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
24-Bit, 96kHz, Stereo Audio
DIGITAL-TO-ANALOG CONVERTER
With HDCD® Decoder
49%
FPO
PCM1732
®
TM
FEATURES
q ENHANCED MULTI-LEVEL
∆Σ DAC
q INPUT AUDIO DATA WORD: 16-, 20-, 24-Bit
q SAMPLING FREQUENCY (f
s): 16kHz - 96kHz
q SYSTEM CLOCK: 256, 384, 512, 768f
S
q HIGH PERFORMANCE:
THD+N: –96dB
Dynamic Range: 104dB
SNR: 104dB
q AUDIO OUTPUT LEVEL: 0.57 x V
CC (Vp-p)
q 8x OVERSAMPLING DIGITAL FILTER WITH
HDCD DECODER:
Stopband Attenuation: –120dB
Passband Ripple:
±0.00001dB
HDCD Filter Optimized for 44.1kHz to 48kHz
and 88.2kHz to 96kHz
q MULTI-FUNCTIONS:
Digital De-emphasis
Soft Mute
Digital Attenuation
Zero Detect
Digital Gain Scaling
Reversible Output Phase
q +5V SINGLE-SUPPLY OPERATION
q SMALL SO-28 PACKAGE
© 1999 Burr-Brown Corporation
PDS-1522B
Printed in U.S.A. August, 1999
For most current data sheet and other product
information, visit www.burr-brown.com
®
DESCRIPTION
The PCM1732 is designed for mid- to high-grade
digital audio applications which achieve 96kHz sam-
pling rates with 24-bit audio data, such as High Defi-
nition Compatible Digital (HDCD) CD players, DVD
players, mini-disc players and AV receivers.
PCM1732 uses a newly-developed “enhanced, multi-
level delta-sigma modulator” architecture that im-
proves audio dynamic performance and reduces jitter
sensitivity.
The internal digital filter operates at 8x oversampling
at a 96kHz sampling rate, with –120dB stopband
attenuation.
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111
Twx: 910-952-1111 • Internet: http://www.burr-brown.com/ • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
®
HDCD® is a registered trademark of Pacific Microsonics, Inc.
HDCD® technology is provided under license from Pacific Microsonics
Inc. The PCM1732’s design is covered by the following patents:
In the USA: 45,479,168, 5,638,074, 5,640,161, 5,808,574, 5,838,274
5,854,600, 5,864,311, 5,872,531.
In Australia: 669,114.
Other patents pending.
Serial
Input
I/F
Mode
Control
I/F
HDCD
Hidden
Code
Recovery
HDCD
8x
Oversampling
Digital Filter
Enhanced
Multi-Level
∆Σ
Modulator
Crystal/OSC
XTI
SCK
XTO
CLKO
V
CC1 AGND1
V
DD
DGND
HDCD
Amplitude
Decoding
V
OUTL
EXTL
PCM1732
Open
Drain
DAC
Low-Pass
Filter
Low-Pass
Filter
BPZ Control
V
OUTR
EXTR
ZERO
DAC
ML/I2S
MC/DEM
MD/FSS
CS/IWO
MODE
MUTE
RST
LRCIN
DIN
BCKIN
Power Supply
Power-On Reset
NOTE: An HDCD license from Pacific Microsonics, Inc. is
required to purchase the PCM1732.


Similar Part No. - PCM1732

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1730 TI-PCM1730 Datasheet
366Kb / 24P
24-BIT, 192-kHz SAMPLING ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1730E TI-PCM1730E Datasheet
366Kb / 24P
24-BIT, 192-kHz SAMPLING ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1730E/2K TI-PCM1730E/2K Datasheet
366Kb / 24P
24-BIT, 192-kHz SAMPLING ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1733 BURR-BROWN-PCM1733 Datasheet
129Kb / 9P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER 18 Bits, 96kHz Sampling
logo
Texas Instruments
PCM1733 TI1-PCM1733 Datasheet
119Kb / 12P
DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM1732

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DF1704 BURR-BROWN-DF1704 Datasheet
222Kb / 16P
Stereo, 24-Bit, 96kHz 8X Oversampling Digital Interpolation Filter DIGITAL-TO-ANALOG CONVERTER
PCM1716 BURR-BROWN-PCM1716 Datasheet
222Kb / 14P
24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1725 BURR-BROWN-PCM1725 Datasheet
131Kb / 9P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER 16 Bits, 96kHz Sampling
PCM1728 BURR-BROWN-PCM1728 Datasheet
185Kb / 11P
24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1733 BURR-BROWN-PCM1733 Datasheet
129Kb / 9P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER 18 Bits, 96kHz Sampling
PCM1744 BURR-BROWN-PCM1744 Datasheet
83Kb / 9P
24 Bits, 96kHz, Sampling Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1726 BURR-BROWN-PCM1726 Datasheet
132Kb / 9P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER 16 Bits, 96kHz Sampling
logo
Texas Instruments
PCM1716 TI-PCM1716 Datasheet
557Kb / 18P
24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1716E TI1-PCM1716E Datasheet
557Kb / 18P
24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1744U TI1-PCM1744U Datasheet
269Kb / 13P
24 Bits, 96kHz, Sampling Stereo Audio DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com