Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA277 Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA277
Description  High Precision OPERATIONAL AMPLIFIERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA277 Datasheet(HTML) 7 Page - Burr-Brown (TI)

  OPA277 Datasheet HTML 1Page - Burr-Brown (TI) OPA277 Datasheet HTML 2Page - Burr-Brown (TI) OPA277 Datasheet HTML 3Page - Burr-Brown (TI) OPA277 Datasheet HTML 4Page - Burr-Brown (TI) OPA277 Datasheet HTML 5Page - Burr-Brown (TI) OPA277 Datasheet HTML 6Page - Burr-Brown (TI) OPA277 Datasheet HTML 7Page - Burr-Brown (TI) OPA277 Datasheet HTML 8Page - Burr-Brown (TI) OPA277 Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
OPA277, 2277, 4277
®
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = ±15V, and RL = 2kΩ, unless otherwise noted.
10
µs/div
1
µs/div
1
µs/div
SMALL-SIGNAL STEP RESPONSE
G = +1, CL = 0, VS = ±15V
SMALL-SIGNAL STEP RESPONSE
G = +1, CL = 1500pF, VS = ±15V
LARGE-SIGNAL STEP RESPONSE
G = +1, CL = 1500pF, VS = ±15V
SMALL-SIGNAL OVERSHOOT
vs LOAD CAPACITANCE
1k
100
10
10k
100k
Load Capacitance (pF)
60
50
40
30
20
10
0
Gain = –1
Gain = +1
Gain = ±10


Similar Part No. - OPA277

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA277 BURR-BROWN-OPA277 Datasheet
921Kb / 25P
High Precision OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA277 TI1-OPA277 Datasheet
1Mb / 27P
High Precision OPERATIONAL AMPLIFIERS
OPA277 TI1-OPA277 Datasheet
1Mb / 24P
12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
OPA277 TI1-OPA277 Datasheet
1Mb / 24P
Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
OPA277AIDRM TI-OPA277AIDRM Datasheet
1Mb / 26P
High Precision OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA277

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OP07C TI-OP07C Datasheet
133Kb / 7P
PRECISION OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
LM11C MOTOROLA-LM11C Datasheet
359Kb / 6P
Precision Operational Amplifiers
logo
Texas Instruments
OP07C TI-OP07C_06 Datasheet
264Kb / 11P
PRECISION OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA277 BURR-BROWN-OPA277_05 Datasheet
921Kb / 25P
High Precision OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA277U TI-OPA277U Datasheet
1Mb / 26P
High Precision OPERATIONAL AMPLIFIERS
OPA277UA2K5 TI1-OPA277UA2K5 Datasheet
1Mb / 27P
High Precision OPERATIONAL AMPLIFIERS
logo
Tiger Electronic Co.,Lt...
OP07 TGS-OP07 Datasheet
359Kb / 5P
PRECISION OPERATIONAL AMPLIFIERS
OP07CDR TGS-OP07CDR Datasheet
359Kb / 5P
PRECISION OPERATIONAL AMPLIFIERS
OP07CP TGS-OP07CP Datasheet
359Kb / 5P
PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP07C TI1-OP07C Datasheet
927Kb / 21P
Precision Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com