Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA277 Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA277
Description  High Precision OPERATIONAL AMPLIFIERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA277 Datasheet(HTML) 6 Page - Burr-Brown (TI)

  OPA277 Datasheet HTML 1Page - Burr-Brown (TI) OPA277 Datasheet HTML 2Page - Burr-Brown (TI) OPA277 Datasheet HTML 3Page - Burr-Brown (TI) OPA277 Datasheet HTML 4Page - Burr-Brown (TI) OPA277 Datasheet HTML 5Page - Burr-Brown (TI) OPA277 Datasheet HTML 6Page - Burr-Brown (TI) OPA277 Datasheet HTML 7Page - Burr-Brown (TI) OPA277 Datasheet HTML 8Page - Burr-Brown (TI) OPA277 Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
®
OPA277, 2277, 4277
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = ±15V, and RL = 2kΩ, unless otherwise noted.
CHANGE IN INPUT BIAS CURRENT
vs POWER SUPPLY VOLTAGE
40
Supply Voltage (V)
0
5
10
15
20
25
30
35
2.0
1.5
1.0
0.5
0.0
–0.5
–1.0
–1.5
–2.0
Curve shows normalized change in
bias current with respect to V
S = ±10V
(+20V). Typical I
B may range from
–0.5nA to +0.5nA at V
S = ±10V.
V
CM = 0V
CHANGE IN INPUT BIAS CURRENT
vs COMMON-MODE VOLTAGE
15
Common-Mode Voltage (V)
–15
–10
–5
0
5
10
2.0
1.5
1.0
0.5
0.0
–0.5
–1.0
–1.5
–2.0
V
S = ±5V
V
S = ±15V
Curve shows normalized change in bias current
with respect to V
CM = 0V. Typical IB may range
from –05.nA to +0.5nA at V
CM = 0V.
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
(V+)
(V+) – 1
(V+) – 2
(V+) – 3
(V+) – 4
(V+) – 5
(V–) + 5
(V–) + 4
(V–) + 3
(V–) + 2
(V–) + 1
(V–)
0
±5
±10
±15
±20
±25
±30
Output Current (mA)
–55°C
–55°C
125°C
25°C
125°C
25°C
1000
900
800
700
600
500
0
±5
±10
±15
±20
Supply Voltage (V)
QUIESCENT CURRENT vs SUPPLY VOLTAGE
per amplifier
MAXIMUM OUTPUT VOLTAGE
vs FREQUENCY
1M
Frequency (Hz)
1k
10k
100k
30
25
20
15
10
5
0
V
S = ±15V
V
S = ±5V
100
10
20
50
±1
±10
±100
Gain (V/V)
SETTLING TIME vs CLOSED-LOOP GAIN
0.01%
10V step
C
L = 1500pF
0.1%


Similar Part No. - OPA277

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA277 BURR-BROWN-OPA277 Datasheet
921Kb / 25P
   High Precision OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA277 TI1-OPA277 Datasheet
1Mb / 27P
[Old version datasheet]   High Precision OPERATIONAL AMPLIFIERS
OPA277 TI1-OPA277 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
OPA277 TI1-OPA277 Datasheet
1Mb / 24P
[Old version datasheet]   Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
OPA277AIDRM TI-OPA277AIDRM Datasheet
1Mb / 26P
[Old version datasheet]   High Precision OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA277

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA277 BURR-BROWN-OPA277_05 Datasheet
921Kb / 25P
   High Precision OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA277UA2K5 TI1-OPA277UA2K5 Datasheet
1Mb / 27P
[Old version datasheet]   High Precision OPERATIONAL AMPLIFIERS
OPA277U TI-OPA277U Datasheet
1Mb / 26P
[Old version datasheet]   High Precision OPERATIONAL AMPLIFIERS
logo
Tiger Electronic Co.,Lt...
OP07CP TGS-OP07CP Datasheet
359Kb / 5P
   PRECISION OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
LM11C MOTOROLA-LM11C Datasheet
359Kb / 6P
   Precision Operational Amplifiers
logo
Tiger Electronic Co.,Lt...
OP07 TGS-OP07 Datasheet
359Kb / 5P
   PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP07C TI-OP07C_06 Datasheet
264Kb / 11P
[Old version datasheet]   PRECISION OPERATIONAL AMPLIFIERS
logo
Tiger Electronic Co.,Lt...
OP07CDR TGS-OP07CDR Datasheet
359Kb / 5P
   PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP07C TI-OP07C Datasheet
133Kb / 7P
[Old version datasheet]   PRECISION OPERATIONAL AMPLIFIERS
OP07C TI1-OP07C Datasheet
927Kb / 21P
[Old version datasheet]   Precision Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com