Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA277 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA277
Description  High Precision OPERATIONAL AMPLIFIERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA277 Datasheet(HTML) 4 Page - Burr-Brown (TI)

  OPA277 Datasheet HTML 1Page - Burr-Brown (TI) OPA277 Datasheet HTML 2Page - Burr-Brown (TI) OPA277 Datasheet HTML 3Page - Burr-Brown (TI) OPA277 Datasheet HTML 4Page - Burr-Brown (TI) OPA277 Datasheet HTML 5Page - Burr-Brown (TI) OPA277 Datasheet HTML 6Page - Burr-Brown (TI) OPA277 Datasheet HTML 7Page - Burr-Brown (TI) OPA277 Datasheet HTML 8Page - Burr-Brown (TI) OPA277 Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
®
OPA277, 2277, 4277
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VS = ±15V, and RL = 2kΩ, unless otherwise noted.
1sec/div
INPUT NOISE VOLTAGE vs TIME
10
100
1k
10k
100k
Frequency (Hz)
CHANNEL SEPARATION vs FREQUENCY
1M
140
120
100
80
60
40
Dual and quad devices. G = 1,
all channels. Quad measured
channel A to D or B to C—other
combinations yield similar or
improved rejection.
10
100
1k
10k
100k
1
0.1
0.01
0.001
Frequency (Hz)
TOTAL HARMONIC DISTORTION + NOISE
vs FREQUENCY
V
OUT = 3.5Vrms
G = 10, R
L = 2kΩ, 10kΩ
G = 1, R
L = 2kΩ, 10kΩ
Noise signal is bandwidth limited to
lie between 0.1Hz and 10Hz.
1
10
100
1k
10k
1000
100
10
1
Frequency (Hz)
INPUT NOISE AND CURRENT NOISE
SPECTRAL DENSITY vs FREQUENCY
Current Noise
Voltage Noise
0.1
1
10
100
1k
10k
100k
1M
10M
140
120
100
80
60
40
20
0
–20
0
–30
–60
–90
–120
–150
–180
Frequency (Hz)
OPEN-LOOP GAIN/PHASE
vs FREQUENCY
G
φ
C
L = 0
C
L = 1500pF
0.1
1
10
100
1k
10k
100k
1M
140
120
100
80
60
40
20
0
Frequency (Hz)
POWER SUPPLY AND COMMON-MODE
REJECTION vs FREQUENCY
+PSR
CMR
–PSR


Similar Part No. - OPA277

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA277 BURR-BROWN-OPA277 Datasheet
921Kb / 25P
   High Precision OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA277 TI1-OPA277 Datasheet
1Mb / 27P
[Old version datasheet]   High Precision OPERATIONAL AMPLIFIERS
OPA277 TI1-OPA277 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
OPA277 TI1-OPA277 Datasheet
1Mb / 24P
[Old version datasheet]   Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
OPA277AIDRM TI-OPA277AIDRM Datasheet
1Mb / 26P
[Old version datasheet]   High Precision OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA277

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA277 BURR-BROWN-OPA277_05 Datasheet
921Kb / 25P
   High Precision OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA277UA2K5 TI1-OPA277UA2K5 Datasheet
1Mb / 27P
[Old version datasheet]   High Precision OPERATIONAL AMPLIFIERS
OPA277U TI-OPA277U Datasheet
1Mb / 26P
[Old version datasheet]   High Precision OPERATIONAL AMPLIFIERS
logo
Tiger Electronic Co.,Lt...
OP07CP TGS-OP07CP Datasheet
359Kb / 5P
   PRECISION OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
LM11C MOTOROLA-LM11C Datasheet
359Kb / 6P
   Precision Operational Amplifiers
logo
Tiger Electronic Co.,Lt...
OP07 TGS-OP07 Datasheet
359Kb / 5P
   PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP07C TI-OP07C_06 Datasheet
264Kb / 11P
[Old version datasheet]   PRECISION OPERATIONAL AMPLIFIERS
logo
Tiger Electronic Co.,Lt...
OP07CDR TGS-OP07CDR Datasheet
359Kb / 5P
   PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP07C TI-OP07C Datasheet
133Kb / 7P
[Old version datasheet]   PRECISION OPERATIONAL AMPLIFIERS
OP07C TI1-OP07C Datasheet
927Kb / 21P
[Old version datasheet]   Precision Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com