Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA277 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA277
Description  High Precision OPERATIONAL AMPLIFIERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA277 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  OPA277 Datasheet HTML 1Page - Burr-Brown (TI) OPA277 Datasheet HTML 2Page - Burr-Brown (TI) OPA277 Datasheet HTML 3Page - Burr-Brown (TI) OPA277 Datasheet HTML 4Page - Burr-Brown (TI) OPA277 Datasheet HTML 5Page - Burr-Brown (TI) OPA277 Datasheet HTML 6Page - Burr-Brown (TI) OPA277 Datasheet HTML 7Page - Burr-Brown (TI) OPA277 Datasheet HTML 8Page - Burr-Brown (TI) OPA277 Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
OPA277, 2277, 4277
®
POWER SUPPLY
Specified Voltage Range
VS
±5
±15
TT
V
Operating Voltage Range
±2
±18
TT
V
Quiescent Current (per amplifier)
IQ
IO = 0
±790
±825
TT
µA
TA = –40°C to +85°C
IO = 0
±900
T
µA
TEMPERATURE RANGE
Specified Range
–40
85
TT
°C
Operating Range
–55
125
TT
°C
Storage Range
–55
125
TT
°C
Thermal Resistance
θ
JA
SO-8 Surface-Mount
150
T
°C/W
8-Pin DIP
100
T
°C/W
14-Pin DIP
80
T
°C/W
SO-14 Surface-Mount
100
T
°C/W
T Specifications same as OPA277P, U.
NOTE: (1) VS = ±15V.
SPECIFICATIONS: VS = ±5V to VS = ±15V (CONT)
At TA = +25°C, and RL = 2kΩ, unless otherwise noted.
Boldface limits apply over the specified temperature range, –40
°C to +85°C.
OPA277PA, UA
OPA277P, U
OPA2277PA, UA
OPA2277P, U
OPA4277PA, UA
PARAMETER
CONDITION
MIN
TYP(1)
MAX
MIN
TYP(1)
MAX
UNITS
ABSOLUTE MAXIMUM RATINGS(1)
Supply Voltage .................................................................................... 36V
Input Voltage ..................................................... (V–) –0.7V to (V+) +0.7V
Output Short-Circuit(2) .............................................................. Continuous
Operating Temperature .................................................. –55
°C to +125°C
Storage Temperature ..................................................... –55
°C to +125°C
Junction Temperature ...................................................................... 150
°C
Lead Temperature (soldering, 10s) ................................................. 300
°C
NOTE: (1) Stresses above these rating may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability. (2) Short-circuit to ground, one amplifier per package.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
PACKAGE/ORDERING INFORMATION
OFFSET
OFFSET
PACKAGE
VOLTAGE
VOLTAGE DRIFT
DRAWING
TEMPERATURE
ORDERING
TRANSPORT
PRODUCT
max,
µV
max,
µV/°C
PACKAGE
NUMBER(1)
RANGE
NUMBER(2)
MEDIA
Single
OPA277PA
±50
±1
8-Pin DIP
006
–40
°C to +85°C
OPA277PA
Rails
OPA277P
±20
±0.15
8-Pin DIP
006
–40
°C to +85°C
OPA277P
Rails
OPA277UA
±50
±1
SO-8 Surface Mount
182
–40
°C to +85°C
OPA277UA
Rails
"
"
"
"
"
"
OPA277UA/2K5
Tape and Reel
OPA277U
±20
±0.15
SO-8 Surface Mount
182
–40
°C to +85°C
OPA277U
Rails
"
"
"
"
"
"
OPA277U/2K5
Tape and Reel
Dual
OPA2277PA
±50
±1
8-Pin DIP
006
–40
°C to +85°C
OPA2277PA
Rails
OPA2277P
±25
±0.25
8-Pin DIP
006
–40
°C to +85°C
OPA2277P
Rails
OPA2277UA
±50
±1
SO-8 Surface Mount
182
–40
°C to +85°C
OPA2277UA
Rails
"
"
"
"
"
"
OPA2277UA/2K5
Tape and Reel
OPA2277U
±25
±0.25
SO-8 Surface Mount
182
–40
°C to +85°C
OPA2277U
Rails
"
"
"
"
"
"
OPA2277U/2K5
Tape and Reel
Quad
OPA4277PA
±50
±1
14-Pin DIP
010
–40
°C to +85°C
OPA4277PA
Rails
OPA4277UA
±50
±1
SO-14 Surface Mount
235
–40
°C to +85°C
OPA4277UA
Rails
"
"
"
"
"
"
OPA4277UA/2K5
Tape and Reel
NOTE: (1) For detailed drawing and dimension table, please see end of data sheet, or Appendix C of Burr-Brown IC Data Book. (2) Products followed by a slash
(/) are only available in Tape and Reel in the quantities indicated (e.g. /2K5 indicates 2500 devices per reel). Ordering 2500 pieces of “OPA277UA/2K5” will get
a single 2500 piece Tape and Reel. For detailed Tape and Reel mechanical information, refer to Appendix B of Burr-Brown IC Data Book.


Similar Part No. - OPA277

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA277 BURR-BROWN-OPA277 Datasheet
921Kb / 25P
High Precision OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA277 TI1-OPA277 Datasheet
1Mb / 27P
High Precision OPERATIONAL AMPLIFIERS
OPA277 TI1-OPA277 Datasheet
1Mb / 24P
12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
OPA277 TI1-OPA277 Datasheet
1Mb / 24P
Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
OPA277AIDRM TI-OPA277AIDRM Datasheet
1Mb / 26P
High Precision OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA277

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA277 BURR-BROWN-OPA277_05 Datasheet
921Kb / 25P
High Precision OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA277UA2K5 TI1-OPA277UA2K5 Datasheet
1Mb / 27P
High Precision OPERATIONAL AMPLIFIERS
OPA277U TI-OPA277U Datasheet
1Mb / 26P
High Precision OPERATIONAL AMPLIFIERS
logo
Tiger Electronic Co.,Lt...
OP07CP TGS-OP07CP Datasheet
359Kb / 5P
PRECISION OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
LM11C MOTOROLA-LM11C Datasheet
359Kb / 6P
Precision Operational Amplifiers
logo
Tiger Electronic Co.,Lt...
OP07 TGS-OP07 Datasheet
359Kb / 5P
PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP07C TI-OP07C_06 Datasheet
264Kb / 11P
PRECISION OPERATIONAL AMPLIFIERS
logo
Tiger Electronic Co.,Lt...
OP07CDR TGS-OP07CDR Datasheet
359Kb / 5P
PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP07C TI-OP07C Datasheet
133Kb / 7P
PRECISION OPERATIONAL AMPLIFIERS
OP07C TI1-OP07C Datasheet
927Kb / 21P
Precision Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com