Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA277 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA277
Description  High Precision OPERATIONAL AMPLIFIERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA277 Datasheet(HTML) 2 Page - Burr-Brown (TI)

  OPA277 Datasheet HTML 1Page - Burr-Brown (TI) OPA277 Datasheet HTML 2Page - Burr-Brown (TI) OPA277 Datasheet HTML 3Page - Burr-Brown (TI) OPA277 Datasheet HTML 4Page - Burr-Brown (TI) OPA277 Datasheet HTML 5Page - Burr-Brown (TI) OPA277 Datasheet HTML 6Page - Burr-Brown (TI) OPA277 Datasheet HTML 7Page - Burr-Brown (TI) OPA277 Datasheet HTML 8Page - Burr-Brown (TI) OPA277 Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
®
OPA277, 2277, 4277
SPECIFICATIONS: VS = ±5V to VS = ±15V
At TA = +25°C, and RL = 2kΩ, unless otherwise noted.
Boldface limits apply over the specified temperature range, –40
°C to +85°C.
OPA277PA, UA
OPA277P, U
OPA2277PA, UA
OPA2277P, U
OPA4277PA, UA
PARAMETER
CONDITION
MIN
TYP(1)
MAX
MIN
TYP(1)
MAX
UNITS
OFFSET VOLTAGE
Input Offset Voltage:
VOS
OPA277P, U (high grade, single)
±10
±20
µV
OPA2277P, U (high grade, dual)
±10
±25
µV
All PA, UA Versions
±20
±50
µV
Input Offset Voltage Over Temperature
OPA277P, U (high grade, single)
TA = –40°C to +85°C
±30
µV
OPA2277P, U (high grade, dual)
TA = –40°C to +85°C
±50
µV
All PA, UA Versions
TA = –40°C to +85°C
±100
µV
Input Offset Voltage Drift
dVOS/dT
OPA277P, U (high grade, single)
TA = –40°C to +85°C
±0.1
±0.15
µV/°C
OPA2277P, U (high grade, dual)
TA = –40°C to +85°C
±0.1
±0.25
µV/°C
All PA, UA Versions
TA = –40°C to +85°C
±0.15
±1
µV/°C
Input Offset Voltage: (all models)
vs Time
0.2
T
µV/mo
vs Power Supply
PSRR
VS = ±2V to ±18V
±0.3
±0.5
T
±1
µV/V
TA = –40°C to +85°C
VS = ±2V to ±18V
±0.5
±1
µV/V
Channel Separation (dual, quad)
dc
0.1
T
µV/V
INPUT BIAS CURRENT
Input Bias Current
IB
±0.5
±1
T
±2.8
nA
TA = –40°C to +85°C
±2
±4
nA
Input Offset Current
IOS
±0.5
±1
T
±2.8
nA
TA = –40°C to +85°C
±2
±4
nA
NOISE
Input Voltage Noise, f = 0.1 to 10Hz
0.22
T
µVp-p
0.035
T
µVrms
Input Voltage Noise Density, f = 10Hz
en
12
T
nV/
√Hz
f = 100Hz
8
T
nV/
√Hz
f = 1kHz
8
T
nV/
√Hz
f = 10kHz
8
T
nV/
√Hz
Current Noise Density, f = 1kHz
in
0.2
T
pA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
(V–) +2
(V+) –2
TT
V
Common-Mode Rejection
CMRR
VCM = (V–) +2V to (V+) –2V
130
140
115
T
dB
TA = –40°C to +85°C
VCM = (V–) +2V to (V+) –2V
128
115
dB
INPUT IMPEDANCE
Differential
100 || 3
T
M
Ω || pF
Common-Mode
VCM = (V–) +2V to (V+) –2V
250 || 3
T
G
Ω || pF
OPEN-LOOP GAIN
Open-Loop Voltage Gain
AOL
VO = (V–)+0.5V to (V+)–1.2V, RL = 10kΩ
140
T
dB
VO = (V–)+0.5V to (V+)–1.5V, RL = 2kΩ
126
134
TT
dB
TA = –40°C to +85°C
VO = (V–)+0.5V to (V+)–1.5V, RL = 2kΩ
126
T
dB
FREQUENCY RESPONSE
Gain-Bandwidth Product
GBW
1
T
MHz
Slew Rate
SR
0.8
T
V/
µs
Settling Time, 0.1%
VS = ±15V, G = 1, 10V Step
14
T
µs
0.01%
VS = ±15V, G = 1, 10V Step
16
T
µs
Overload Recovery Time
VIN • G = VS
3
T
µs
Total Harmonic Distortion + Noise THD+N
1kHz, G = 1, VO = 3.5Vrms
0.002
T
%
OUTPUT
Voltage Output
VO
RL = 10kΩ
(V–) +0.5
(V+) –1.2
TT
V
TA = –40°C to +85°C
RL = 10kΩ
(V–) +0.5
(V+) –1.2
TT
V
RL = 2kΩ
(V–) +1.5
(V+) –1.5
TT
V
TA = –40°C to +85°C
RL = 2kΩ
(V–) +1.5
(V+) –1.5
TT
V
Short-Circuit Current
ISC
±35
T
mA
Capacitive Load Drive
CLOAD
See Typical Curve
T
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.


Similar Part No. - OPA277

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA277 BURR-BROWN-OPA277 Datasheet
921Kb / 25P
   High Precision OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA277 TI1-OPA277 Datasheet
1Mb / 27P
[Old version datasheet]   High Precision OPERATIONAL AMPLIFIERS
OPA277 TI1-OPA277 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
OPA277 TI1-OPA277 Datasheet
1Mb / 24P
[Old version datasheet]   Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
OPA277AIDRM TI-OPA277AIDRM Datasheet
1Mb / 26P
[Old version datasheet]   High Precision OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA277

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA277 BURR-BROWN-OPA277_05 Datasheet
921Kb / 25P
   High Precision OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA277UA2K5 TI1-OPA277UA2K5 Datasheet
1Mb / 27P
[Old version datasheet]   High Precision OPERATIONAL AMPLIFIERS
OPA277U TI-OPA277U Datasheet
1Mb / 26P
[Old version datasheet]   High Precision OPERATIONAL AMPLIFIERS
logo
Tiger Electronic Co.,Lt...
OP07CP TGS-OP07CP Datasheet
359Kb / 5P
   PRECISION OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
LM11C MOTOROLA-LM11C Datasheet
359Kb / 6P
   Precision Operational Amplifiers
logo
Tiger Electronic Co.,Lt...
OP07 TGS-OP07 Datasheet
359Kb / 5P
   PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP07C TI-OP07C_06 Datasheet
264Kb / 11P
[Old version datasheet]   PRECISION OPERATIONAL AMPLIFIERS
logo
Tiger Electronic Co.,Lt...
OP07CDR TGS-OP07CDR Datasheet
359Kb / 5P
   PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP07C TI-OP07C Datasheet
133Kb / 7P
[Old version datasheet]   PRECISION OPERATIONAL AMPLIFIERS
OP07C TI1-OP07C Datasheet
927Kb / 21P
[Old version datasheet]   Precision Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com