Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF5A400H Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SF5A400H
Description  400V, 5A ULTRAFAST RECOVERY RECTIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SF5A400H Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SF5A400H Datasheet HTML 1Page - KODENSHI_AUK CORP. SF5A400H Datasheet HTML 2Page - KODENSHI_AUK CORP. SF5A400H Datasheet HTML 3Page - KODENSHI_AUK CORP. SF5A400H Datasheet HTML 4Page - KODENSHI_AUK CORP. SF5A400H Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
KSD-D0Q014-003
1
SF5A400H
Ultrafast Recovery Rectifier
TO-220F-2L
400V, 5A ULTRAFAST RECOVERY RECTIFIERS
Features
 High voltage and high reliability
 Ultrafast reverse recovery time
 High speed switching
 Low power loss and High efficiency
Full lead (Pb)-free and RoHS compliant device
Applications
General purpose
Switching mode power supply
Free-wheeling diode for motor application
Power switching circuits
DC-DC converter systems
Description
The SF5A400H is ideally as boost diode in discontinuous or critical mode power factor corrections.
The device is also intended for use as a freewheeling diode in power supplies and other power switching
applications.
Ordering Information
Device
Marking Code
Package
Packaging
SF5A400H
SF5A400H
TO-220F-2L
Tube
Marking Information
Product Characteristics
IF(AV)
5A
VRRM
400V
VFM @ Tj=125℃
1.2V
trr
30ns
AUK = Manufacture Logo
∆ = Control Code of Manufacture
YMDD = Date Code Marking
-. Y = Year Code
-. M = Monthly Code
-. DD = Daily Code
SF5A400H = Specific Device Code
Pin Configuration
Pin 1: Cathode
Pin 2: Anode


Similar Part No. - SF5A400H

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SF5A400H KODENSHI-SF5A400H Datasheet
284Kb / 5P
   400V, 5A ULTRAFAST RECOVERY RECTIFIERS
SF5A400HD KODENSHI-SF5A400HD Datasheet
242Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
SF5A400HD KODENSHI-SF5A400HD Datasheet
219Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
SF5A400HD-1 KODENSHI-SF5A400HD-1 Datasheet
219Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
More results

Similar Description - SF5A400H

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SF5A400H KODENSHI-SF5A400H Datasheet
284Kb / 5P
   400V, 5A ULTRAFAST RECOVERY RECTIFIERS
SF8A400H KODENSHI-SF8A400H Datasheet
287Kb / 5P
   400V, 8A ULTRAFAST RECOVERY RECTIFIERS
SF10A400H-1 KODENSHI-SF10A400H-1 Datasheet
300Kb / 5P
   400V, 10A ULTRAFAST RECOVERY RECTIFIERS
KSD-D6S003-002 KODENSHI-KSD-D6S003-002 Datasheet
291Kb / 5P
   400V, 10A ULTRAFAST RECOVERY RECTIFIERS
SF10A400H KODENSHI-SF10A400H Datasheet
300Kb / 5P
   400V, 10A ULTRAFAST RECOVERY RECTIFIERS
SF10S400D2 KODENSHI-SF10S400D2 Datasheet
287Kb / 5P
   400V, 10A ULTRAFAST RECOVERY RECTIFIERS
logo
Shindengen Electric Mfg...
D5LC40 SHINDENGEN-D5LC40 Datasheet
450Kb / 7P
   Super Fast Recovery Rectifiers(400V 5A)
SF5LC40 SHINDENGEN-SF5LC40 Datasheet
392Kb / 6P
   Super Fast Recovery Rectifiers(400V 5A)
logo
KODENSHI_AUK CORP.
SF5A600H KODENSHI-SF5A600H Datasheet
284Kb / 5P
   600V, 5A ULTRAFAST RECOVERY RECTIFIERS
SF5A600H-1 KODENSHI-SF5A600H-1 Datasheet
284Kb / 5P
   600V, 5A ULTRAFAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com