Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF5A400H Datasheet(PDF) 3 Page - KODENSHI_AUK CORP.

Part # SF5A400H
Description  400V, 5A ULTRAFAST RECOVERY RECTIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SF5A400H Datasheet(HTML) 3 Page - KODENSHI_AUK CORP.

  SF5A400H Datasheet HTML 1Page - KODENSHI_AUK CORP. SF5A400H Datasheet HTML 2Page - KODENSHI_AUK CORP. SF5A400H Datasheet HTML 3Page - KODENSHI_AUK CORP. SF5A400H Datasheet HTML 4Page - KODENSHI_AUK CORP. SF5A400H Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
KSD-D0Q014-003
3
Rating & Electrical Characteristic Curves
SF5A400H
Fig. 1) Typical Forward Characteristics
Fig. 2) Typical Reverse Characteristics
Fig. 3) Maximum Forward Derative Curve
Fig. 6) Typical Junction Capacitance
Fig. 4) Forward Power Dissipation
Fig. 5) Maximum Non-Repetitive Peak Forward
Surge Current


Similar Part No. - SF5A400H

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SF5A400H KODENSHI-SF5A400H Datasheet
284Kb / 5P
   400V, 5A ULTRAFAST RECOVERY RECTIFIERS
SF5A400HD KODENSHI-SF5A400HD Datasheet
242Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
SF5A400HD KODENSHI-SF5A400HD Datasheet
219Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
SF5A400HD-1 KODENSHI-SF5A400HD-1 Datasheet
219Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
More results

Similar Description - SF5A400H

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SF5A400H KODENSHI-SF5A400H Datasheet
284Kb / 5P
   400V, 5A ULTRAFAST RECOVERY RECTIFIERS
SF8A400H KODENSHI-SF8A400H Datasheet
287Kb / 5P
   400V, 8A ULTRAFAST RECOVERY RECTIFIERS
SF10A400H-1 KODENSHI-SF10A400H-1 Datasheet
300Kb / 5P
   400V, 10A ULTRAFAST RECOVERY RECTIFIERS
KSD-D6S003-002 KODENSHI-KSD-D6S003-002 Datasheet
291Kb / 5P
   400V, 10A ULTRAFAST RECOVERY RECTIFIERS
SF10A400H KODENSHI-SF10A400H Datasheet
300Kb / 5P
   400V, 10A ULTRAFAST RECOVERY RECTIFIERS
SF10S400D2 KODENSHI-SF10S400D2 Datasheet
287Kb / 5P
   400V, 10A ULTRAFAST RECOVERY RECTIFIERS
logo
Shindengen Electric Mfg...
D5LC40 SHINDENGEN-D5LC40 Datasheet
450Kb / 7P
   Super Fast Recovery Rectifiers(400V 5A)
SF5LC40 SHINDENGEN-SF5LC40 Datasheet
392Kb / 6P
   Super Fast Recovery Rectifiers(400V 5A)
logo
KODENSHI_AUK CORP.
SF5A600H KODENSHI-SF5A600H Datasheet
284Kb / 5P
   600V, 5A ULTRAFAST RECOVERY RECTIFIERS
SF5A600H-1 KODENSHI-SF5A600H-1 Datasheet
284Kb / 5P
   600V, 5A ULTRAFAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com