Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF3A400H Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # SF3A400H
Description  ULTRA FAST RECOVERY POWER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SF3A400H Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  SF3A400H Datasheet HTML 1Page - KODENSHI_AUK CORP. SF3A400H Datasheet HTML 2Page - KODENSHI_AUK CORP. SF3A400H Datasheet HTML 3Page - KODENSHI_AUK CORP. SF3A400H Datasheet HTML 4Page - KODENSHI_AUK CORP. SF3A400H Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KSD-D6A013-001
2
Absolute Maximum Ratings (Limiting Values)
Characteristic
Symbol
Value
Unit
Maximum repetitive reverse voltage
Maximum working peak reverse voltage
Maximum DC blocking voltage
VRRM
VRWM
VR
400
V
Maximum average forward rectified current
IF(AV)
3
A
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load per diode
IFSM
60
A
Storage temperature range
Tstg
-45 to +150
Maximum operating junction temperature
TJ
150
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Maximum thermal resistance
junction to ambient
Rth(j-a)
76
℃/W
Electrical Characteristics
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Peak forward voltage drop
VFM
(1)
IFM = 3A
Tj=25℃
-
-
1.30
V
Tj=125℃
-
-
1.05
V
Reverse leakage current
IRM
(1)
VR = VRRM
Tj=25℃
-
-
5
uA
Tj=125℃
-
-
200
uA
Reverse recovery time
trr
IF = 0.5A, di/dt =-100 A/us
-
20
30
ns
Junction capacitance
Cj
VR = 4VDC, f=1MHz
-
40
100
pF
Note : (1) Pulse test : tP≤380 ㎲, Duty cycle≤2%
SF3A400H


Similar Part No. - SF3A400H

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SF3A400H KODENSHI-SF3A400H Datasheet
235Kb / 5P
   ULTRA FAST RECOVERY POWER RECTIFIER
More results

Similar Description - SF3A400H

ManufacturerPart #DatasheetDescription
logo
Seme LAB
1N6626D3A SEME-LAB-1N6626D3A Datasheet
282Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
logo
KODENSHI_AUK CORP.
SF1A600H KODENSHI-SF1A600H Datasheet
246Kb / 5P
   ULTRA FAST RECOVERY POWER RECTIFIER
SF3A600H KODENSHI-SF3A600H Datasheet
244Kb / 5P
   ULTRA FAST RECOVERY POWER RECTIFIER
logo
Fairchild Semiconductor
FFA15U120DN FAIRCHILD-FFA15U120DN Datasheet
75Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFA20U20DN FAIRCHILD-FFA20U20DN Datasheet
73Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFAF10U120DN FAIRCHILD-FFAF10U120DN Datasheet
77Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFAF15U20DN FAIRCHILD-FFAF15U20DN Datasheet
75Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFAF20U20DN FAIRCHILD-FFAF20U20DN Datasheet
76Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFAF20U60DN FAIRCHILD-FFAF20U60DN Datasheet
112Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFB20U20S FAIRCHILD-FFB20U20S Datasheet
111Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com