Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC0805KRX7R0BB102 Datasheet(PDF) 16 Page - YAGEO Corporation

Part # CC0805KRX7R0BB102
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CC0805KRX7R0BB102 Datasheet(HTML) 16 Page - YAGEO Corporation

Back Button CC0805KRX7R0BB102 Datasheet HTML 12Page - YAGEO Corporation CC0805KRX7R0BB102 Datasheet HTML 13Page - YAGEO Corporation CC0805KRX7R0BB102 Datasheet HTML 14Page - YAGEO Corporation CC0805KRX7R0BB102 Datasheet HTML 15Page - YAGEO Corporation CC0805KRX7R0BB102 Datasheet HTML 16Page - YAGEO Corporation CC0805KRX7R0BB102 Datasheet HTML 17Page - YAGEO Corporation CC0805KRX7R0BB102 Datasheet HTML 18Page - YAGEO Corporation CC0805KRX7R0BB102 Datasheet HTML 19Page - YAGEO Corporation CC0805KRX7R0BB102 Datasheet HTML 20Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
www.yageo.com
Oct 13, 2011 V.8
General Purpose & High Cap.
6.3 V to 50 V
Surface-Mount Ceramic Multilayer Capacitors
16
20
Product specification
X7R
TEST
TEST METHOD PROCEDURE
REQUIREMENTS
Temperature
Characteristic
IEC 60384-
21/22
4.6
Class 2:
Between minimum and maximum temperature
X7R: -55 °C to +125 °C
Normal Temperature: 20 °C
<General Purpose series>
∆C/C
Class 2:
X7R: ±15%
<High Capacitance series>
∆C/C
Class 2:
X7R: ±15%
Adhesion
4.7
A force applied for 10 seconds to the line joining the
terminations and in a plane parallel to the substrate
Force
size ≥ 0603: 5N
size = 0402: 2.5N
size = 0201: 1N
Mounting in accordance with IEC 60384-22 paragraph
4.3
No visible damage
Bond Strength
of Plating on
End Face
4.8
Conditions: bending 1 mm at a rate of 1 mm/s, radius jig
340 mm
<General Purpose series>
∆C/C
Class2:
X7R: ±10%
<High Capacitance series>
∆C/C
Class2:
X7R: ±10%
Dissolution of the end face plating shall
not exceed 25% of the length of the
edge concerned
<General Purpose series>
∆C/C
Class2:
X7R: ±10%
<High Capacitance series>
∆C/C
Class2:
X7R: ±10%
Resistance to
Soldering Heat
4.9
Precondition: 150 +0/–10 °C for 1 hour, then keep for
24 ±1 hours at room temperature
Preheating: for size ≤ 1206: 120 °C to 150 °C for 1
minute
Preheating: for size >1206: 100 °C to 120 °C for 1
minute and 170 °C to 200 °C for 1 minute
Solder bath temperature: 260 ±5 °C
Dipping time: 10 ±0.5 seconds
Recovery time: 24 ±2 hours
D.F. within initial specified value
Rins within initial specified value


Similar Part No. - CC0805KRX7R0BB102

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
CC0805KRX7R0BB102 DIALOG-CC0805KRX7R0BB102 Datasheet
474Kb / 6P
Evaluation Board for 10W Single-Output Switch-Mode Power Supply
CC0805KRX7R0BB102 DIALOG-CC0805KRX7R0BB102 Datasheet
488Kb / 7P
Evaluation Board for 15W Single-Output Switch-Mode Power Supply
More results

Similar Description - CC0805KRX7R0BB102

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com