Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MVQI Datasheet(PDF) 3 Page - MMD Components

Part # MVQI
Description  5X7 Ceramic SMD VCXO
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MVQI Datasheet(HTML) 3 Page - MMD Components

  MVQI_12 Datasheet HTML 1Page - MMD Components MVQI_12 Datasheet HTML 2Page - MMD Components MVQI_12 Datasheet HTML 3Page - MMD Components MVQI_12 Datasheet HTML 4Page - MMD Components MVQI_12 Datasheet HTML 5Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
06/30/11 C
Subject to change without notice
Pg 3 of 5
Revision:
Mechanical Details
EXTERNAL BYPASS CAPACITOR RECOMMENDED
SUGGESTED
LAND PATTERN
1.40 [.055]
DIMENSIONS IN BRACKETS ARE IN INCHES
5.20 [.205]
MAX
7.20 [.283]
MAX
2.00 [.079]
MAX
4
1.30 [.051]
3
2.54 [.100]
1.80 [.071]
2.00 [.079]
2.54 [.100]
2.40 [.094]
6
5
1
2
2.54 [.100]
2.54 [.100]
4.20 [.165]
MXXXXX
SYYWW
XXXXX
PIN 1 INDICATOR
Single Frequency Truth Table
Pin 1
Pin 2
Corresponding Frequency
Vc
Tristate
Frequency 1
Dual Frequency Truth Table
Pin 1
Pin 2
Corresponding Frequency
Vc
Logic '0'
Frequency 1
Vc
Logic '1'
Frequency 2
Pin Connections
Pin 1
Vc
Pin 2*
Tristate or Freq Select
Pin 3
Ground
Pin 4
Output
Pin 5**
Complimentary Output ONLY LVPECL & LVDS
Pin 6
Supply Voltage
*No Tristate available with Dual Frequency Option
** CMOS is No Connection
Typical Phase Noise
Offset Frequency
CMOS
70.000MHZ
LVPECL/LVDS
160.000MHZ
LVPECL/LVDS
622.000MHZ
100Hz
-88dBc/Hz
-85dBc/Hz
-80dBc/Hz
1KHz
-115dBc/Hz
-100dBc/Hz
-97dBc/Hz
10KHz
-120dBc/Hz
-115dBc/Hz
-117dBc/Hz
100KHz
-125dBc/Hz
-118dBc/Hz
-128dBc/Hz
1MHz
-130dBc/Hz
-128dBc/Hz
-138dBc/Hz
10MHz
-145dBc/Hz
-145dBc/Hz
-145dBc/Hz


Similar Part No. - MVQI_12

ManufacturerPart #DatasheetDescription
logo
MMD Components
MVQIL2 MMD-MVQIL2 Datasheet
256Kb / 5P
User Selectable Up to Two Frequencies
MVQIV3 MMD-MVQIV3 Datasheet
256Kb / 5P
User Selectable Up to Two Frequencies
More results

Similar Description - MVQI_12

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
UVV MTRONPTI-UVV Datasheet
284Kb / 1P
5x7 mm, 3.3 Volt, LVPECL/LVDS, VCXO
UVVJ MTRONPTI-UVVJ Datasheet
288Kb / 1P
5x7 mm, 3.3 Volt, LVPECL/LVDS, VCXO
logo
List of Unclassifed Man...
FVO13AA3 ETC2-FVO13AA3 Datasheet
193Kb / 1P
CERAMIC SMD VCXO
logo
MTRONPTI
UVVJ MTRONPTI-UVVJ_07 Datasheet
501Kb / 2P
5x7 mm, 3.3 Volt, LVPECL/LVDS, VCXO
logo
MMD Components
MIH MMD-MIH_13 Datasheet
126Kb / 2P
MIH Series 5X7 Ceramic SMD Oscillator
MIHK MMD-MIHK_12 Datasheet
102Kb / 2P
MIHK Series 5X7 Ceramic SMD Oscillator
MQIC MMD-MQIC_12 Datasheet
117Kb / 2P
MQIC & MQIT Series 5X7 Ceramic SMD Oscillator
MQQI MMD-MQQI_12 Datasheet
245Kb / 5P
MQQI Series 5X7 Ceramic SMD Oscillator
logo
Fox Electronics
FVM25AXT FOX-FVM25AXT Datasheet
36Kb / 1P
3.3V HCMOS, CERAMIC, SMD, VCXO
logo
MMD Components
MIV2 MMD-MIV2 Datasheet
154Kb / 2P
5X7 Ceramic SMD Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com