Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BM20B-SRDS-G-TF Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # BM20B-SRDS-G-TF
Description  1.0mm pitch/Disconnectable Crimp style connectors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BM20B-SRDS-G-TF Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  BM20B-SRDS-G-TF Datasheet HTML 1Page - List of Unclassifed Manufacturers BM20B-SRDS-G-TF Datasheet HTML 2Page - List of Unclassifed Manufacturers BM20B-SRDS-G-TF Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
20
30
40, 50
S
FW
11.5
14.2
20.2
24.0
32.0
44.0
25.5
33.5
45.5
11.5
14.2
20.2
28.4
40.4
28.4
40.4
24.0
32.0
44.0
25.5
33.5
45.5
1,500
1,500
1,500
1,250
1,250
1,250
Circuits
Dimensions (mm)
Side entry type
Top entry type
Side entry type
Top entry type
Side entry type
Top entry type
W1
Side entry type
Top entry type
Side entry type
Top entry type
Reel dimensions (mm)
Q'ty / reel
Feeding direction
2.0
±0.5
W1
+2.5
-1.0
(φ13)
12.0
±0.1
Feeding direction
4.0
±0.1 2.0±0.1 φ1.55±0.05
4.0
±0.1 2.0±0.1 φ1.55±0.05
Feeding direction
Cover tape
Carrier tape
Cover tape
Carrier tape
12.0
±0.1
φ1.55
±0.05
4.0
±0.1 2.0±0.1
Feeding direction
Feeding direction
Feeding direction
Cover tape leader
Carrier tape
The end part
160min.
Connector
mounting part
400min.
Leader part
100min.
4.0
±0.1 2.0±0.1 φ1.55±0.05
Taping specifications ––––––––––––––––––––––––––––––––––––––––––––––––––––––
Top entry type
Side entry type
(30 to 50 circuits)
(20 circuits)
(30 to 50 circuits)
(20 circuits)
SHD CONNECTOR
Note: 1. Specifications conform to JIS C 0806. The tape width, connector loading recess square hole dimensions,
etc. are determined by the number of circuits and external shape of the connector to be loaded.
Note: 2. Specifications are subject to change without prior notice.


Similar Part No. - BM20B-SRDS-G-TF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BM20B-SURS-TF ETC2-BM20B-SURS-TF Datasheet
84Kb / 2P
   0.8mm pitch/Disconnectable Insulation displacement connectors
More results

Similar Description - BM20B-SRDS-G-TF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SHLP-10V-S-B ETC2-SHLP-10V-S-B Datasheet
94Kb / 2P
   1.0mm pitch/Disconnectable Crimp style connectors
logo
Newhaven Display Intern...
SM02B-SRSS-TB NEWHAVEN-SM02B-SRSS-TB Datasheet
151Kb / 2P
   1.0mm pitch/Disconnectable Crimp style connectors
logo
Lightel Technologies IN...
BM05B-SRSS-TBLFSN LIGHTEL-BM05B-SRSS-TBLFSN Datasheet
151Kb / 2P
   1.0mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
SHR-02V-S-B ETC2-SHR-02V-S-B Datasheet
161Kb / 2P
   1.0mm pitch/Disconnectable Crimp style connectors
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
   Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com