Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BM20B-SRDS-G-TF Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BM20B-SRDS-G-TF
Description  1.0mm pitch/Disconnectable Crimp style connectors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BM20B-SRDS-G-TF Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BM20B-SRDS-G-TF Datasheet HTML 1Page - List of Unclassifed Manufacturers BM20B-SRDS-G-TF Datasheet HTML 2Page - List of Unclassifed Manufacturers BM20B-SRDS-G-TF Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
5
SHD CONNECTOR
4.9
4.2
B
C
A
1.0
Circuit No.3
No.1 mark
C
20
30
40
50
SHDR-20V-S-B
SHDR-30V-S-B
SHDR-40V-S-B
SHDR-50V-S-B
A
9.0
14.0
19.0
24.0
13.0
18.0
23.0
28.0
4,000
4,000
2,000
2,000
B
11.2
16.2
21.2
26.2
Circuits
Model No.
Material
PBT, UL94V-0, natural (white)
Q'ty / box
Dimensions (mm)
1.0
0.2
B
A
1.5
5.0
0.7
Circuit No.3
Circuit No.1
1.0
0.2
B
A
1.5
5.1
0.7
H JST
Circuit No.1
Circuit No.3
Side entry type
5.0
1.5
1.9
φ0.5
0.85
B
A
1.0
0.2
0.7
Circuit No.3
Circuit No.1
Top entry type with a boss
Top entry type
Material and Finish
20
30
40
50
BM20B-SRDS-G-TF
BM30B-SRDS-G-TF
BM40B-SRDS-G-TF
BM50B-SRDS-G-TF
9.0
14.0
19.0
24.0
12.3
17.3
22.3
27.3
1,500
1,500
1,500
1,500
SM20B-SRDS-G-TF
SM30B-SRDS-G-TF
SM40B-SRDS-G-TF
SM50B-SRDS-G-TF
9.0
20
13.1
1,250
14.0
30
18.1
1,250
19.0
40
23.1
1,250
24.0
50
28.1
1,250
Circuits
Model No.
Dimensions (mm)
AB
Top entry type
Q'ty / reel
Header contact: Phosphor bronze, nickel-undercoated, gold-plated
Wafer: PA, UL94V-0, natural (ivory)
Solder tab: Brass, copper-undercoated, tin-plated (reflow treatment)
Circuits
Model No.
Dimensions (mm)
AB
Side entry type
Q'ty / reel
B
20
19.0
12.3
1,250
30
14.0
17.3
1,250
40
19.0
22.3
1,250
50
24.0
27.3
1,250
A
BM20B-SRDS-A-G-TF
BM30B-SRDS-A-G-TF
BM40B-SRDS-A-G-TF
BM50B-SRDS-A-G-TF
Circuits
Q'ty / reel
Dimensions (mm)
Model No.
Material and Finish
Header contact: Phosphor bronze, nickel-undercoated, gold-plated
Wafer: PA, UL94V-0, natural (ivory)
Solder tab: Brass, copper-undercoated, tin-plated (reflow treatment)
Housing
RoHS compliance
Shrouded header
RoHS compliance This product displays (LF)(SN) on a label.
Note: 1. The products listed above are supplied on embossed-tape.
2. Contact JST for the headers with tin-plated pins.
3. Contact JST for the top entry type headers with suction cap.
RoHS compliance This product displays (LF)(SN) on a label.
Note: 1. The products listed above are supplied on embossed-tape.
2. Contact JST for the headers with tin-plated pins.


Similar Part No. - BM20B-SRDS-G-TF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BM20B-SURS-TF ETC2-BM20B-SURS-TF Datasheet
84Kb / 2P
0.8mm pitch/Disconnectable Insulation displacement connectors
More results

Similar Description - BM20B-SRDS-G-TF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SHLP-10V-S-B ETC2-SHLP-10V-S-B Datasheet
94Kb / 2P
1.0mm pitch/Disconnectable Crimp style connectors
logo
Newhaven Display Intern...
SM02B-SRSS-TB NEWHAVEN-SM02B-SRSS-TB Datasheet
151Kb / 2P
1.0mm pitch/Disconnectable Crimp style connectors
logo
Lightel Technologies IN...
BM05B-SRSS-TBLFSN LIGHTEL-BM05B-SRSS-TBLFSN Datasheet
151Kb / 2P
1.0mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
SHR-02V-S-B ETC2-SHR-02V-S-B Datasheet
161Kb / 2P
1.0mm pitch/Disconnectable Crimp style connectors
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
Disconnectable Crimp style connectors
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
Disconnectable Crimp style connectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com