Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BM20B-SRDS-G-TF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BM20B-SRDS-G-TF
Description  1.0mm pitch/Disconnectable Crimp style connectors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BM20B-SRDS-G-TF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BM20B-SRDS-G-TF Datasheet HTML 1Page - List of Unclassifed Manufacturers BM20B-SRDS-G-TF Datasheet HTML 2Page - List of Unclassifed Manufacturers BM20B-SRDS-G-TF Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
4
11
21
31
39
SHD CONNECTOR
1.0mm pitch/Disconnectable Crimp style connectors
Emboss Tape
Header outline
1.0±0.1
0.9±0.1
0.85±0.1
0.6
Circuit No.1
1.5
5.4
5.0
0.7
0.7
Header outline
1.5
5.1
7.1
0.7
0.7
1.25±0.1
0.85±0.1
0.6
1.0±0.1
Circuit No.1
Header outline
1.0±0.1
0.85±0.1
φ0.55+0.05
0.9±0.1
0.85±0.1
0.6
0
Circuit No.1
0.8
0.5
2.0
3.9
1.6
0.8
0.45
1.55
SSH-003GA-P0.2
0.032 ∼ 0.08
32∼28
0.4∼0.8
23,000
Material and Finish
Model No.
Applicable wire
Q'ty /
reel
mm2
AWG#
Insulation O.D. (mm)
Phosphor bronze, nickel-undercoated, Mating part; gold-plated
Contact
Crimping
machine
AP-K2N
MKS-L-10-3
*MKS-SC
MK/SSH/L-003-02
SC/SSH/L-003-02
Applicator
Crimp applicator
Dies
APLMK SSH/L003-02
APLSC SSH/L003-02
Crimp applicator with dies
SSH-003GA-P0.2
• Compact, low profile design
• Anti-misinsertion feature
• Receptacles with protrusions
• Header designed for vacuum pick and place robotics
The SHD connector is compact with a
mounting height of 6.3mm for top entry
type and 5.5mm for side entry type, and a
width of 5.0mm for top entry type and
5.1mm for side entry type.
PC board layout (viewed from component side) and Assembly layout
Note: 1. Tolerances are non-cumulative:
±0.05mm for all centers.
Note: 2. The dimensions above should serve as a guideline. Contact JST for details.
Specifications –––––––––––––––––––
• Current rating:
1.0A AC, DC (AWG #28)
• Voltage rating:
50V AC, DC
• Temperature range: -25˚C to +85˚C
(including temperature rise in applying
electrical current)
• Contact resistance: Initial value/20m Ω max.
After environmental testing/40m Ω max.
• Insulation resistance:
100M Ω min.
• Withstanding voltage:
500V AC/minute
• Applicable wire: Conductor size/AWG #32 to #28
Insulation O.D./0.4 to 0.8mm
*RoHS compliant products are published.
* Refer to "General Instruction and Notice when using
Terminals and Connectors" at the end of this catalog.
* Contact JST for details.
Standards ––––––––––––––––––––––
0 Recognized E60389
1CertifiedLR20812
Contact
RoHS compliance
Note: Contact JST for tin-plated products.
Note: *Strip-crimp applicator
Contact JST for applicable wires in case that it is not usable due to wire size.
Top entry type
Side entry type
Top entry type
with a boss


Similar Part No. - BM20B-SRDS-G-TF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BM20B-SURS-TF ETC2-BM20B-SURS-TF Datasheet
84Kb / 2P
   0.8mm pitch/Disconnectable Insulation displacement connectors
More results

Similar Description - BM20B-SRDS-G-TF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SHLP-10V-S-B ETC2-SHLP-10V-S-B Datasheet
94Kb / 2P
   1.0mm pitch/Disconnectable Crimp style connectors
logo
Newhaven Display Intern...
SM02B-SRSS-TB NEWHAVEN-SM02B-SRSS-TB Datasheet
151Kb / 2P
   1.0mm pitch/Disconnectable Crimp style connectors
logo
Lightel Technologies IN...
BM05B-SRSS-TBLFSN LIGHTEL-BM05B-SRSS-TBLFSN Datasheet
151Kb / 2P
   1.0mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
SHR-02V-S-B ETC2-SHR-02V-S-B Datasheet
161Kb / 2P
   1.0mm pitch/Disconnectable Crimp style connectors
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
   Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com