Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA0612KRX7R7BN473 Datasheet(PDF) 15 Page - YAGEO Corporation

Part # CA0612KRX7R7BN473
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CA0612KRX7R7BN473 Datasheet(HTML) 15 Page - YAGEO Corporation

Back Button CA0612KRX7R7BN473 Datasheet HTML 9Page - YAGEO Corporation CA0612KRX7R7BN473 Datasheet HTML 10Page - YAGEO Corporation CA0612KRX7R7BN473 Datasheet HTML 11Page - YAGEO Corporation CA0612KRX7R7BN473 Datasheet HTML 12Page - YAGEO Corporation CA0612KRX7R7BN473 Datasheet HTML 13Page - YAGEO Corporation CA0612KRX7R7BN473 Datasheet HTML 14Page - YAGEO Corporation CA0612KRX7R7BN473 Datasheet HTML 15Page - YAGEO Corporation CA0612KRX7R7BN473 Datasheet HTML 16Page - YAGEO Corporation CA0612KRX7R7BN473 Datasheet HTML 17Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
www.yageo.com
Feb 05, 2010 V.1
Surface-Mount Ceramic Multilayer Capacitors
15
17
Product specification
4C-Array
NP0/X7R/Y5V
16 V to 50 V
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
No visual damage
<General purpose series>
∆C/C
Class 1:
NP0: within ±1% or 1 pF, whichever is greater
Class2:
X5R/X7R: ±15%
Y5V: ±20%
<High Capacitance series>
∆C/C
Class2:
X5R/X7R: ±15%
Y5V: ±20%
Rapid change
of
temperature
IEC 60384-
21/22
4.11
Preconditioning;
150 +0/–10 °C for 1 hour, then keep for
24 ±1 hours at room temperature
5 cycles with following detail:
30 minutes at lower category temperature
30 minutes at upper category temperature
Recovery time 24 ±2 hours
D.F. meet initial specified value
Rins meet initial specified value
No visual damage after recovery
Damp heat
with Ur load
4.13
1.
Preconditioning, class 2 only:
150 +0/-10 °C /1 hour, then keep for
24 ±1 hour at room temp
2.
Initial measure:
Spec: refer initial spec C, D, IR
3.
Damp heat test:
500 ±12 hours at 40 ±2 °C;
90 to 95% R.H. 1.0 Ur applied
4.
Recovery:
Class 1: 6 to 24 hours
Class 2: 24 ±2 hours
5.
Final measure: C, D, IR
P.S. If the capacitance value is less than the
minimum value permitted, then after the
other measurements have been made the
capacitor shall be precondition according to
“IEC 60384 4.1” and then the requirement
shall be met.
<General purpose series>
∆C/C
Class 1:
NP0: within ±2% or 1 pF, whichever is greater
Class2:
X5R/X7R: ±15%; Y5V: ±30%
D.F.
Class 1: NP0: ≤ 2 x specified value
Class2:
X5R/X7R: ≤ 16V: ≤ 7%
≥ 25V: ≤ 5%
Y5V: ≤ 15%
Rins
Class 1:
NP0: ≥ 2,500 MΩ or Rins x Cr ≥ 25s whichever is less
Class2:
X5R/X7R/Y5V: ≥ 500 MΩ or Rins x Cr ≥ 25s
whichever is less
<High Capacitance series>
∆C/C
Class2: X5R/X7R: ±20%; Y5V: ±30%
D.F.
Class2: 2 x initial value max
Rins
Class2: 500 MΩ or Rins x Cr ≥ 25s, whichever is less


Similar Part No. - CA0612KRX7R7BN473

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CA0612KRX7R7BN121 YAGEO-CA0612KRX7R7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

Similar Description - CA0612KRX7R7BN473

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com