Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24296 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24296
Description  I2C Controlled 3A Single Cell USB Charger
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24296 Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ24296 Datasheet HTML 4Page - Texas Instruments BQ24296 Datasheet HTML 5Page - Texas Instruments BQ24296 Datasheet HTML 6Page - Texas Instruments BQ24296 Datasheet HTML 7Page - Texas Instruments BQ24296 Datasheet HTML 8Page - Texas Instruments BQ24296 Datasheet HTML 9Page - Texas Instruments BQ24296 Datasheet HTML 10Page - Texas Instruments BQ24296 Datasheet HTML 11Page - Texas Instruments BQ24296 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
bq24296
bq24297
SLUSBP6A – SEPTEMBER 2013 – REVISED OCTOBER 2013
www.ti.com
THERMAL INFORMATION
RGE PACKAGE
THERMAL METRIC(1)
UNITS
24-PIN
θJA
Junction-to-ambient thermal resistance
32.2
θJCtop
Junction-to-case (top) thermal resistance
29.8
θJB
Junction-to-board thermal resistance
9.1
°C/W
ψJT
Junction-to-top characterization parameter
0.3
ψJB
Junction-to-board characterization parameter
9.1
θJCbot
Junction-to-case (bottom) thermal resistance
2.2
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
space
ELECTRICAL CHARACTERISTICS
VVBUS_UVLOZ < VVBUS < VACOV and VVBUS > VBAT + VSLEEP, TJ = –40°C to 125°C and TJ = 25°C for typical values unless other
noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
QUIESCENT CURRENTS
VVBUS < VUVLO, VBAT = 4.2 V, leakage between
5
µA
BAT and VBUS
High-Z Mode, or no VBUS, BATFET disabled
IBAT
Battery discharge current (BAT, SW, SYS)
16
20
µA
(REG07[5] = 1), –40°C – 85°C
High-Z Mode, or no VBUS, BATFET enabled
32
55
µA
(REG07[5] = 0), –40°C – 85°C
VVBUS = 5 V, High-Z mode, No battery
15
30
µA
VVBUS > VUVLO, VVBUS > VBAT, converter not
1.5
3
mA
switching
IVBUS
Input supply current (VBUS)
VVBUS > VUVLO, VVBUS > VBAT, converter switching,
4
mA
VBAT=3.2V, ISYS=0A
VVBUS > VUVLO, VVBUS > VBAT, converter switching,
3.5
mA
charge disable, VBAT=3.8V, ISYS=100µA
VBAT=4.2V, Boost mode, IVBUS = 0A, converter
IBOOST
Battery Discharge Current in boost mode
3.5
mA
switching
VBUS/BAT POWER UP
VVBUS_OP
VBUS operating range
3.9
6.2
V
VVBUS_UVLOZ
VVBUS rising
3.6
V
VBUS for active I2C, no battery
VSLEEP
Sleep mode falling threshold
VVBUS falling, VVBUS-VBAT
35
80
120
mV
VSLEEPZ
Sleep mode rising threshold
VVBUS rising, VVBUS-VBAT
170
250
350
mV
VACOV
VBUS over-voltage rising threshold
VVBUS rising
6.2
6.6
V
VACOV_HYST
VBUS Over-Voltage Falling Hysteresis
VVBUS falling
250
mV
VBAT_UVLOZ
VBAT rising
2.3
V
Battery for active I2C, no VBUS
VBAT_DPL
Battery depletion threshold
VBAT falling
2.4
2.6
V
VBAT_DPL_HY
Battery depletion rising hysteresis
VBAT rising
200
mV
VVBUSMIN
Bad adapter detection threshold
VVBUS falling
3.8
V
IBADSRC
Bad adapter detection current source
30
mA
tBADSRC
Bad source detection duration
30
ms
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: bq24296 bq24297


Similar Part No. - BQ24296

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24296 TI1-BQ24296 Datasheet
1Mb / 48P
I2C Controlled 3A Single Cell USB Charger With Narrow VDC
BQ24296M TI1-BQ24296M Datasheet
1Mb / 51P
Controlled 3A Single Cell USB Charger
BQ24296MRGER TI1-BQ24296MRGER Datasheet
1Mb / 51P
Controlled 3A Single Cell USB Charger
BQ24296MRGET TI1-BQ24296MRGET Datasheet
1Mb / 51P
Controlled 3A Single Cell USB Charger
BQ24296M TI-BQ24296M_15 Datasheet
1Mb / 51P
bq24296M I2C Controlled 3A Single Cell USB Charger With Narrow VDC Power Path Management and Adjustable Voltage USB OTG
More results

Similar Description - BQ24296

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24295 TI1-BQ24295 Datasheet
1Mb / 45P
I2C Controlled 3A Single Cell USB Charger
logo
Anpec Electronics Corop...
APW7264 ANPEC-APW7264 Datasheet
512Kb / 38P
I2C Controlled 3A Single Cell USB Charger
logo
Texas Instruments
BQ24297 TI1-BQ24297 Datasheet
1Mb / 48P
I2C Controlled 3A Single Cell USB Charger
BQ24298 TI1-BQ24298 Datasheet
1Mb / 51P
Controlled 3A Single Cell USB Charger
BQ24296M TI1-BQ24296M Datasheet
1Mb / 51P
Controlled 3A Single Cell USB Charger
BQ24296 TI1-BQ24296 Datasheet
1Mb / 48P
I2C Controlled 3A Single Cell USB Charger With Narrow VDC
BQ24192IRGER TI-BQ24192IRGER Datasheet
2Mb / 46P
I2C Controlled 4.5A Single Cell USB/Adapter Charger
BQ24259 TI1-BQ24259 Datasheet
882Kb / 48P
Controlled 2A Single Cell USB Charger
BQ25890H TI1-BQ25890H Datasheet
1Mb / 66P
I2C Controlled Single Cell 5-A Fast Charger
BQ25898 TI1-BQ25898 Datasheet
369Kb / 11P
I2C Controlled Single Cell 4-A Fast Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com