Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24296 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24296
Description  I2C Controlled 3A Single Cell USB Charger
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24296 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ24296 Datasheet HTML 2Page - Texas Instruments BQ24296 Datasheet HTML 3Page - Texas Instruments BQ24296 Datasheet HTML 4Page - Texas Instruments BQ24296 Datasheet HTML 5Page - Texas Instruments BQ24296 Datasheet HTML 6Page - Texas Instruments BQ24296 Datasheet HTML 7Page - Texas Instruments BQ24296 Datasheet HTML 8Page - Texas Instruments BQ24296 Datasheet HTML 9Page - Texas Instruments BQ24296 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
STAT
SCL
SDA
PGND
PGND
SYS
SYS
4
5
6
7
8
9
15
16
17
18
22
23
24
1
2
3
BAT
BAT
13
14
19
20
21
10
11
12
VBUS
D+
D
bq24297
STAT
SCL
SDA
PGND
PGND
SYS
SYS
4
5
6
7
8
9
15
16
17
18
22
23
24
1
2
3
BAT
BAT
13
14
19
20
21
10
11
12
VBUS
PSEL
PG
bq24296
bq24296
bq24297
SLUSBP6A – SEPTEMBER 2013 – REVISED OCTOBER 2013
www.ti.com
PINOUTS
PIN FUNCTIONS
PIN
TYPE
DESCRIPTION
NAME
NO.
VBUS
1,24
P
Charger Input Voltage. The internal n-channel reverse block MOSFET (RBFET) is connected between VBUS and PMID
with VBUS on source. Place a 1µF ceramic capacitor from VBUS to PGND and place it as close as possible to IC.
D+
2
I
Positive line of the USB data line pair. D+/D– based USB host/charging port detection. The detection includes data
(bq24297)
contact detection (DCD), primary detection in bc1.2, and non-standard adapters.
Analog
PSEL
2
I
Power source selection input. High indicates a USB host source and Low indicates an adapter source.
(bq24296)
D–
3
I
Negative line of the USB data line pair. D+/D– based USB host/charging port detection. The detection includes data
(bq24297)
contact detection (DCD), primary detection in bc1.2, and non-standard adapters.
Analog
PG
3
O
Open drain active low power good indicator. Connect to the pull up rail via 10kohm resistor. LOW indicates a good input
(bq24296)
source if the input voltage is between UVLO and ACOV, above SLEEP mode threshold, and current limit is above 30mA.
STAT
4
O
Open drain charge status output to indicate various charger operation. Connect to the pull up rail via 10kohm. LOW
indicates charge in progress. HIGH indicates charge complete or charge disabled. When any fault condition occurs, STAT
pin in the charge blinks at 1Hz.
SCL
5
I
I2C Interface clock. Connect SCL to the logic rail through a 10k
Ω resistor.
SDA
6
I/O
I2C Interface data. Connect SDA to the logic rail through a 10k
Ω resistor.
INT
7
O
Open-drain Interrupt Output. Connect the INT to a logic rail via 10k
Ω resistor. The INT pin sends active low, 256us pulse
to host to report charger device status and fault.
OTG
8
I
USB current limit selection pin during buck mode, and active high enable pin during boost mode.
Digital
For bq24296, when in buck mode with USB host (PSEL=High), when OTG = High, IIN limit = 500mA and when OTG =
Low, IIN limit = 100mA.
For bq24297, when in buck mode with USB host, when OTG = High, IIN limit = 500mA and when OTG = Low, IIN limit =
100mA.
The boost mode is activated when the REG01[4]=1 and OTG pin is High.
CE
9
I
Active low Charge Enable pin. Battery charging is enabled when REG01[5:4]=01 and CE pin = Low. CE pin must be
pulled high or low.
ILIM
10
I
ILIM pin sets the maximum input current limit by regulating the ILIM voltage at 1V. A resistor is connected from ILIM pin to
ground to set the maximum limit as IINMAX = (1V/RILIM) × KILIM. The actual input current limit is the lower one set by ILIM
and by I2C REG00[2:0]. The minimum input current programmed on ILIM pin is 500mA.
TS
11
I
Temperature qualification voltage input #1. Connect a negative temperature coefficient thermistor. Program temperature
window with a resistor divider from REGN to TS1 to GND. Charge suspends or Boost disable disable when TS pin is out
Analog
of range. Recommend 103AT-2 thermistor.
QON
12
I
BATFET enable control in shipping mode. A logic low to high transition on this pin with minimum 2ms high level turns on
BATFET to exit shipping mode. It has internal 1M
Ω (typ.) pull down. For backward compatibility, when BATFET enable
control function is not used, the pin can be no connect or tied to TS pin. (Please refer to Shipping Mode for detail
description).
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: bq24296 bq24297


Similar Part No. - BQ24296

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24296 TI1-BQ24296 Datasheet
1Mb / 48P
I2C Controlled 3A Single Cell USB Charger With Narrow VDC
BQ24296M TI1-BQ24296M Datasheet
1Mb / 51P
Controlled 3A Single Cell USB Charger
BQ24296MRGER TI1-BQ24296MRGER Datasheet
1Mb / 51P
Controlled 3A Single Cell USB Charger
BQ24296MRGET TI1-BQ24296MRGET Datasheet
1Mb / 51P
Controlled 3A Single Cell USB Charger
BQ24296M TI-BQ24296M_15 Datasheet
1Mb / 51P
bq24296M I2C Controlled 3A Single Cell USB Charger With Narrow VDC Power Path Management and Adjustable Voltage USB OTG
More results

Similar Description - BQ24296

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24192IRGER TI-BQ24192IRGER Datasheet
2Mb / 46P
I2C Controlled 4.5A Single Cell USB/Adapter Charger
BQ24296 TI1-BQ24296 Datasheet
1Mb / 48P
I2C Controlled 3A Single Cell USB Charger With Narrow VDC
BQ24295 TI1-BQ24295 Datasheet
1Mb / 45P
I2C Controlled 3A Single Cell USB Charger
BQ24297 TI1-BQ24297 Datasheet
1Mb / 48P
I2C Controlled 3A Single Cell USB Charger
BQ25898 TI1-BQ25898 Datasheet
369Kb / 11P
I2C Controlled Single Cell 4-A Fast Charger
BQ24259 TI1-BQ24259 Datasheet
882Kb / 48P
Controlled 2A Single Cell USB Charger
BQ24296M TI1-BQ24296M Datasheet
1Mb / 51P
Controlled 3A Single Cell USB Charger
BQ24298 TI1-BQ24298 Datasheet
1Mb / 51P
Controlled 3A Single Cell USB Charger
BQ25890H TI1-BQ25890H Datasheet
1Mb / 66P
I2C Controlled Single Cell 5-A Fast Charger
logo
Anpec Electronics Corop...
APW7264 ANPEC-APW7264 Datasheet
512Kb / 38P
I2C Controlled 3A Single Cell USB Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com