Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA2Z0300AL Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MA2Z0300AL
Description  For reduced voltage and temperature compensation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA2Z0300AL Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MA2Z0300AL Datasheet HTML 1Page - Panasonic Semiconductor MA2Z0300AL Datasheet HTML 2Page - Panasonic Semiconductor MA2Z0300AL Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MA2Z030 Series
2
SKB00005BED
IF  VF
VF  Ta
IF  VF
VF  Ta
0
−40
0
80
120
40
0.2
0.4
0.6
0.8
Ambient temperature T
a (°C)
MA2Z030A
MA2Z030B
IF
= 1.5 mA
10−2
0
0.4
0.8
1.2
1.6
2.0
10−1
1
10
102
Forward voltage V
F (V)
MA2Z030WA
MA2Z030WB
0
−40
0
80
120
40
0.5
1.0
1.5
2.0
Ambient temperature T
a (°C)
IF
= 3 mA
MA2Z030WA
MA2Z030WB
10−2
0
0.2
0.4
0.6
0.8
1.0
10−1
1
10
102
Forward voltage V
F (V)
MA2Z030A
MA2Z030B
Ta
= 25°C
Characteristics charts of MA2Z030
Characteristics charts of MA2Z030W
This product complies with the RoHS Directive (EU 2002/95/EC).


Similar Part No. - MA2Z0300AL

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2Z001 PANASONIC-MA2Z001 Datasheet
69Kb / 2P
Silicon epitaxial planar type For switching circuits
MA2Z077 PANASONIC-MA2Z077 Datasheet
39Kb / 2P
Silicon epitaxial planar type
MA2Z081 PANASONIC-MA2Z081 Datasheet
42Kb / 2P
Silicon epitaxial planar type
More results

Similar Description - MA2Z0300AL

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57964S0202F000 EPCOS-B57964S0202F000 Datasheet
324Kb / 17P
NTC thermistors for temperature sensing and compensation
logo
Thinking Electronic Ind...
TCF3A20213181 THINKING-TCF3A20213181 Datasheet
109Kb / 5P
Lead Frame for Temperature Sensing/Compensation
TTS1B50213271 THINKING-TTS1B50213271 Datasheet
109Kb / 6P
Bead Type for Temperature Sensing/Compensation
logo
EPCOS
S964 EPCOS-S964 Datasheet
530Kb / 26P
NTC thermistors for temperature sensing and compensation
logo
Murata Manufacturing Co...
NCP21XW153K03RA MURATA-NCP21XW153K03RA Datasheet
624Kb / 40P
for Temperature Compensation 0201 (0603) Size
logo
List of Unclassifed Man...
M02097-11 ETC2-M02097-11 Datasheet
671Kb / 21P
Temperature compensation for modulation current
logo
Amphenol Corporation
NDK102C2R1 AMPHENOL-NDK102C2R1 Datasheet
74Kb / 2P
Designed for accurate temperature measurement, control and compensation
NK501C2 AMPHENOL-NK501C2 Datasheet
67Kb / 2P
Designed for accurate temperature measurement, control and compensation
logo
STMicroelectronics
LPS35HW STMICROELECTRONICS-LPS35HW Datasheet
2Mb / 48P
Embedded temperature compensation
July 2016 Rev 1
logo
Samsung semiconductor
CL05C1R2CB5NNND SAMSUNG-CL05C1R2CB5NNND Datasheet
242Kb / 17P
Wide temperature compensation and voltage range
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com