Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT93C46-10 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT93C46-10
Description  3-Wire Serial EEPROMs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT93C46-10 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT93C46-10 Datasheet HTML 1Page - ATMEL Corporation AT93C46-10 Datasheet HTML 2Page - ATMEL Corporation AT93C46-10 Datasheet HTML 3Page - ATMEL Corporation AT93C46-10 Datasheet HTML 4Page - ATMEL Corporation AT93C46-10 Datasheet HTML 5Page - ATMEL Corporation AT93C46-10 Datasheet HTML 6Page - ATMEL Corporation AT93C46-10 Datasheet HTML 7Page - ATMEL Corporation AT93C46-10 Datasheet HTML 8Page - ATMEL Corporation AT93C46-10 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
Features
Low Voltage and Standard Voltage Operation
– 5.0 (V
CC = 4.5V to 5.5V)
– 2.7 (V
CC = 2.7V to 5.5V)
– 2.5 (V
CC = 2.5V to 5.5V)
– 1.8 (V
CC = 1.8V to 5.5V)
User Selectable Internal Organization
– 1K: 128 x 8 or 64 x 16
– 2K: 256 x 8 or 128 x 16
– 4K: 512 x 8 or 256 x 16
3-Wire Serial Interface
2 MHz Clock Rate (5V) Compatibility
Self-Timed Write Cycle (10 ms max)
High Reliability
– Endurance: 1 Million Write Cycles
– Data Retention: 100 Years
– ESD Protection: >4000V
Automotive Grade and Extended Temperature Devices Available
8-Pin PDIP, 8-Pin JEDEC and EIAJ SOIC, and 8-Pin TSSOP Packages
Description
The AT93C46/56/57/66 provides 1024/2048/4096 bits of serial electrically erasable
programmable read only memory (EEPROM) organized as 64/128/256 words of 16
bits each, when the ORG Pin is connected to V
CC and 128/256/512 words of 8 bits
each when it is tied to ground. The device is optimized for use in many industrial and
commercial applications where low power and low voltage operations are essential.
The AT93C46/56/57/66 is available in space saving 8-pin PDIP and 8-pin JEDEC and
EIAJ SOIC packages.
3-Wire Serial
EEPROMs
1K (128 x 8 or 64 x 16)
2K (256 x 8 or 128 x 16)
4K (512 x 8 or 256 x 16)
AT93C46
AT93C56
AT93C57
AT93C66
Rev. 0172K–07/98
3-Wire, 1K
Serial E
2PROM
Pin Configurations
Pin Name
Function
CS
Chip Select
SK
Serial Data Clock
DI
Serial Data Input
DO
Serial Data Output
GND
Ground
V
CC
Power Supply
ORG
Internal Organization
DC
Don’t Connect
8-Pin PDIP
1
2
3
4
8
7
6
5
CS
SK
DI
DO
VCC
DC
ORG
GND
8-Pin SOIC
Rotated (R)
(1K JEDEC Only)
1
2
3
4
8
7
6
5
DC
VCC
CS
SK
ORG
GND
DO
DI
8-Pin SOIC
1
2
3
4
8
7
6
5
CS
SK
DI
DO
VCC
DC
ORG
GND
(continued)
8-Pin TSSOP
1
2
3
4
8
7
6
5
CS
SK
DI
DO
VCC
DC
ORG
GND


Similar Part No. - AT93C46-10

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C46-10PC ATMEL-AT93C46-10PC Datasheet
243Kb / 15P
   3-wire Serial EEPROMs
AT93C46-10PC-1.8 ATMEL-AT93C46-10PC-1.8 Datasheet
243Kb / 15P
   3-wire Serial EEPROMs
AT93C46-10PC-2.5 ATMEL-AT93C46-10PC-2.5 Datasheet
243Kb / 15P
   3-wire Serial EEPROMs
AT93C46-10PC-2.7 ATMEL-AT93C46-10PC-2.7 Datasheet
243Kb / 15P
   3-wire Serial EEPROMs
AT93C46-10PI ATMEL-AT93C46-10PI Datasheet
243Kb / 15P
   3-wire Serial EEPROMs
More results

Similar Description - AT93C46-10

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C46 ATMEL-AT93C46 Datasheet
243Kb / 15P
   3-wire Serial EEPROMs
AT93C46D ATMEL-AT93C46D_14 Datasheet
715Kb / 17P
   3-wire Automotive Temperature Serial EEPROMs
AT24C256N-10SU-2.7 ATMEL-AT24C256N-10SU-2.7 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
AT24C128 ATMEL-AT24C128 Datasheet
225Kb / 15P
   2-Wire Serial EEPROMs
AT24C128 ATMEL-AT24C128_03 Datasheet
208Kb / 20P
   2-wire Serial EEPROMs
logo
GTM CORPORATION
GSC24BC01 GTM-GSC24BC01 Datasheet
284Kb / 9P
   2-WIRE SERIAL EEPROMS
logo
ATMEL Corporation
AT59C11 ATMEL-AT59C11 Datasheet
131Kb / 13P
   4-Wire Serial EEPROMs
logo
GTM CORPORATION
GSC93BC46-66 GTM-GSC93BC46-66 Datasheet
276Kb / 8P
   2-WIRE SERIAL EEPROMS
logo
ATMEL Corporation
AT93C46 ATMEL-AT93C46_05 Datasheet
371Kb / 21P
   Three-wire Serial EEPROMs
AT24C256W-10SU-2.7 ATMEL-AT24C256W-10SU-2.7 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com