Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

93C56 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # 93C56
Description  3-Wire Serial EEPROMs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

93C56 Datasheet(HTML) 5 Page - ATMEL Corporation

  93C56 Datasheet HTML 1Page - ATMEL Corporation 93C56 Datasheet HTML 2Page - ATMEL Corporation 93C56 Datasheet HTML 3Page - ATMEL Corporation 93C56 Datasheet HTML 4Page - ATMEL Corporation 93C56 Datasheet HTML 5Page - ATMEL Corporation 93C56 Datasheet HTML 6Page - ATMEL Corporation 93C56 Datasheet HTML 7Page - ATMEL Corporation 93C56 Datasheet HTML 8Page - ATMEL Corporation 93C56 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AT93C46/56/57/66
5
Instruction Set for the AT93C46
Instruction
SB
Op
Code
Address
Data
Comments
x 8
x 16
x 8
x 16
READ
1
10
A
6 - A0
A
5 - A0
Reads data stored in memory, at
specified address.
EWEN
1
00
11XXXXX
11XXXX
Write enable must precede all
programming modes.
ERASE
1
11
A
6 - A0
A
5 - A0
Erase memory location A
n - A0.
WRITE
1
01
A
6 - A0
A
5 - A0
D
7 - D0
D
15 - D0
Writes memory location A
n - A0.
ERAL
1
00
10XXXXX
10XXXX
Erases all memory locations. Valid
only at V
CC = 4.5V to 5.5V.
WRAL
1
00
01XXXXX
01XXXX
D
7 - D0
D
15 - D0
Writes all memory locations. Valid
only at V
CC = 4.5V to 5.5V.
EWDS
1
00
00XXXXX
00XXXX
Disables all programming instructions.
Instruction Set for the AT93C57
Instruction
SB
Op
Code
Address
Data
Comments
x 8
x 16
x 8
x 16
READ
1
10
A
7 - A0
A
6 - A0
Reads data stored in memory, at
specified address.
EWEN
1
00
11XXXXXX
11XXXXX
Write enable must precede all
programming modes.
ERASE
1
11
A
7 - A0
A
6 - A0
Erase memory location A
n - A0.
WRITE
1
01
A
7 - A0
A
6 - A0
D
7 - D0
D
15 - D0
Writes memory location A
n - A0.
ERAL
1
00
10XXXXXX
10XXXXX
Erases all memory locations. Valid
only at V
CC = 4.5V to 5.5V.
WRAL
1
00
01XXXXXX
01XXXXX
D
7 - D0
D
15 - D0
Writes all memory locations. Valid
only at V
CC = 4.5V to 5.5V.
EWDS
1
00
00XXXXXX
00XXXXX
Disables all programming instructions.


Similar Part No. - 93C56

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
93C56 NSC-93C56 Datasheet
290Kb / 8P
   Electrically Erasable Programmable Memories
logo
STMicroelectronics
93C56 STMICROELECTRONICS-93C56 Datasheet
436Kb / 27P
   16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide
93C56 STMICROELECTRONICS-93C56 Datasheet
108Kb / 13P
   2K 128 x 16 or 256 x 8 SERIAL MICROWIRE EEPROM
logo
Microchip Technology
93C56 MICROCHIP-93C56 Datasheet
252Kb / 12P
   2K 5.0V Automotive Temperature Microwire Serial EEPROM
1998
93C56A MICROCHIP-93C56A Datasheet
252Kb / 12P
   2K 5.0V Automotive Temperature Microwire Serial EEPROM
1998
More results

Similar Description - 93C56

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C46 ATMEL-AT93C46 Datasheet
243Kb / 15P
   3-wire Serial EEPROMs
AT93C46D ATMEL-AT93C46D_14 Datasheet
715Kb / 17P
   3-wire Automotive Temperature Serial EEPROMs
AT24C256N-10SU-2.7 ATMEL-AT24C256N-10SU-2.7 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
AT24C128 ATMEL-AT24C128 Datasheet
225Kb / 15P
   2-Wire Serial EEPROMs
AT24C128 ATMEL-AT24C128_03 Datasheet
208Kb / 20P
   2-wire Serial EEPROMs
logo
GTM CORPORATION
GSC24BC01 GTM-GSC24BC01 Datasheet
284Kb / 9P
   2-WIRE SERIAL EEPROMS
logo
ATMEL Corporation
AT59C11 ATMEL-AT59C11 Datasheet
131Kb / 13P
   4-Wire Serial EEPROMs
logo
GTM CORPORATION
GSC93BC46-66 GTM-GSC93BC46-66 Datasheet
276Kb / 8P
   2-WIRE SERIAL EEPROMS
logo
ATMEL Corporation
AT93C46 ATMEL-AT93C46_05 Datasheet
371Kb / 21P
   Three-wire Serial EEPROMs
AT24C256W-10SU-2.7 ATMEL-AT24C256W-10SU-2.7 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com