Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

93C56 Datasheet(PDF) 15 Page - ATMEL Corporation

Part # 93C56
Description  3-Wire Serial EEPROMs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

93C56 Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button 93C56 Datasheet HTML 7Page - ATMEL Corporation 93C56 Datasheet HTML 8Page - ATMEL Corporation 93C56 Datasheet HTML 9Page - ATMEL Corporation 93C56 Datasheet HTML 10Page - ATMEL Corporation 93C56 Datasheet HTML 11Page - ATMEL Corporation 93C56 Datasheet HTML 12Page - ATMEL Corporation 93C56 Datasheet HTML 13Page - ATMEL Corporation 93C56 Datasheet HTML 14Page - ATMEL Corporation 93C56 Datasheet HTML 15Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
AT93C46/56/57/66
15
Packaging Information
.400 (10.16)
.355 (9.02)
PIN
1
.280 (7.11)
.240 (6.10)
.037 (.940)
.027 (.690)
.300 (7.62) REF
.210 (5.33) MAX
SEATING
PLANE
.100 (2.54) BSC
.015 (.380) MIN
.022 (.559)
.014 (.356)
.150 (3.81)
.115 (2.92)
.070 (1.78)
.045 (1.14)
.325 (8.26)
.300 (7.62)
0
15
REF
.430 (10.9) MAX
.012 (.305)
.008 (.203)
.020 (.508)
.013 (.330)
PIN 1
.157 (3.99)
.150 (3.81)
.244 (6.20)
.228 (5.79)
.050 (1.27) BSC
.196 (4.98)
.189 (4.80)
.068 (1.73)
.053 (1.35)
.010 (.254)
.004 (.102)
0
8
REF
.010 (.254)
.007 (.203)
.050 (1.27)
.016 (.406)
.020 (.508)
.012 (.305)
.213 (5.41)
.205 (5.21)
.330 (8.38)
.300 (7.62)
PIN 1
.050 (1.27) BSC
.212 (5.38)
.203 (5.16)
.080 (2.03)
.070 (1.78)
.013 (.330)
.004 (.102)
0
8
REF
.010 (.254)
.007 (.178)
.035 (.889)
.020 (.508)
*Controlling dimension: millimeters
6.50 (.256)
6.25 (.246)
0.30 (.012)
0.19 (.008)
.65 (.026) BSC
1.05 (.041)
0.80 (.033)
3.10 (.122)
4.5 (.177)
2.90 (.114)
4.3 (.169)
0.15 (.006)
0.05 (.002)
1.20 (.047) MAX
0.20 (.008)
0.75 (.030)
0.09 (.004)
0.45 (.018)
0
8
REF
PIN 1
8P3, 8-Lead, 0.300” Wide, Plastic Dual Inline
Package (PDIP)
Dimensions in Inches and (Millimeters)
JEDEC STANDARD MS-001 BA
8S1, 8-Lead, 0.150” Wide, Plastic Gull Wing Small
Outline (JEDEC SOIC)
Dimensions in Inches and (Millimeters)
8S2, 8-Lead, 0.200” Wide, Plastic Gull Wing Small
Outline (EIAJ SOIC)
Dimensions in Inches and (Millimeters)
8T, 8-Lead, 0.170” Wide Thin Shrink Small Outline
Package (TSSOP)
Dimensions in Millimeters and (Inches)*


Similar Part No. - 93C56

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
93C56 NSC-93C56 Datasheet
290Kb / 8P
   Electrically Erasable Programmable Memories
logo
STMicroelectronics
93C56 STMICROELECTRONICS-93C56 Datasheet
436Kb / 27P
   16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide
93C56 STMICROELECTRONICS-93C56 Datasheet
108Kb / 13P
   2K 128 x 16 or 256 x 8 SERIAL MICROWIRE EEPROM
logo
Microchip Technology
93C56 MICROCHIP-93C56 Datasheet
252Kb / 12P
   2K 5.0V Automotive Temperature Microwire Serial EEPROM
1998
93C56A MICROCHIP-93C56A Datasheet
252Kb / 12P
   2K 5.0V Automotive Temperature Microwire Serial EEPROM
1998
More results

Similar Description - 93C56

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C46 ATMEL-AT93C46 Datasheet
243Kb / 15P
   3-wire Serial EEPROMs
AT93C46D ATMEL-AT93C46D_14 Datasheet
715Kb / 17P
   3-wire Automotive Temperature Serial EEPROMs
AT24C256N-10SU-2.7 ATMEL-AT24C256N-10SU-2.7 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
AT24C128 ATMEL-AT24C128 Datasheet
225Kb / 15P
   2-Wire Serial EEPROMs
AT24C128 ATMEL-AT24C128_03 Datasheet
208Kb / 20P
   2-wire Serial EEPROMs
logo
GTM CORPORATION
GSC24BC01 GTM-GSC24BC01 Datasheet
284Kb / 9P
   2-WIRE SERIAL EEPROMS
logo
ATMEL Corporation
AT59C11 ATMEL-AT59C11 Datasheet
131Kb / 13P
   4-Wire Serial EEPROMs
logo
GTM CORPORATION
GSC93BC46-66 GTM-GSC93BC46-66 Datasheet
276Kb / 8P
   2-WIRE SERIAL EEPROMS
logo
ATMEL Corporation
AT93C46 ATMEL-AT93C46_05 Datasheet
371Kb / 21P
   Three-wire Serial EEPROMs
AT24C256W-10SU-2.7 ATMEL-AT24C256W-10SU-2.7 Datasheet
367Kb / 23P
   Two-wire Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com