Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MQQI Datasheet(PDF) 1 Page - MMD Components

Part # MQQI
Description  MQQI Series 5X7 Ceramic SMD Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MQQI Datasheet(HTML) 1 Page - MMD Components

  MQQI_12 Datasheet HTML 1Page - MMD Components MQQI_12 Datasheet HTML 2Page - MMD Components MQQI_12 Datasheet HTML 3Page - MMD Components MQQI_12 Datasheet HTML 4Page - MMD Components MQQI_12 Datasheet HTML 5Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
06/30/11 C
Subject to change without notice
Pg 1 of 5
Revision:
M
MQ
QQ
QII S
Se
erriie
ess 5
5X
X7
7 C
Ce
erra
am
miicc S
SM
MD
D O
Osscciilllla
atto
orr
 User Selectable Up to Four Frequencies
 LVDS, LVPECL OR CMOS
 6 Pad Standard Package
 OneClock
Frequency Range CMOS
10MHZ to 250MHZ
Frequency Range LVDS & LVPECL
50.000MHZ to 1.50GHZ
Temperature Stability*
(See Part Number Guide for Options)
Operating Temperature Range
(See Part Number Guide for Options)
Storage Temperature Range
-55°C to +125°C
Aging (+25°C ±3°C)
±5ppm for first year
Waveform
LVPECL
CMOS
LVDS
Supply Voltage ±5% (Vdd)
+2.50 VDC
+3.30 VDC
+2.50 VDC
+3.30 VDC
+2.50 VDC
+3.30 VDC
Supply Current
54mA typ
20mA typ
25mA typ
23mA typ
Load
50Ω
15pF
10 TTL
Gates or
30pF
100Ω
Vol
.800V typ
1.60V typ
10% Vdd max
1.47V typ
1.60V typ
Voh
1.50V typ
2.35V typ
90% Vdd min
2.15V typ
2.30V typ
Differential Voltage
.650V typ
.700V typ
Rise/Fall Time (10% to 90% of Supply Voltage)
250pSec max
4nSec
350pSec max
Symmetry (50% of waveform)
(See Part Number Guide for Options)
Start-up Time
10mSec max
Period Jitter (RMS)
<2.5pSec
Tri-State Operation
Vih = 70% of Vdd min to Enable Output
Vil = 30% max or grounded to Disable Output (High Impedance)
Tristate Current Consumption (Disabled)
16mA
Absolute Maximum Voltage (Vdd)
4.20 Volts DC
* Inclusive of Temperature., Load and Voltage
.700V typ
Phase Jitter (12KHZ to 20MHZ)
<1.0pSec


Similar Part No. - MQQI_12

ManufacturerPart #DatasheetDescription
logo
MMD Components
MQQIC2 MMD-MQQIC2 Datasheet
245Kb / 5P
   User Selectable Up to Four Frequencies
More results

Similar Description - MQQI_12

ManufacturerPart #DatasheetDescription
logo
MMD Components
MIV2 MMD-MIV2 Datasheet
154Kb / 2P
   5X7 Ceramic SMD Oscillator
MIHK MMD-MIHK_12 Datasheet
102Kb / 2P
   MIHK Series 5X7 Ceramic SMD Oscillator
MIH MMD-MIH_13 Datasheet
126Kb / 2P
   MIH Series 5X7 Ceramic SMD Oscillator
MQIC MMD-MQIC_12 Datasheet
117Kb / 2P
   MQIC & MQIT Series 5X7 Ceramic SMD Oscillator
logo
Vectron International, ...
C5259 VECTRON-C5259 Datasheet
77Kb / 4P
   5x7 ceramic oscillator
logo
List of Unclassifed Man...
C5259 ETC1-C5259 Datasheet
73Kb / 4P
   5x7 ceramic oscillator
logo
MMD Components
MVQI MMD-MVQI_12 Datasheet
256Kb / 5P
   5X7 Ceramic SMD VCXO
logo
Crystek Corporation
C25XX CRYSTEKCRYSTAL-C25XX Datasheet
111Kb / 1P
   5X7 mm SMD, 2.5V, LVCMOS Clock Oscillator
CSO-018T CRYSTEKCRYSTAL-CSO-018T Datasheet
111Kb / 1P
   Clock Oscillator 5X7 mm SMD, 3.3V, HCMOS
C18XX CRYSTEKCRYSTAL-C18XX Datasheet
111Kb / 1P
   5X7 mm SMD, 1.8V, LVCMOS Clock Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com