Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MQQI Datasheet(PDF) 5 Page - MMD Components

Part # MQQI
Description  MQQI Series 5X7 Ceramic SMD Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components

MQQI Datasheet(HTML) 5 Page - MMD Components

  MQQI_12 Datasheet HTML 1Page - MMD Components MQQI_12 Datasheet HTML 2Page - MMD Components MQQI_12 Datasheet HTML 3Page - MMD Components MQQI_12 Datasheet HTML 4Page - MMD Components MQQI_12 Datasheet HTML 5Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MMD Monitor/Quartztek
30400 Esperanza, Rancho Santa Margarita, CA, 92688
Phone: (949) 709-5075, Fax: (949) 709-3536, www.mmdcomp.com
Sales@mmdcomp.com
06/30/11 C
Subject to change without notice
Pg 5 of 5
Revision:
PITCH
PITCH
8.00 [.315]
TAPE WIDTH
16.00 [.630]
DIRECTION OF FEED
180[7 IN]
REEL DIA
REEL DIA
Q1 Q2
Q3 Q4
Q1 Q2
Q4
Q3
TAPE WIDTH
1000
QTY PER REEL
PIN 1 ORIENT.
Q1
NOTES: UNLESS OTHERWISE SPECIFIED
1. Applicable Standards / Specifications
ANSI Y14.5M, Dimensions and Tolerances
EIA-481-B, 8 mm through 200mm Embossed Carrier Taping and 8 mm and 12 mm
Punched Carrier Taping of Surface Mount Components for Automatic Handling.
2. Dimensions are in millimeters.
3. Tolerances are ±0.10 [.004] mm unless otherwise specified.
4. Do not scale drawing.
Tape & Reel Dimensions


Similar Part No. - MQQI_12

ManufacturerPart #DatasheetDescription
logo
MMD Components
MQQIC2 MMD-MQQIC2 Datasheet
245Kb / 5P
   User Selectable Up to Four Frequencies
More results

Similar Description - MQQI_12

ManufacturerPart #DatasheetDescription
logo
MMD Components
MIV2 MMD-MIV2 Datasheet
154Kb / 2P
   5X7 Ceramic SMD Oscillator
MIHK MMD-MIHK_12 Datasheet
102Kb / 2P
   MIHK Series 5X7 Ceramic SMD Oscillator
MIH MMD-MIH_13 Datasheet
126Kb / 2P
   MIH Series 5X7 Ceramic SMD Oscillator
MQIC MMD-MQIC_12 Datasheet
117Kb / 2P
   MQIC & MQIT Series 5X7 Ceramic SMD Oscillator
logo
Vectron International, ...
C5259 VECTRON-C5259 Datasheet
77Kb / 4P
   5x7 ceramic oscillator
logo
List of Unclassifed Man...
C5259 ETC1-C5259 Datasheet
73Kb / 4P
   5x7 ceramic oscillator
logo
MMD Components
MVQI MMD-MVQI_12 Datasheet
256Kb / 5P
   5X7 Ceramic SMD VCXO
logo
Crystek Corporation
C25XX CRYSTEKCRYSTAL-C25XX Datasheet
111Kb / 1P
   5X7 mm SMD, 2.5V, LVCMOS Clock Oscillator
CSO-018T CRYSTEKCRYSTAL-CSO-018T Datasheet
111Kb / 1P
   Clock Oscillator 5X7 mm SMD, 3.3V, HCMOS
C18XX CRYSTEKCRYSTAL-C18XX Datasheet
111Kb / 1P
   5X7 mm SMD, 1.8V, LVCMOS Clock Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com