Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1021DCN8-10 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1021DCN8-10
Description  Precision Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1021DCN8-10 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1021DCN8-10 Datasheet HTML 2Page - Linear Technology LT1021DCN8-10 Datasheet HTML 3Page - Linear Technology LT1021DCN8-10 Datasheet HTML 4Page - Linear Technology LT1021DCN8-10 Datasheet HTML 5Page - Linear Technology LT1021DCN8-10 Datasheet HTML 6Page - Linear Technology LT1021DCN8-10 Datasheet HTML 7Page - Linear Technology LT1021DCN8-10 Datasheet HTML 8Page - Linear Technology LT1021DCN8-10 Datasheet HTML 9Page - Linear Technology LT1021DCN8-10 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1021
1021fc
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Quiescent Current LT1021-5
INPUT VOLTAGE (V)
0
0
0.2
0.6
0.8
1.0
35
30
1.8
LT1021 G10
0.4
5
10152025
40
1.2
1.4
1.6
TJ = – 55°C
TJ = 25°C
TJ = 125°C
IOUT = 0
Sink Mode* Current Limit
LT1021-5
OUTPUT VOLTAGE (V)
0
0
10
30
40
50
4
8
10
18
LT1021 G11
20
26
12
14
16
60
VIN = 8V
*NOTE THAT AN INPUT VOLTAGE IS REQUIRED
FOR 5V UNITS.
Thermal Regulation LT1021-5
TIME (ms)
– 1.0
– 0.5
140
LT1021 G12
20
60
100
0
0
40
80
120
LOAD
REGULATION
THERMAL
REGULATION
ILOAD = 10mA
VIN = 25V
∆POWER = 200mW
Load Transient Response
LT1021-5, CLOAD = 1000pF
Load Transient Response
LT1021-5, CLOAD = 0
TIME (
µs)
2
LT1021 G13
1
024
13
3
0
4
ISOURCE = 2-10mA
ISOURCE = 0.5mA
ISINK = 0
ISINK = 0.2mA
ISINK = 2-10mA
50mV
50mV
∆ISINK = 100µAP-P
∆ISOURCE = 100µAP-P
ISOURCE = 0
Output Noise 0.1Hz to 10Hz
LT1021-5
TIME (
µs)
10
LT1021 G14
5
010
20
515
15
0
20
ISOURCE = 2-10mA
ISOURCE = 0.2mA
ISINK = 0
ISINK = 0.2mA
ISINK = 2-10mA
20mV
20mV
∆ISINK = 100µAP-P
∆ISOURCE = 100µAP-P
ISOURCE = 0
TIME (MINUTES)
03
5
LT1021 G15
12
46
5
µV (1ppm)
FILTERING = 1 ZERO AT 0.1Hz
2 POLES AT 10Hz
Load Regulation
LT1021-7, LT1021-10
Output Voltage Temperature
Drift LT1021-7
TEMPERATURE (
°C)
–50
6.997
6.998
7.000
7.003
0
50
75
LT1021 G16
6.999
7.002
7.001
–25
25
100
125
OUTPUT CURRENT (mA)
–10
1
3
5
4
2
0
–2
–4
6
LT1021 G17
–1
–3
–5
–6
–8
– 4
0
4
8
–2
2
10
VIN = 12V
SOURCING
SINKING
Quiescent Current LT1021-7
INPUT VOLTAGE (V)
0
0
0.2
0.6
0.8
1.0
35
30
1.8
LT1021 G18
0.4
5
10152025
40
1.2
1.4
1.6
TJ = – 55°C
TJ = 25°C
TJ = 125°C
IOUT = 0


Similar Part No. - LT1021DCN8-10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1021DCN8-10 LINER-LT1021DCN8-10 Datasheet
227Kb / 16P
   Precision Reference
LT1021DCN8-10 LINER-LT1021DCN8-10 Datasheet
228Kb / 16P
   Precision Reference
logo
Linear Dimensions Semic...
LT1021DCN8-10 LINEAR_DIMENSIONS-LT1021DCN8-10 Datasheet
238Kb / 16P
   Precision Reference
More results

Similar Description - LT1021DCN8-10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
   Precision Reference?
LT1236 LINER-LT1236_15 Datasheet
230Kb / 12P
   Precision Reference
LM399 LINER-LM399_15 Datasheet
171Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1021DCN8-10 LINEAR_DIMENSIONS-LT1021DCN8-10 Datasheet
238Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM199 NSC-LM199_05 Datasheet
651Kb / 10P
   Precision Reference
logo
Linear Technology
LM199 LINER-LM199 Datasheet
296Kb / 5P
   Precision Reference
logo
National Semiconductor ...
LM329 NSC-LM329_08 Datasheet
197Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1236ACS8-5PBF LINEAR_DIMENSIONS-LT1236ACS8-5PBF Datasheet
230Kb / 12P
   Precision Reference
logo
Linear Technology
LT1021 LINER-LT1021_05 Datasheet
228Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM129 NSC-LM129 Datasheet
165Kb / 10P
   Precision Reference
logo
Linear Technology
LT1236 LINER-LT1236 Datasheet
262Kb / 12P
   Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com