Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1021DCS8-10PBF Datasheet(PDF) 1 Page - Linear Technology

Part # LT1021DCS8-10PBF
Description  Precision Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1021DCS8-10PBF Datasheet(HTML) 1 Page - Linear Technology

  LT1021DCS8-10PBF Datasheet HTML 1Page - Linear Technology LT1021DCS8-10PBF Datasheet HTML 2Page - Linear Technology LT1021DCS8-10PBF Datasheet HTML 3Page - Linear Technology LT1021DCS8-10PBF Datasheet HTML 4Page - Linear Technology LT1021DCS8-10PBF Datasheet HTML 5Page - Linear Technology LT1021DCS8-10PBF Datasheet HTML 6Page - Linear Technology LT1021DCS8-10PBF Datasheet HTML 7Page - Linear Technology LT1021DCS8-10PBF Datasheet HTML 8Page - Linear Technology LT1021DCS8-10PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1021
1021fc
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
Precision Reference
Typical Distribution of Temperature Drift
OUTPUT DRIFT (ppm/
°C)
–5
24
21
18
15
12
9
6
3
– 0
3
1021 TA01
–3
–1
1
5
2
–4
–2
0
4
DISTRIBUTION
OF THREE RUNS
Basic Positive and Negative Connections
LT1021
OUT
IN
GND
LT1021
(7 AND 10 ONLY)
OUT
IN
GND
VOUT
–VOUT
VIN
NC
R1 =
VOUT – (V
)
ILOAD + 1.5mA
–15V
(V )
R1
1021 TA01
Ultralow Drift: 5ppm/
°C Max Slope
Very Low Noise: <1ppm P-P (0.1Hz to 10Hz)
100% Noise Tested
Pin Compatible with Most Bandgap Reference
Applications, Including Ref 01, Ref 02, LM368,
MC1400 and MC1404 with Greatly Improved
Stability, Noise and Drift
Trimmed Output Voltage
Operates in Series or Shunt Mode
Output Sinks and Sources in Series Mode
>100dB Ripple Rejection
Minimum Input/Output Differential of 1V
Available in 5-Lead Can, N8 and S8 Packages
A/D and D/A Converters
Precision Regulators
Digital Voltmeters
Inertial Navigation Systems
Precision Scales
Portable Reference Standard
The LT
®1021 is a precision reference with ultralow drift
and noise, extremely good long term stability and almost
total immunity to input voltage variations. The reference
output will both source and sink up to 10mA. Three
voltages are available: 5V, 7V and 10V. The 7V and 10V
units can be used as shunt regulators (two-terminal zeners)
with the same precision characteristics as the three-
terminal connection. Special care has been taken to mini-
mize thermal regulation effects and temperature
induced hysteresis.
The LT1021 references are based on a buried zener diode
structure that eliminates noise and stability problems
associated with surface breakdown devices. Further, a
subsurface zener exhibits better temperature drift and
time stability than even the best bandgap references.
Unique circuit design makes the LT1021 the first IC
reference to offer ultralow drift without the use of high
power on-chip heaters.
The LT1021-7 uses no resistive divider to set output
voltage, and therefore exhibits the best long term stability
and temperature hysteresis. The LT1021-5 and LT1021-
10 are intended for systems requiring a precise 5V or 10V
reference with an initial tolerance as low as
±0.05%.
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LT1021DCS8-10PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1021DCS8-10 LINER-LT1021DCS8-10 Datasheet
227Kb / 16P
   Precision Reference
LT1021DCS8-10 LINER-LT1021DCS8-10 Datasheet
218Kb / 3P
   Precision Reference?
LT1021DCS8-10 LINER-LT1021DCS8-10 Datasheet
228Kb / 16P
   Precision Reference
More results

Similar Description - LT1021DCS8-10PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
   Precision Reference?
LT1236 LINER-LT1236_15 Datasheet
230Kb / 12P
   Precision Reference
LM399 LINER-LM399_15 Datasheet
171Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1021DCN8-10 LINEAR_DIMENSIONS-LT1021DCN8-10 Datasheet
238Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM199 NSC-LM199_05 Datasheet
651Kb / 10P
   Precision Reference
logo
Linear Technology
LM199 LINER-LM199 Datasheet
296Kb / 5P
   Precision Reference
logo
National Semiconductor ...
LM329 NSC-LM329_08 Datasheet
197Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1236ACS8-5PBF LINEAR_DIMENSIONS-LT1236ACS8-5PBF Datasheet
230Kb / 12P
   Precision Reference
logo
Linear Technology
LT1021 LINER-LT1021_05 Datasheet
228Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM129 NSC-LM129 Datasheet
165Kb / 10P
   Precision Reference
logo
Linear Technology
LT1236 LINER-LT1236 Datasheet
262Kb / 12P
   Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com