Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1021DCS8-10PBF Datasheet(PDF) 10 Page - Linear Technology

Part # LT1021DCS8-10PBF
Description  Precision Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1021DCS8-10PBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1021DCS8-10PBF Datasheet HTML 6Page - Linear Technology LT1021DCS8-10PBF Datasheet HTML 7Page - Linear Technology LT1021DCS8-10PBF Datasheet HTML 8Page - Linear Technology LT1021DCS8-10PBF Datasheet HTML 9Page - Linear Technology LT1021DCS8-10PBF Datasheet HTML 10Page - Linear Technology LT1021DCS8-10PBF Datasheet HTML 11Page - Linear Technology LT1021DCS8-10PBF Datasheet HTML 12Page - Linear Technology LT1021DCS8-10PBF Datasheet HTML 13Page - Linear Technology LT1021DCS8-10PBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1021
1021fc
APPLICATIONS INFORMATION
minimized. In the current output circuit, R1 determines
output current. It should have a TC commensurate with the
LT1021 or track closely with the feedback resistor around
the op amp.
Kelvin Connections
Although the LT1021 does not have true force/sense
capability at its outputs, significant improvements in ground
loop and line loss problems can be achieved with proper
hook-up. In series mode operation, the ground pin of the
LT1021 carries only
≈1mA and can be used as a sense
line, greatly reducing ground loop and loss problems on
the low side of the reference. The high side supplies load
current so line resistance must be kept low. Twelve feet of
#22 gauge hook-up wire or 1 foot of 0.025 inch printed
circuit trace will create 2mV loss at 10mA output current.
This is equivalent to 1LSB in a 10V, 12-bit system.
The following circuits show proper hook-up to minimize
errors due to ground loops and line losses. Losses in the
output lead can be greatly reduced by adding a PNP boost
transistor if load currents are 5mA or higher. R2 can be
added to further reduce current in the output sense lead.
Capacitive Loading and Transient Response
The LT1021 is stable with all capacitive loads, but for
optimum settling with load transients, output capacitance
should be under 1000pF. The output stage of the reference
is class AB with a fairly low idling current. This makes
transient response worst-case at light load currents. Be-
cause of internal current drain on the output, actual worst-
case occurs at ILOAD = 0 on LT1021-5, ILOAD =
– 0.8mA (sinking) on LT1021-7 and ILOAD = 1.4mA (sink-
ing) on LT1021-10. Significantly better load transient
response is obtained by moving slightly away from these
points. See Load Transient Response curves for details. In
general, best transient response is obtained when the
output is sourcing current. In critical applications, a 10
µF
solid tantalum capacitor with several ohms in series
provides optimum output bypass.
Standard Series Mode
LT1021
OUT
IN
GND
KEEP THIS LINE RESISTANCE LOW
LOAD
+
INPUT
GROUND
RETURN
1021 AI05
Series Mode with Boost Transistor
LT1021-7
OUT
IN
GND
R3
50k
RESISTOR TC DETERMINES IOUT TC
TC
≤ (10 • R1) TC. R2 AND R3 SCALE
WITH R1 FOR DIFFERENT OUTPUT CURRENTS
*
**
R1*
7.15k
1.000mA
R2**
182k
1021 AI04
+
OP AMP
LT1021-7
OUT
IN
TC TRACKING TO 50ppm/
°C
GND
R3
10k
R1*
200
1%
VOUT
6.950V
R2*
14k
1%
1021 AI03
LT1021
OUT
GND
IN
LOAD
R1
220
2N3906
R2*
INPUT
GROUND
RETURN
*OPTIONAL—REDUCES CURRENT IN OUTPUT SENSE LEAD
R2 = 2.4k (LT1021-5), 3k (LT1021-7), 5.6k (LT1021-10)
1021 AI06


Similar Part No. - LT1021DCS8-10PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1021DCS8-10 LINER-LT1021DCS8-10 Datasheet
227Kb / 16P
   Precision Reference
LT1021DCS8-10 LINER-LT1021DCS8-10 Datasheet
218Kb / 3P
   Precision Reference?
LT1021DCS8-10 LINER-LT1021DCS8-10 Datasheet
228Kb / 16P
   Precision Reference
More results

Similar Description - LT1021DCS8-10PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
   Precision Reference?
LT1236 LINER-LT1236_15 Datasheet
230Kb / 12P
   Precision Reference
LM399 LINER-LM399_15 Datasheet
171Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1021DCN8-10 LINEAR_DIMENSIONS-LT1021DCN8-10 Datasheet
238Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM199 NSC-LM199_05 Datasheet
651Kb / 10P
   Precision Reference
logo
Linear Technology
LM199 LINER-LM199 Datasheet
296Kb / 5P
   Precision Reference
logo
National Semiconductor ...
LM329 NSC-LM329_08 Datasheet
197Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1236ACS8-5PBF LINEAR_DIMENSIONS-LT1236ACS8-5PBF Datasheet
230Kb / 12P
   Precision Reference
logo
Linear Technology
LT1021 LINER-LT1021_05 Datasheet
228Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM129 NSC-LM129 Datasheet
165Kb / 10P
   Precision Reference
logo
Linear Technology
LT1236 LINER-LT1236 Datasheet
262Kb / 12P
   Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com