Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMIS30660NGA Datasheet(PDF) 1 Page - ON Semiconductor

Part # AMIS30660NGA
Description  High Speed CAN Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AMIS30660NGA Datasheet(HTML) 1 Page - ON Semiconductor

  AMIS30660NGA Datasheet HTML 1Page - ON Semiconductor AMIS30660NGA Datasheet HTML 2Page - ON Semiconductor AMIS30660NGA Datasheet HTML 3Page - ON Semiconductor AMIS30660NGA Datasheet HTML 4Page - ON Semiconductor AMIS30660NGA Datasheet HTML 5Page - ON Semiconductor AMIS30660NGA Datasheet HTML 6Page - ON Semiconductor AMIS30660NGA Datasheet HTML 7Page - ON Semiconductor AMIS30660NGA Datasheet HTML 8Page - ON Semiconductor AMIS30660NGA Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2012
August, 2012 − Rev. 10
1
Publication Order Number:
AMIS−30660/D
AMIS-30660
High Speed CAN
Transceiver
Description
The AMIS−30660 CAN transceiver is the interface between a
controller area network (CAN) protocol controller and the physical
bus and may be used in both 12 V and 24 V systems. The transceiver
provides differential transmit capability to the bus and differential
receive capability to the CAN controller.
Due to the wide common−mode voltage range of the receiver inputs,
the AMIS−30660 is able to reach outstanding levels of
electromagnetic susceptibility (EMS). Similarly, extremely low
electromagnetic emission (EME) is achieved by the excellent
matching of the output signals.
Features
Fully Compatible with the ISO 11898−2 Standard
Certified “Authentication on CAN Transceiver Conformance (d1.1)”
High Speed (up to 1 Mbit/s)
Ideally Suited for 12 V and 24 V Industrial and Automotive
Applications
Low EME Common−Mode Choke is No Longer Required
Differential Receiver with Wide Common−Mode Range ($35 V) for
High EMS
No Disturbance of the Bus Lines with an Unpowered Node
Transmit Data (TxD) Dominant Time−out Function
Thermal Protection
Bus Pins Protected Against Transients in an Automotive
Environment
Silent Mode in which the Transmitter is Disabled
Short Circuit Proof to Supply Voltage and Ground
Logic Level Inputs Compatible with 3.3 V Devices
These are Pb−Free Devices*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
PIN ASSIGNMENT
(Top View)
5
6
7
8
1
2
3
4
TxD
RxD
S
GND
CANL
CANH
PC20040918.3
See detailed ordering and shipping information in the package
dimensions section on page 9 of this data sheet.
ORDERING INFORMATION
VCC
Vref
1
8
30660−2
ALYW
G
1
8
30660−2 = Specific Device Code
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
MARKING
DIAGRAM
SOIC−8
CASE 751


Similar Part No. - AMIS30660NGA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS30660CANH2G ONSEMI-AMIS30660CANH2G Datasheet
143Kb / 10P
   High Speed CAN Transceiver
January, 2009 ??Rev. 8
AMIS30660CANH2G ONSEMI-AMIS30660CANH2G Datasheet
141Kb / 10P
   High Speed CAN Transceiver
August, 2012 ??Rev. 10
AMIS30660CANH2RG ONSEMI-AMIS30660CANH2RG Datasheet
143Kb / 10P
   High Speed CAN Transceiver
January, 2009 ??Rev. 8
AMIS30660CANH2RG ONSEMI-AMIS30660CANH2RG Datasheet
141Kb / 10P
   High Speed CAN Transceiver
August, 2012 ??Rev. 10
AMIS30660CANH6G ONSEMI-AMIS30660CANH6G Datasheet
143Kb / 10P
   High Speed CAN Transceiver
January, 2009 ??Rev. 8
More results

Similar Description - AMIS30660NGA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
   High-speed CAN transceiver
logo
ON Semiconductor
AMIS-30660 ONSEMI-AMIS-30660 Datasheet
143Kb / 10P
   High Speed CAN Transceiver
January, 2009 ??Rev. 8
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551 Datasheet
364Kb / 20P
   High-Speed CAN Transceiver
2002
logo
Infineon Technologies A...
IFX1050GVIO INFINEON-IFX1050GVIO Datasheet
1Mb / 19P
   High Speed CAN-Transceiver
Rev. 1.0, 2011-04-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com