Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX1612B Datasheet(PDF) 1 Page - Fox Electronics

Part # FX1612B
Description  Ceramic SMD Crystal
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FX1612B Datasheet(HTML) 1 Page - Fox Electronics

  FX1612B Datasheet HTML 1Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ceramic SMD Crystal
Model: FX1612B Series
RoHS/REACH Compliant / Pb Free
Rev. 11/16/2013
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 www.foxonline.comEMEA Tel: +44 .1283.568153 | Canada +1.888.438.2369 |
Japan Tel: +81.3.3374.2079 | Singapore Tel: +65.68447989© 2013 FOX ELECTRONICS | An Integrated Device Technology, Inc. company | ISO9001:2008 Certified
Part Number Selection
Part Number
Model
Number
Frequency Range (MHz)
821-Frequency-xxxx
FX1612B
24.000 ~ 80.000
Specifications
Parameters
Frequency Range
24.000 ~ 80.000 MHz
Frequency Tolerance @ 25°C
±30 PPM Max
1
Frequency Stability, ref @ 25°C
Over Operating Temp. Range
±30 PPM Max
1
Temperature Range
Operating (TOPR)
Storage
(TSTG)
-20°C ~ +70°C
1
-40°C ~ +85°C
Shunt Capacitance (CO)
3pF Max
Load Capacitance (CL)
4Pf ~ Series
(Customer Specified)
Drive Level
100uW Max
Aging per year
±3 PPM Typ
Maximum Soldering Temp / Time
260°C / 10 Seconds
Moisture Sensitivity Level (MSL)
1
Termination Finish:
Au over Ni
1 Tolerances and stabilities to ±10 PPM, operating temps to -40°C ~ +85°C available.
Frequency Range
(MHz)
Operating Mode
Max ESR Ω
24.000 ~ 29.999999
Fundamental
150
30.000 ~ 31.999999
Fundamental
120
32.000 ~ 80.000
Fundamental
100
Developed Frequencies (MHz)
2
24.000
26.000
27.000
32.000
38.400
40.000
2 Does not imply a stocked part.
Note: Dimensional drawing is for reference to critical specifications defined by size measurements.
Certain non-critical visual attributes, such as side castellations, etc. may vary.
All specifications subject to change without notice.


Similar Part No. - FX1612B

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX16 HIROSE-FX16 Datasheet
1Mb / 24P
0.5mm pitch, Next Generation High Speed Wire-to-Board Connectors
FX16-21P-0.5SD HIROSE-FX16-21P-0.5SD Datasheet
1Mb / 24P
0.5mm pitch, Next Generation High Speed Wire-to-Board Connectors
FX16-21P-0.5SDL HIROSE-FX16-21P-0.5SDL Datasheet
1Mb / 24P
0.5mm pitch, Next Generation High Speed Wire-to-Board Connectors
FX16-21P-GND HIROSE-FX16-21P-GND Datasheet
1Mb / 24P
0.5mm pitch, Next Generation High Speed Wire-to-Board Connectors
FX16-21P-GNDL HIROSE-FX16-21P-GNDL Datasheet
1Mb / 24P
0.5mm pitch, Next Generation High Speed Wire-to-Board Connectors
More results

Similar Description - FX1612B

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FX252B FOX-FX252B Datasheet
150Kb / 1P
Ceramic SMD Crystal
FX532 FOX-FX532 Datasheet
218Kb / 2P
Ceramic SMD Crystal
logo
Abracon Corporation
ABM3B ABRACON-ABM3B_08 Datasheet
202Kb / 2P
CERAMIC SMD CRYSTAL
Revised O: 03.11.08
ABM3B-10.000MHZ-10-1-U-T ABRACON-ABM3B-10.000MHZ-10-1-U-T Datasheet
312Kb / 2P
CERAMIC SMD CRYSTAL
04.19.13
ABM3B ABRACON-ABM3B_13 Datasheet
312Kb / 2P
CERAMIC SMD CRYSTAL
04.19.13
logo
Fox Electronics
FX252BS FOX-FX252BS Datasheet
506Kb / 2P
Ceramic SMD Crystal
logo
List of Unclassifed Man...
ABM3C-15.000MHZ-D4Y-T ETC2-ABM3C-15.000MHZ-D4Y-T Datasheet
1Mb / 3P
CERAMIC SMD CRYSTAL
logo
Fox Electronics
FX252BS-20.000 FOX-FX252BS-20.000 Datasheet
236Kb / 2P
Ceramic SMD Crystal
FX425B-12.000 FOX-FX425B-12.000 Datasheet
196Kb / 2P
Ceramic SMD Crystal
logo
Abracon Corporation
ABM3B-155-12.800MHZ ABRACON-ABM3B-155-12.800MHZ Datasheet
570Kb / 3P
CERAMIC SMD CRYSTAL
11.8.2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com