Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49LV8192T-12RI Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT49LV8192T-12RI
Description  8-Megabit 512K x 16 CMOS Flash Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LV8192T-12RI Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT49LV8192T-12RI Datasheet HTML 2Page - ATMEL Corporation AT49LV8192T-12RI Datasheet HTML 3Page - ATMEL Corporation AT49LV8192T-12RI Datasheet HTML 4Page - ATMEL Corporation AT49LV8192T-12RI Datasheet HTML 5Page - ATMEL Corporation AT49LV8192T-12RI Datasheet HTML 6Page - ATMEL Corporation AT49LV8192T-12RI Datasheet HTML 7Page - ATMEL Corporation AT49LV8192T-12RI Datasheet HTML 8Page - ATMEL Corporation AT49LV8192T-12RI Datasheet HTML 9Page - ATMEL Corporation AT49LV8192T-12RI Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
AT49BV/LV8192(T)
6
Notes:
1. X can be V
IL or VIH.
2. Refer to AC Programming Waveforms.
3. V
H = 12.0V ± 0.5V.
4. Manufacturer Code: 1FH, Device Code: A0H (49BV/LV8192), A3H (49BV/LV8192T).
5. See details under Software Product Identification Entry/Exit.
Note:
1. In the erase mode, I
CC is 50 mA.
DCand AC Operating Range
AT49BV/LV8192-12
AT49BV/LV8192-15
AT49BV/LV8192-20
Operating
Temperature (Case)
Com.
0°C - 70°C
0°C - 70°C
0°C - 70°C
Ind.
-40°C - 85°C
-40°C - 85°C
-40°C - 85°C
V
CC Power Supply
AT49LV8192
3.0V to 3.6V
3.0V to 3.6V
3.0V to 3.6V
AT49BV8192
2.7V to 3.6V
2.7V to 3.6V
2.7V to 3.6V
Operating Modes
Mode
CE
OE
WE
RESET
V
PP
Ai
I/O
Read
V
IL
V
IL
V
IH
V
IH
XAi
D
OUT
Program/Erase
(2)
VIL
VIH
VIL
VIH
5V
± 10%
Ai
DIN
Standby/Program
Inhibit
VIH
X
(1)
XVIH
X
X
High Z
Program Inhibit
X
X
VIH
VIH
VIL
Program Inhibit
X
V
IL
XV
IH
V
IL
Output Disable
X
V
IH
XV
IH
X
High Z
Reset
X
X
X
VIL
X
X
High Z
Product Identification
Hardware
V
IL
V
IL
V
IH
V
IH
A1 - A18 = V
IL, A9 = VH,
(3)
A0 = VIL
Manufacturer Code
(4)
A1 - A18 = V
IL, A9 = VH,
(3)
A0 = V
IH
Device Code
(4)
Software
(5)
V
IH
A0 = VIL, A1 - A18 = VIL
Manufacturer Code
(4)
A0 = V
IH, A1 - A18 = VIL
Device Code
(4)
DC Characteristics
Symbol
Parameter
Condition
Min
Max
Units
I
LI
Input Load Current
V
IN = 0V to VCC
10
µA
I
LO
Output Leakage Current
V
I/O = 0V to VCC
10
µA
I
SB1
V
CC Standby Current CMOS
CE = V
CC - 0.3V to VCC
50
µA
I
SB2
V
CC Standby Current TTL
CE = 2.0V to V
CC
1mA
ICC
(1)
VCC Active Current
f = 5 MHz; IOUT = 0 mA
25
mA
V
IL
Input Low Voltage
0.6
V
V
IH
Input High Voltage
2.0
V
VOL
Output Low Voltage
IOL = 2.1 mA
0.45
V
V
OH
Output High Voltage
I
OH = -400 µA2.4
V


Similar Part No. - AT49LV8192T-12RI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49LV8192A-90TC ATMEL-AT49LV8192A-90TC Datasheet
335Kb / 16P
   8-megabit (1M x 8/512K x 6) Flash memory
More results

Similar Description - AT49LV8192T-12RI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV008A ATMEL-AT49BV008A Datasheet
246Kb / 16P
   8-Megabit 1M x 8/ 512K x 16 CMOS Flash Memory
AT49F004 ATMEL-AT49F004 Datasheet
243Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49BV004 ATMEL-AT49BV004 Datasheet
241Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49F8192AT-70TC ATMEL-AT49F8192AT-70TC Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49F008A ATMEL-AT49F008A Datasheet
170Kb / 18P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49F8192 ATMEL-AT49F8192 Datasheet
241Kb / 11P
   8-Megabit 512K x 16 5-volt Only CMOS Flash Memory
AT49BV040B ATMEL-AT49BV040B Datasheet
355Kb / 21P
   4-megabit (512K x 8) Flash Memory
logo
Eon Silicon Solution In...
EN29LV800C EON-EN29LV800C Datasheet
1Mb / 40P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory
logo
Winbond
W29C040 WINBOND-W29C040 Datasheet
261Kb / 20P
   512K X 8 CMOS FLASH MEMORY
logo
ATMEL Corporation
AT49BV8192A-11TI ATMEL-AT49BV8192A-11TI Datasheet
335Kb / 16P
   8-megabit (1M x 8/512K x 6) Flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com