Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49LV8192T-12RI Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT49LV8192T-12RI
Description  8-Megabit 512K x 16 CMOS Flash Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LV8192T-12RI Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT49LV8192T-12RI Datasheet HTML 5Page - ATMEL Corporation AT49LV8192T-12RI Datasheet HTML 6Page - ATMEL Corporation AT49LV8192T-12RI Datasheet HTML 7Page - ATMEL Corporation AT49LV8192T-12RI Datasheet HTML 8Page - ATMEL Corporation AT49LV8192T-12RI Datasheet HTML 9Page - ATMEL Corporation AT49LV8192T-12RI Datasheet HTML 10Page - ATMEL Corporation AT49LV8192T-12RI Datasheet HTML 11Page - ATMEL Corporation AT49LV8192T-12RI Datasheet HTML 12Page - ATMEL Corporation AT49LV8192T-12RI Datasheet HTML 13Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
AT49BV/LV8192(T)
12
Ordering Information
t
ACC
(ns)
I
CC (mA)
Active
Standby
Ordering Code
Package
Operation Range
120
25
0.05
AT49BV8192-12RC
AT49BV8192-12TC
44R
48T
Commercial
(0
° to 70°C)
AT49BV8192-12RI
AT49BV8192-12TI
44R
48T
Industrial
(-40
° to 85°C)
150
25
0.05
AT49BV8192-15RC
AT49BV8192-15TC
44R
48T
Commercial
(0
° to 70°C)
AT49BV8192-15RI
AT49BV8192-15TI
44R
48T
Industrial
(-40
° to 85°C)
200
25
0.05
AT49BV8192-20RC
AT49BV8192-20TC
44R
48T
Commercial
(0
° to 70°C)
AT49BV8192-20RI
AT49BV8192-20TI
44R
48T
Industrial
(-40
° to 85°C)
120
25
0.05
AT49LV8192-12RC
AT49LV8192-12TC
44R
48T
Commercial
(0
° to 70°C)
AT49LV8192-12RI
AT49LV8192-12TI
44R
48T
Industrial
(-40
° to 85°C)
150
25
0.05
AT49LV8192-15RC
AT49LV8192-15TC
44R
48T
Commercial
(0
° to 70°C)
AT49LV8192-15RI
AT49LV8192-15TI
44R
48T
Industrial
(-40
° to 85°C)
200
25
0.05
AT49LV8192-20RC
AT49LV8192-20TC
44R
48T
Commercial
(0
° to 70°C)
AT49LV8192-20RI
AT49LV8192-20TI
44R
48T
Industrial
(-40
° to 85°C)
Package Type
44R
44-Lead, 0.525" Wide, Plastic Gull Wing Small Outline Package (SOIC/SOP)
48T
48-Lead, Thin Small Outline Package (TSOP)


Similar Part No. - AT49LV8192T-12RI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49LV8192A-90TC ATMEL-AT49LV8192A-90TC Datasheet
335Kb / 16P
   8-megabit (1M x 8/512K x 6) Flash memory
More results

Similar Description - AT49LV8192T-12RI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV008A ATMEL-AT49BV008A Datasheet
246Kb / 16P
   8-Megabit 1M x 8/ 512K x 16 CMOS Flash Memory
AT49F004 ATMEL-AT49F004 Datasheet
243Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49BV004 ATMEL-AT49BV004 Datasheet
241Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49F8192AT-70TC ATMEL-AT49F8192AT-70TC Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49F008A ATMEL-AT49F008A Datasheet
170Kb / 18P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49F8192 ATMEL-AT49F8192 Datasheet
241Kb / 11P
   8-Megabit 512K x 16 5-volt Only CMOS Flash Memory
AT49BV040B ATMEL-AT49BV040B Datasheet
355Kb / 21P
   4-megabit (512K x 8) Flash Memory
logo
Eon Silicon Solution In...
EN29LV800C EON-EN29LV800C Datasheet
1Mb / 40P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory
logo
Winbond
W29C040 WINBOND-W29C040 Datasheet
261Kb / 20P
   512K X 8 CMOS FLASH MEMORY
logo
ATMEL Corporation
AT49BV8192A-11TI ATMEL-AT49BV8192A-11TI Datasheet
335Kb / 16P
   8-megabit (1M x 8/512K x 6) Flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com