Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49F001-12PI Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT49F001-12PI
Description  1-Megabit 128K x 8 5-volt Only Flash Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F001-12PI Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT49F001-12PI Datasheet HTML 8Page - ATMEL Corporation AT49F001-12PI Datasheet HTML 9Page - ATMEL Corporation AT49F001-12PI Datasheet HTML 10Page - ATMEL Corporation AT49F001-12PI Datasheet HTML 11Page - ATMEL Corporation AT49F001-12PI Datasheet HTML 12Page - ATMEL Corporation AT49F001-12PI Datasheet HTML 13Page - ATMEL Corporation AT49F001-12PI Datasheet HTML 14Page - ATMEL Corporation AT49F001-12PI Datasheet HTML 15Page - ATMEL Corporation AT49F001-12PI Datasheet HTML 16Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AT49F001(N)(T)
14
AT49F001T Ordering Information
tACC
(ns)
I
CC (mA)
Ordering Code
Package
Operation Range
Active
Standby
55
50
0.1
AT49F001T-55JC
AT49F001T-55PC
AT49F001T-55TC
AT49F001T-55VC
32J
32P6
32T
32V
Commercial
(0
° to 70°C)
50
0.3
AT49F001T-55JI
AT49F001T-55PI
AT49F001T-55TI
AT49F001T-55VI
32J
32P6
32T
32V
Industrial
(-40
° to 85°C)
70
50
0.1
AT49F001T-70JC
AT49F001T-70PC
AT49F001T-70TC
AT49F001T-70VC
32J
32P6
32T
32V
Commercial
(0
° to 70°C)
50
0.3
AT49F001T-70JI
AT49F001T-70PI
AT49F001T-70TI
AT49F001T-70VI
32J
32P6
32T
32V
Industrial
(-40
° to 85°C)
90
50
0.1
AT49F001T-90JC
AT49F001T-90PC
AT49F001T-90TC
AT49F001T-90VC
32J
32P6
32T
32V
Commercial
(0
° to 70°C)
50
0.3
AT49F001T-90JI
AT49F001T-90PI
AT49F001T-90TI
AT49F001T-90VI
32J
32P6
32T
32V
Industrial
(-40
° to 85°C)
120
50
0.1
AT49F001T-12JC
AT49F001T-12PC
AT49F001T-12TC
AT49F001T-12VC
32J
32P6
32T
32V
Commercial
(0
° to 70°C)
50
0.3
AT49F001T-12JI
AT49F001T-12PI
AT49F001T-12TI
AT49F001T-12VI
32J
32P6
32T
32V
Industrial
(-40
° to 85°C)
Package Type
32J
32-Lead, Plastic, J-Leaded Chip Carrier Package (PLCC)
32P6
32-Lead, 0.600" Wide, Plastic Dual Inline Package (PDIP)
32T
32-Lead, Plastic Thin Small Outline Package (TSOP)
32V
32-Lead, Plastic Thin Small Outline Package (TSOP) (8 x 14 mm)


Similar Part No. - AT49F001-12PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F001A ATMEL-AT49F001A Datasheet
283Kb / 18P
   1-MEGABIT (128 X 8) 5-VOLT ONLY FLASH MEMORY
AT49F001A-45JI ATMEL-AT49F001A-45JI Datasheet
283Kb / 18P
   1-MEGABIT (128 X 8) 5-VOLT ONLY FLASH MEMORY
AT49F001A-45TI ATMEL-AT49F001A-45TI Datasheet
283Kb / 18P
   1-MEGABIT (128 X 8) 5-VOLT ONLY FLASH MEMORY
AT49F001A-45VI ATMEL-AT49F001A-45VI Datasheet
283Kb / 18P
   1-MEGABIT (128 X 8) 5-VOLT ONLY FLASH MEMORY
AT49F001A-55JI ATMEL-AT49F001A-55JI Datasheet
283Kb / 18P
   1-MEGABIT (128 X 8) 5-VOLT ONLY FLASH MEMORY
More results

Similar Description - AT49F001-12PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C010A ATMEL-AT29C010A_08 Datasheet
408Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A-70TI ATMEL-AT29C010A-70TI Datasheet
314Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A_02 Datasheet
214Kb / 18P
   1-Megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A Datasheet
727Kb / 12P
   1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT49F010 ATMEL-AT49F010 Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT29LV010A-12TU ATMEL-AT29LV010A-12TU Datasheet
721Kb / 16P
   1-megabit (128K x 8) 3-volt Only Flash Memory
AT49F001A ATMEL-AT49F001A Datasheet
283Kb / 18P
   1-MEGABIT (128 X 8) 5-VOLT ONLY FLASH MEMORY
logo
Hynix Semiconductor
HY29F080 HYNIX-HY29F080 Datasheet
366Kb / 38P
   8 Megabit (1M x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F008 ATMEL-AT49F008 Datasheet
124Kb / 12P
   8-Megabit 1M x 8 5-volt Only Flash Memory
AT49F080 ATMEL-AT49F080 Datasheet
98Kb / 12P
   8-Megabit 1M x 8 5-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com