Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BM28B-PUDSS-TFC Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # BM28B-PUDSS-TFC
Description  2.0mm pitch/Disconnectable Crimp style connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BM28B-PUDSS-TFC Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  BM28B-PUDSS-TFC Datasheet HTML 1Page - List of Unclassifed Manufacturers BM28B-PUDSS-TFC Datasheet HTML 2Page - List of Unclassifed Manufacturers BM28B-PUDSS-TFC Datasheet HTML 3Page - List of Unclassifed Manufacturers BM28B-PUDSS-TFC Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
BM-10B-PUDSS-TFC
S...natural Z...ivory K...black TR...tomato red
MG...moss green DPK...dark pink CB...cobalt blue
DO...dark orange
4
PUD CONNECTOR
SMT type shrouded header
A
8.8
2
B
Circuit No.1
A
8.8
2
B
Circuit No.1
A
8.8
2
B
Circuit No.1
2
A
8.8
B
Circuit No.1
Circuits
Model No.
Dimensions (mm)
A
B
Q’ty /
reel
8.0
10.0
12.0
14.0
16.0
18.0
22.0
24.0
26.0
28.0
14.0
16.0
18.0
20.0
22.0
24.0
28.0
30.0
32.0
34.0
400
400
400
400
400
400
400
400
400
400
10
12
14
16
18
20
24
26
28
30
BM10B-PUDSS -TFC
BM12B-PUDSS -TFC
BM14B-PUDSS -TFC
BM16B-PUDSS -TFC
BM18B-PUDSS -TFC
BM20B-PUDSS -TFC
BM24B-PUDSS -TFC
BM26B-PUDSS -TFC
BM28B-PUDSS -TFC
BM30B-PUDSS -TFC
Material and Finish
Post: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Wafer: polyamide, UL94V-0, natural
〈10 circuits〉
〈12, 14, 16, 18 circuits〉
〈20, 24 circuits〉
〈26, 28 circuits〉
RoHS compliance This product displays (LF)(SN) on a label.


Similar Part No. - BM28B-PUDSS-TFC

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
BM28B0.6-10DP/2-0.35V HIROSE-BM28B0.6-10DP/2-0.35V Datasheet
444Kb / 8P
   0.35mm pitch, 0.6mm height, Board to Board or Board to FPC Connectors with Rated Current Up to 5A
2018.4
BM28B0.6-10DS/2-0.35V HIROSE-BM28B0.6-10DS/2-0.35V Datasheet
444Kb / 8P
   0.35mm pitch, 0.6mm height, Board to Board or Board to FPC Connectors with Rated Current Up to 5A
2018.4
BM28B0.6-16DP/2-0.35V HIROSE-BM28B0.6-16DP/2-0.35V Datasheet
444Kb / 8P
   0.35mm pitch, 0.6mm height, Board to Board or Board to FPC Connectors with Rated Current Up to 5A
2018.4
BM28B0.6-16DS/2-0.35V HIROSE-BM28B0.6-16DS/2-0.35V Datasheet
444Kb / 8P
   0.35mm pitch, 0.6mm height, Board to Board or Board to FPC Connectors with Rated Current Up to 5A
2018.4
BM28B0.6-20DP/2-0.35V HIROSE-BM28B0.6-20DP/2-0.35V Datasheet
444Kb / 8P
   0.35mm pitch, 0.6mm height, Board to Board or Board to FPC Connectors with Rated Current Up to 5A
2018.4
More results

Similar Description - BM28B-PUDSS-TFC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PNDP-32V-Z ETC2-PNDP-32V-Z Datasheet
108Kb / 2P
   2.0mm pitch/Disconnectable Crimp style connectors
B12B-PADSS-1 ETC2-B12B-PADSS-1 Datasheet
111Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
PHR-2-BK ETC2-PHR-2-BK Datasheet
122Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
B04B-PNISK-1ALFSN ETC2-B04B-PNISK-1ALFSN Datasheet
85Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
logo
Japan Aviation Electron...
PHDR-30VS JAE-PHDR-30VS Datasheet
102Kb / 2P
   2.0mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
B6B-PH-SM4-TBLFSN ETC2-B6B-PH-SM4-TBLFSN Datasheet
122Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
B2B-PH-K-SLFSN ETC2-B2B-PH-K-SLFSN Datasheet
122Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
B16B-PADSS ETC2-B16B-PADSS Datasheet
111Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
KRW JST-KRW Datasheet
179Kb / 8P
   2.0mm pitch/Disconnectable Insulation displacement and Crimp style connectors
logo
List of Unclassifed Man...
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com