Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BM28B-PUDSS-TFC Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # BM28B-PUDSS-TFC
Description  2.0mm pitch/Disconnectable Crimp style connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BM28B-PUDSS-TFC Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  BM28B-PUDSS-TFC Datasheet HTML 1Page - List of Unclassifed Manufacturers BM28B-PUDSS-TFC Datasheet HTML 2Page - List of Unclassifed Manufacturers BM28B-PUDSS-TFC Datasheet HTML 3Page - List of Unclassifed Manufacturers BM28B-PUDSS-TFC Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
A
2
B
8.3
3.4
2
Circuit No.1
A
2
B
8.3
3.4
2
Circuit No.1
2
A
B
8.3
3.4
2
Circuit No.1
A
2
B
8.5
0.8
3
Circuit No.1
B
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
B08B-PUDSS
B10B-PUDSS
B12B-PUDSS
B14B-PUDSS
B16B-PUDSS
B18B-PUDSS
B20B-PUDSS
B22B-PUDSS
B24B-PUDSS
B26B-PUDSS
B28B-PUDSS
B30B-PUDSS
B32B-PUDSS
B34B-PUDSS
B36B-PUDSS
B38B-PUDSS
B40B-PUDSS
B08B-PUDSS-1
B10B-PUDSS-1
B12B-PUDSS-1
B14B-PUDSS-1
B16B-PUDSS-1
B18B-PUDSS-1
B20B-PUDSS-1
B22B-PUDSS-1
B24B-PUDSS-1
B26B-PUDSS-1
B28B-PUDSS-1
B30B-PUDSS-1
B32B-PUDSS-1
B34B-PUDSS-1
B36B-PUDSS-1
B38B-PUDSS-1
B40B-PUDSS-1
S08B-PUDSS-1
S10B-PUDSS-1
S12B-PUDSS-1
S14B-PUDSS-1
S16B-PUDSS-1
S18B-PUDSS-1
S20B-PUDSS-1
S22B-PUDSS-1
S24B-PUDSS-1
S26B-PUDSS-1
S28B-PUDSS-1
S30B-PUDSS-1
S32B-PUDSS-1
S34B-PUDSS-1
S36B-PUDSS-1
S38B-PUDSS-1
S40B-PUDSS-1
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
36.0
38.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
36.0
38.0
40.0
42.0
3,300
2,750
2,310
1,980
1,760
1,650
1,430
1,320
1,210
1,100
1,100
990
880
880
770
770
770
A
Circuits
Top entry type
Without boss
With boss
With boss
Q’ty /
box
Dimensions
(mm)
Model No.
Side entry type
Material and Finish
Post: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Wafer: Glass-filled PA 66, UL94V-0, natural
RoHS compliance This product displays (LF)(SN) on a label.
Note: Color indication was changed.
Berofe change;
S...natural (ivory)
→ After change; S...natural
〈8, 10 circuits〉
B
A
2
8.5
0.8
3
Circuit No.1
〈12 to 18 circuits〉
3
PUD CONNECTOR
〈20 to 40 circuits〉
A
2
B
8.5
0.8
3
Circuit No.1
Through-hole type shrouded header
〈8, 10 circuits〉
〈12 to 18 circuits〉
〈20 to 40 circuits〉
Top entry type
Side entry type
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
B08B-PUDSS-1
S...natural Z...ivory E...blue K...black TR...tomato red
MG...moss green DPK...dark pink CB...cobalt blue
DO...dark orange


Similar Part No. - BM28B-PUDSS-TFC

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
BM28B0.6-10DP/2-0.35V HIROSE-BM28B0.6-10DP/2-0.35V Datasheet
444Kb / 8P
   0.35mm pitch, 0.6mm height, Board to Board or Board to FPC Connectors with Rated Current Up to 5A
2018.4
BM28B0.6-10DS/2-0.35V HIROSE-BM28B0.6-10DS/2-0.35V Datasheet
444Kb / 8P
   0.35mm pitch, 0.6mm height, Board to Board or Board to FPC Connectors with Rated Current Up to 5A
2018.4
BM28B0.6-16DP/2-0.35V HIROSE-BM28B0.6-16DP/2-0.35V Datasheet
444Kb / 8P
   0.35mm pitch, 0.6mm height, Board to Board or Board to FPC Connectors with Rated Current Up to 5A
2018.4
BM28B0.6-16DS/2-0.35V HIROSE-BM28B0.6-16DS/2-0.35V Datasheet
444Kb / 8P
   0.35mm pitch, 0.6mm height, Board to Board or Board to FPC Connectors with Rated Current Up to 5A
2018.4
BM28B0.6-20DP/2-0.35V HIROSE-BM28B0.6-20DP/2-0.35V Datasheet
444Kb / 8P
   0.35mm pitch, 0.6mm height, Board to Board or Board to FPC Connectors with Rated Current Up to 5A
2018.4
More results

Similar Description - BM28B-PUDSS-TFC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PNDP-32V-Z ETC2-PNDP-32V-Z Datasheet
108Kb / 2P
   2.0mm pitch/Disconnectable Crimp style connectors
B12B-PADSS-1 ETC2-B12B-PADSS-1 Datasheet
111Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
PHR-2-BK ETC2-PHR-2-BK Datasheet
122Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
B04B-PNISK-1ALFSN ETC2-B04B-PNISK-1ALFSN Datasheet
85Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
logo
Japan Aviation Electron...
PHDR-30VS JAE-PHDR-30VS Datasheet
102Kb / 2P
   2.0mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
B6B-PH-SM4-TBLFSN ETC2-B6B-PH-SM4-TBLFSN Datasheet
122Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
B2B-PH-K-SLFSN ETC2-B2B-PH-K-SLFSN Datasheet
122Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
B16B-PADSS ETC2-B16B-PADSS Datasheet
111Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
KRW JST-KRW Datasheet
179Kb / 8P
   2.0mm pitch/Disconnectable Insulation displacement and Crimp style connectors
logo
List of Unclassifed Man...
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com