Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49F8192 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT49F8192
Description  8-Megabit 512K x 16 5-volt Only CMOS Flash Memory
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F8192 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT49F8192 Datasheet HTML 1Page - ATMEL Corporation AT49F8192 Datasheet HTML 2Page - ATMEL Corporation AT49F8192 Datasheet HTML 3Page - ATMEL Corporation AT49F8192 Datasheet HTML 4Page - ATMEL Corporation AT49F8192 Datasheet HTML 5Page - ATMEL Corporation AT49F8192 Datasheet HTML 6Page - ATMEL Corporation AT49F8192 Datasheet HTML 7Page - ATMEL Corporation AT49F8192 Datasheet HTML 8Page - ATMEL Corporation AT49F8192 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AT49F8192/8192T
2
The device contains a user-enabled “boot block” protection
feature. Two versions of the feature are available: the
AT49 F8192 lo cat es the boo t block at lowest ord er
addresses (“bottom boot”); the AT49F8192T locates it at
highest order addresses (“top boot”).
To allow for simple in-system reprogrammability, the
AT49F8192 does not require high input voltages for pro-
gramming. Five-volt-only commands determine the read
and programming operation of the device. Reading data
out of the device is similar to reading from an EPROM; it
has standard CE, OE, and WE inputs to avoid bus conten-
tion. Reprogramming the AT49F8192 is performed by first
erasing a block of data and then programming on a word-
by-word basis.
The device is erased by executing the erase command
sequence; the device internally controls the erase opera-
tion. The memory is divided into three blocks for erase
operations. There are two 8K word parameter block sec-
tions and one sector consisting of the boot block and the
main memory array block. The AT49F8192 is programmed
on a word-by-word basis. The device has the capability to
protect the data in the boot block; this feature is enabled by
a command sequence. Once the boot block programming
lockout feature is enabled, the data in the boot block can-
not be changed when input levels of 5.5 volts or less are
used. The typical number of program and erase cycles is in
excess of 10,000 cycles.
The optional 8K word boot block section includes a repro-
gramming lock out feature to provide data integrity. The
boot sector is designed to contain user secure code, and
when the feature is enabled, the boot sector is permanently
protected from being reprogrammed.
Block Diagram
Device Operation
READ: The AT49F8192 is accessed like an EPROM.
When CE and OE are low and WE is high, the data stored
at the memory location determined by the address pins is
asserted on the outputs. The outputs are put in the high
impedance state whenever CE or OE is high. This dual-line
control gives designers flexibility in preventing bus conten-
tion.
COMMAND SEQUENCES: When the device is first pow-
ered on it will be reset to the read or standby mode
depending upon the state of the control line inputs. In order
to perform other device functions, a series of command
sequences are entered into the device. The command
sequences are shown in the Command Definitions table
(I/O8 - I/O15 are don't care inputs for the command codes).
The command sequences are written by applying a low
pulse on the WE or CE input with CE or WE low (respec-
tively) and OE high. The address is latched on the falling
edge of CE or WE, whichever occurs last. The data is
latched by the first rising edge of CE or WE. Standard
microprocessor write timings are used. The address loca-
tions used in the command sequences are not affected by
entering the command sequences.
RESET: A RESET input pin is provided to ease some sys-
tem applications. When RESET is at a logic high level, the
device is in its standard operating mode. A low level on the
RESET input halts the present device operation and puts
the outputs of the device in a high impedance state. When
a high level is reasserted on the RESET pin, the device
returns to the Read or Standby mode, depending upon the
state of the control inputs. By applying a 12V
± 0.5V input
signal to the RESET pin the boot block array can be repro-
grammed even if the boot block program lockout feature
has been enabled (see Boot Block Programming Lockout
Override section).
V
CC
GND
OE
CONTROL
LOGIC
DATA INPUTS/OUTPUTS
I/O0 - I/O15
DATA INPUTS/OUTPUTS
I/O0 - I/O15
WE
CE
RESET
ADDRESS
INPUTS
Y DECODER
INPUT/OUTPUT
BUFFERS
INPUT/OUTPUT
BUFFERS
PROGRAM DATA
LATCHES
PROGRAM DATA
LATCHES
Y-GATING
AT49F8192
AT49F8192T
Y-GATING
7FFFF
7FFFF
MAIN MEMORY
(488K WORDS)
BOOT BLOCK
8K WORDS
PARAMETER
BLOCK 2
8K WORDS
PARAMETER
BLOCK 1
8K WORDS
PARAMETER
BLOCK 1
8K WORDS
PARAMETER
BLOCK 2
8K WORDS
BOOT BLOCK
8K WORDS
MAIN MEMORY
(488K WORDS)
06000
05FFF
7E000
7DFFF
04000
03FFF
7C000
7BFFF
X DECODER
02000
01FFF
7A000
79FFF
00000
00000


Similar Part No. - AT49F8192

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F8192A ATMEL-AT49F8192A Datasheet
170Kb / 18P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49F8192A ATMEL-AT49F8192A Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49F8192A-12CC ATMEL-AT49F8192A-12CC Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49F8192A-12CI ATMEL-AT49F8192A-12CI Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49F8192A-12RC ATMEL-AT49F8192A-12RC Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
More results

Similar Description - AT49F8192

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F040 ATMEL-AT49F040 Datasheet
229Kb / 10P
   4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
245Kb / 10P
   4 Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040T ATMEL-AT49F040T Datasheet
232Kb / 12P
   4-Megabit (512K x 8) 5-volt Only CMOS Flash Memory
AT49F8011 ATMEL-AT49F8011 Datasheet
231Kb / 20P
   8-megabit (512K x 16/ 1M x 8) 5-volt Only Flash Memory
AT49F040B ATMEL-AT49F040B Datasheet
239Kb / 19P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A ATMEL-AT49F040A Datasheet
248Kb / 16P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A-70JU ATMEL-AT49F040A-70JU Datasheet
284Kb / 17P
   4-megabit (512K x 8) 5-volt Only Flash Memory
logo
PMC-Sierra, Inc
PM29F004 PMC-PM29F004 Datasheet
82Kb / 21P
   4 Megabit (512K X 8) 5.0 Volt-Only CMOS Flash Memory
logo
ATMEL Corporation
AT49BV802D ATMEL-AT49BV802D Datasheet
434Kb / 31P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV8011 ATMEL-AT49BV8011 Datasheet
306Kb / 18P
   8-megabit (512K x 16/1M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com