Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49F8192 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT49F8192
Description  8-Megabit 512K x 16 5-volt Only CMOS Flash Memory
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F8192 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT49F8192 Datasheet HTML 1Page - ATMEL Corporation AT49F8192 Datasheet HTML 2Page - ATMEL Corporation AT49F8192 Datasheet HTML 3Page - ATMEL Corporation AT49F8192 Datasheet HTML 4Page - ATMEL Corporation AT49F8192 Datasheet HTML 5Page - ATMEL Corporation AT49F8192 Datasheet HTML 6Page - ATMEL Corporation AT49F8192 Datasheet HTML 7Page - ATMEL Corporation AT49F8192 Datasheet HTML 8Page - ATMEL Corporation AT49F8192 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Features
Single Voltage Operation
– 5V Read
– 5V Reprogramming
Fast Read Access Time - 90 ns
Internal Erase/Program Control
Sector Architecture
– One 8K Words (16K bytes) Boot Block with Programming Lockout
– Two 8K Words (16K bytes) Parameter Blocks
– One 488K Words (976K bytes) Main Memory Array Block
Fast Sector Erase Time - 10 seconds
Word-By-Word Programming - 50
µs/Word
Hardware Data Protection
DATA Polling For End Of Program Detection
Low Power Dissipation
– 50 mA Active Current
– 300
µA CMOS Standby Current
Typical 10,000 Write Cycles
Description
The AT49F8192 is a 5-volt-only, 8 megabit Flash Memory organized as 512K words
of 16 bits each. Manufactured with Atmel's advanced nonvolatile CMOS technology,
the device offers access times to 90 ns with power dissipation of just 275 mW. When
deselected, the CMOS standby current is less than 300
µA.
Pin Configurations
Pin Name
Function
A0 - A18
Addresses
CE
Chip Enable
OE
Output Enable
WE
Write Enable
RESET
Reset
I/O0 - I/O15
Data Inputs/Outputs
NC
No Connect
0588D-A–10/97
TSOP Top View
Type 1
SOIC (SOP)
8-Megabit
(512K x 16)
5-volt Only
CMOS Flash
Memory
AT49F8192
AT49F8192T


Similar Part No. - AT49F8192

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F8192A ATMEL-AT49F8192A Datasheet
170Kb / 18P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49F8192A ATMEL-AT49F8192A Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49F8192A-12CC ATMEL-AT49F8192A-12CC Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49F8192A-12CI ATMEL-AT49F8192A-12CI Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49F8192A-12RC ATMEL-AT49F8192A-12RC Datasheet
344Kb / 17P
   8-megabit (1M x 8/512K x 16) Flash Memory
More results

Similar Description - AT49F8192

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F040 ATMEL-AT49F040 Datasheet
229Kb / 10P
   4-Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040 ATMEL-AT49F040 Datasheet
245Kb / 10P
   4 Megabit 512K x 8 5-volt Only CMOS Flash Memory
AT49F040T ATMEL-AT49F040T Datasheet
232Kb / 12P
   4-Megabit (512K x 8) 5-volt Only CMOS Flash Memory
AT49F8011 ATMEL-AT49F8011 Datasheet
231Kb / 20P
   8-megabit (512K x 16/ 1M x 8) 5-volt Only Flash Memory
AT49F040B ATMEL-AT49F040B Datasheet
239Kb / 19P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A ATMEL-AT49F040A Datasheet
248Kb / 16P
   4-megabit (512K x 8) 5-volt Only Flash Memory
AT49F040A-70JU ATMEL-AT49F040A-70JU Datasheet
284Kb / 17P
   4-megabit (512K x 8) 5-volt Only Flash Memory
logo
PMC-Sierra, Inc
PM29F004 PMC-PM29F004 Datasheet
82Kb / 21P
   4 Megabit (512K X 8) 5.0 Volt-Only CMOS Flash Memory
logo
ATMEL Corporation
AT49BV802D ATMEL-AT49BV802D Datasheet
434Kb / 31P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV8011 ATMEL-AT49BV8011 Datasheet
306Kb / 18P
   8-megabit (512K x 16/1M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com