Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49F1024 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT49F1024
Description  1-Megabit 64K x 16 5-volt Only Flash Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F1024 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT49F1024 Datasheet HTML 5Page - ATMEL Corporation AT49F1024 Datasheet HTML 6Page - ATMEL Corporation AT49F1024 Datasheet HTML 7Page - ATMEL Corporation AT49F1024 Datasheet HTML 8Page - ATMEL Corporation AT49F1024 Datasheet HTML 9Page - ATMEL Corporation AT49F1024 Datasheet HTML 10Page - ATMEL Corporation AT49F1024 Datasheet HTML 11Page - ATMEL Corporation AT49F1024 Datasheet HTML 12Page - ATMEL Corporation AT49F1024 Datasheet HTML 13Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AT49F1024/1025
10
Software Product
Identification Entry(1)
Software Product
Identifcation Exit(1)
Notes:
1.
Data Format: I/O15 - I/O8 (Don’t Care); I/O7 - I/O0 (Hex);
Address Format: A14 - A0 (Hex).
2. A1 - A15 = V
IL.
Manufacture Code is read for A0 = VIL;
Device Code is read for A0 = VIH.
3.
The device does not remain in identification mode if pow-
ered down.
4.
The device returns to standard operation mode.
5.
Manufacturer Code: 1FH
Device Code: 87H
Boot Block
Lockout Enable Algorithm(1)
Notes:
1.
Data Format: I/O15 - I/O8 (Don’t Care); I/O7 - I/O0 (Hex);
Address Format: A14 - A0 (Hex).
2.
Boot block lockout feature enabled.
LOAD DATA AA
TO
ADDRESS 5555
LOAD DATA 55
TO
ADDRESS 2AAA
LOAD DATA 90
TO
ADDRESS 5555
ENTER PRODUCT
IDENTIFICATION
MODE (2)(3)(5)
LOAD DATA AA
TO
ADDRESS 5555
O
R
LOAD DATA F0
TO
ANY ADDRESS
LOAD DATA 55
TO
ADDRESS 2AAA
EXIT PRODUCT
IDENTIFICATION
MODE(4)
LOAD DATA F0
TO
ADDRESS 5555
EXIT PRODUCT
IDENTIFICATION
MODE(4)
LOAD DATA AA
TO
ADDRESS 5555
LOAD DATA 55
TO
ADDRESS 2AAA
LOAD DATA 80
TO
ADDRESS 5555
LOAD DATA AA
TO
ADDRESS 5555
LOAD DATA 55
TO
ADDRESS 2AAA
LOAD DATA 40
TO
ADDRESS 5555
PAUSE 1 second(2)


Similar Part No. - AT49F1024

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F1024A ATMEL-AT49F1024A Datasheet
139Kb / 14P
   1 - MEGABIT ( 64K X 16 ) 5 - VOLTS ONLY FLASH MEMORY
AT49F1024A-45VC ATMEL-AT49F1024A-45VC Datasheet
139Kb / 14P
   1 - MEGABIT ( 64K X 16 ) 5 - VOLTS ONLY FLASH MEMORY
AT49F1024A-45VL ATMEL-AT49F1024A-45VL Datasheet
139Kb / 14P
   1 - MEGABIT ( 64K X 16 ) 5 - VOLTS ONLY FLASH MEMORY
More results

Similar Description - AT49F1024

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C1024 ATMEL-AT29C1024 Datasheet
705Kb / 12P
   1 Megabit 64K x 16 5-volt Only CMOS Flash Memory
AT49LV1024A ATMEL-AT49LV1024A Datasheet
308Kb / 14P
   1-megabit (64K x 16) 3-volt Only Flash Memory
AT29LV1024 ATMEL-AT29LV1024 Datasheet
215Kb / 12P
   1-Megabit (64K x 16) 3-volt Only Flash Memory
AT49F1024A ATMEL-AT49F1024A Datasheet
139Kb / 14P
   1 - MEGABIT ( 64K X 16 ) 5 - VOLTS ONLY FLASH MEMORY
AT29C010A ATMEL-AT29C010A_08 Datasheet
408Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT29C010A-70TI ATMEL-AT29C010A-70TI Datasheet
314Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT49F001A ATMEL-AT49F001A Datasheet
283Kb / 18P
   1-MEGABIT (128 X 8) 5-VOLT ONLY FLASH MEMORY
AT29C010A ATMEL-AT29C010A_02 Datasheet
214Kb / 18P
   1-Megabit (128K x 8) 5-volt Only Flash Memory
AT49F1604 ATMEL-AT49F1604 Datasheet
213Kb / 18P
   16-Megabit 1M x 16/2M x 8 5-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com