Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49F010 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT49F010
Description  1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F010 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT49F010 Datasheet HTML 2Page - ATMEL Corporation AT49F010 Datasheet HTML 3Page - ATMEL Corporation AT49F010 Datasheet HTML 4Page - ATMEL Corporation AT49F010 Datasheet HTML 5Page - ATMEL Corporation AT49F010 Datasheet HTML 6Page - ATMEL Corporation AT49F010 Datasheet HTML 7Page - ATMEL Corporation AT49F010 Datasheet HTML 8Page - ATMEL Corporation AT49F010 Datasheet HTML 9Page - ATMEL Corporation AT49F010 Datasheet HTML 10Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Ordering Information
(1)
tACC
(ns)
ICC (mA)
Ordering Code
Package
Operation Range
Active
Standby
45
30
0.1
AT49HF010-45JC
32J
Commercial
AT49HF010-45PC
32P6
(0
° to 70°C)
AT49HF010-45TC
32T
40
0.1
AT49HF010-45JI
32J
Industrial
AT49HF010-45PI
32P6
(-40
° to 85°C)
AT49HF010-45TI
32T
55
30
0.1
AT49HF010-55JC
32J
Commercial
AT49HF010-55PC
32P6
(0
° to 70°C)
AT49HF010-55TC
32T
40
0.1
AT49HF010-55JI
32J
Industrial
AT49HF010-55PI
32P6
(-40
° to 85°C)
AT49HF010-55TI
32T
70
30
0.1
AT49F010-70JC
32J
Commercial
AT49F010-70PC
32P6
(0
° to 70°C)
AT49F010-70TC
32T
40
0.3
AT49F010-70JI
32J
Industrial
AT49F010-70PI
32P6
(-40
° to 85°C)
AT49F010-70TI
32T
90
30
0.1
AT49F010-90JC
32J
Commercial
AT49F010-90PC
32P6
(0
° to 70°C)
AT49F010-90TC
32T
40
0.3
AT49F010-90JI
32J
Industrial
AT49F010-90PI
32P6
(-40
° to 85°C)
AT49F010-90TI
32T
120
30
0.1
AT49F010-12JC
32J
Commercial
AT49F010-12PC
32P6
(0
° to 70°C)
AT49F010-12TC
32T
40
0.3
AT49F010-12JI
32J
Industrial
AT49F010-12PI
32P6
(-40
° to 85°C)
AT49F010-12TI
32T
Note:
1. The AT49F010/HF010 has as optional boot block feature. The part number shown in the Ordering Information table is for
devices with the boot block in the lower address range (i.e., 00000H to 01FFFH). Users requiring the boot block to be in
the higher address range should contact Atmel.
Package Type
32J
32 Lead, Plastic, J-Leaded Chip Carrier Package (PLCC)
32P6
32 Lead, 0.600" Wide, Plastic Dual Inline Package (PDIP)
32T
32 Lead, Thin Small Outline Package (TSOP)
10
AT49F010/HF010


Similar Part No. - AT49F010

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
1-Megabit 128K x 8 5-volt Only Flash Memory
AT49F001-12JC ATMEL-AT49F001-12JC Datasheet
152Kb / 16P
1-Megabit 128K x 8 5-volt Only Flash Memory
AT49F001-12JI ATMEL-AT49F001-12JI Datasheet
152Kb / 16P
1-Megabit 128K x 8 5-volt Only Flash Memory
AT49F001-12PC ATMEL-AT49F001-12PC Datasheet
152Kb / 16P
1-Megabit 128K x 8 5-volt Only Flash Memory
AT49F001-12PI ATMEL-AT49F001-12PI Datasheet
152Kb / 16P
1-Megabit 128K x 8 5-volt Only Flash Memory
More results

Similar Description - AT49F010

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C010A ATMEL-AT29C010A Datasheet
727Kb / 12P
1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT29C010A ATMEL-AT29C010A_08 Datasheet
408Kb / 18P
1-megabit (128K x 8) 5-volt Only Flash Memory
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
1-Megabit 128K x 8 5-volt Only Flash Memory
AT29C010A-70TI ATMEL-AT29C010A-70TI Datasheet
314Kb / 18P
1-megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A_02 Datasheet
214Kb / 18P
1-Megabit (128K x 8) 5-volt Only Flash Memory
AT29LV010A-12TU ATMEL-AT29LV010A-12TU Datasheet
721Kb / 16P
1-megabit (128K x 8) 3-volt Only Flash Memory
AT49F2048 ATMEL-AT49F2048 Datasheet
207Kb / 11P
2-Megabit 128K x 16 5-volt Only CMOS Flash Memory
AT29LV010A ATMEL-AT29LV010A Datasheet
491Kb / 10P
1 Megabit 128K x 8 3-volt Only CMOS Flash
AT49F2048A ATMEL-AT49F2048A Datasheet
275Kb / 13P
2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory
AT49F001A ATMEL-AT49F001A Datasheet
283Kb / 18P
1-MEGABIT (128 X 8) 5-VOLT ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com