Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49BV020 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT49BV020
Description  2-Megabit 256K x 8 Single 2.7-volt Battery-Voltage Flash Memory
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV020 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT49BV020 Datasheet HTML 1Page - ATMEL Corporation AT49BV020 Datasheet HTML 2Page - ATMEL Corporation AT49BV020 Datasheet HTML 3Page - ATMEL Corporation AT49BV020 Datasheet HTML 4Page - ATMEL Corporation AT49BV020 Datasheet HTML 5Page - ATMEL Corporation AT49BV020 Datasheet HTML 6Page - ATMEL Corporation AT49BV020 Datasheet HTML 7Page - ATMEL Corporation AT49BV020 Datasheet HTML 8Page - ATMEL Corporation AT49BV020 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Features
Single Supply Voltage, Range 2.7V to 3.6V
Single Supply for Read and Write
Fast Read Access Time - 70 ns
Internal Program Control and Timer
8K bytes Boot Block With Lockout
Fast Erase Cycle Time - 10 seconds
Byte By Byte Programming - 30
µµµµs/Byte typical
Hardware Data Protection
DATA Polling For End Of Program Detection
Low Power Dissipation
– 25 mA Active Current
–50
µµµµA CMOS Standby Current
Typical 10,000 Write Cycles
Description
The AT49BV020 and the AT49LV020 are 3-volt-only, 2 megabit Flash memories
organized as 262,144 words of 8 bits each. Manufactured with Atmel's advanced non-
volatile CMOS technology, the devices offer access times to 70 ns with power dissipa-
tion of just 90 mW over the commercial temperature range. When the device is dese-
lected, the CMOS standby current is less than 50
µA.
To allow for simple in-system reprogrammability, the AT49BV/LV020 does not require
high input voltages for programming. Three-volt-only commands determine the read
and programming operation of the device. Reading data out of the device is similar to
reading from an EPROM. Reprogramming the AT49BV/LV020 is performed by eras-
ing the entire 2 megabits of memory and then programming on a byte by byte basis.
The typical byte programming time is a fast 30
µs. The end of a program cycle can be
optionally detected by the DATA polling feature. Once the end of a byte program cycle
has been detected, a new access for a read or program can begin. The typical num-
ber of program and erase cycles is in excess of 10,000 cycles.
2-Megabit
(256K x 8)
Single 2.7-volt
Battery-Voltage
Flash Memory
AT49BV020
AT49LV020
Rev. 0678C–03/98
(continued)
Pin Configuration
Pin Name
Function
A0 - A17
Addresses
CE
Chip Enable
OE
Output Enable
WE
Write Enable
I/O0 - I/O7
Data Inputs/Outputs
NC
No Connect
PLCC Top View
VSOP Top View (8 x 14mm) or
TSOP Top View (8 x 20mm)
Type 1


Similar Part No. - AT49BV020

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV001 ATMEL-AT49BV001 Datasheet
171Kb / 20P
   1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT49BV001 ATMEL-AT49BV001 Datasheet
290Kb / 21P
   1-megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV001-12JC ATMEL-AT49BV001-12JC Datasheet
171Kb / 20P
   1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT49BV001-12PC ATMEL-AT49BV001-12PC Datasheet
171Kb / 20P
   1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT49BV001-12TC ATMEL-AT49BV001-12TC Datasheet
171Kb / 20P
   1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
More results

Similar Description - AT49BV020

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV-LV002 ATMEL-AT49BV-LV002 Datasheet
120Kb / 21P
   2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV002A ATMEL-AT49BV002A Datasheet
207Kb / 18P
   2-megabit (256K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV020 ATMEL-AT29BV020_08 Datasheet
368Kb / 16P
   2-megabit (256K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV002 ATMEL-AT49BV002 Datasheet
171Kb / 20P
   2-Megabit 256K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT29BV020 ATMEL-AT29BV020 Datasheet
489Kb / 10P
   2 Megabit 256K x 8 Single 2.7-volt Battery-Voltage CMOS Flash Memory
AT49BV2048A ATMEL-AT49BV2048A Datasheet
263Kb / 17P
   2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage??Flash Memory
AT49LV4096A ATMEL-AT49LV4096A Datasheet
365Kb / 16P
   4-megabit (512K x 8/256K x 16) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV080 ATMEL-AT49BV080 Datasheet
201Kb / 12P
   8-Megabit 1M x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV010 ATMEL-AT49BV010 Datasheet
88Kb / 11P
   1-Megabit 128K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV040 ATMEL-AT49BV040 Datasheet
210Kb / 12P
   4-Megabit 512K x 8 Single 2.7-volt Battery-Voltage Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com