Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49BV010 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT49BV010
Description  1-Megabit 128K x 8 Single 2.7-volt Battery-Voltage Flash Memory
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV010 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT49BV010 Datasheet HTML 1Page - ATMEL Corporation AT49BV010 Datasheet HTML 2Page - ATMEL Corporation AT49BV010 Datasheet HTML 3Page - ATMEL Corporation AT49BV010 Datasheet HTML 4Page - ATMEL Corporation AT49BV010 Datasheet HTML 5Page - ATMEL Corporation AT49BV010 Datasheet HTML 6Page - ATMEL Corporation AT49BV010 Datasheet HTML 7Page - ATMEL Corporation AT49BV010 Datasheet HTML 8Page - ATMEL Corporation AT49BV010 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AT49(H)BV/(H)LV010
5
AC Read Characteristics
AC Read Waveforms(1)(2)(3)(4)
Notes:
1. CE may be delayed up to t
ACC - tCE after the address transition without impact on tACC.
2. OE may be delayed up to t
CE - tOE after the falling edge of CE without impact on tCE or by tACC - tOE after an address change
without impace on t
ACC.
3. t
DF is specified from OE or CE whichever occurs frist (CL - 5 pF).
4. This parameter is characterized and is not 100% tested.
AT49HLV
010-55
AT49HBV/
HLV010-70
AT49HBV/
HLV010-90
AT49BV/
LV010-12
AT49BV010-
15
Units
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
t
ACC
Address to Output Delay
55
70
90
120
150
ns
t
CE
(1)
CE to Output Delay
55
70
90
120
150
ns
t
OE
(2)
OE to Output Delay
30
35
40
50
0
70
ns
t
DF
(3, 4)
CE or OE to Output
Float
0
250250
250300
40
ns
t
OH
Output Hold from OE,
CE or Address,
whichever occurred first
00
00
0
ns
ADDRESS
CE
OUTPUT
OE
OUTPUT VALID
tACC
ADDRESS VALID
HIGH Z
tDF
tCE
tOH
Pin Capacitance (f = 1 MHz, T = 25°C)(1)
Note:
1. This parameter is characterized and is not 100% tested.
Typ
Max
Units
Conditions
C
IN
46
pF
V
IN = 0V
C
OUT
812
pF
V
OUT = 0V
Input Test Waveforms and
Measurement Level
Output Test Load
AC
DRIVING
LEVELS
AC
MEASUREMENT
LEVEL
0.4V
1.5V
2.4V
tR, tF < 5 ns
30 pF
1.3K
1.8K
3.0V
OUTPUT
PIN
55/70 ns
100 pF
1.3K
1.8K
3.0V
OUTPUT
PIN
90/120/150 ns


Similar Part No. - AT49BV010

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV001 ATMEL-AT49BV001 Datasheet
171Kb / 20P
   1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT49BV001 ATMEL-AT49BV001 Datasheet
290Kb / 21P
   1-megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV001-12JC ATMEL-AT49BV001-12JC Datasheet
171Kb / 20P
   1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT49BV001-12PC ATMEL-AT49BV001-12PC Datasheet
171Kb / 20P
   1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT49BV001-12TC ATMEL-AT49BV001-12TC Datasheet
171Kb / 20P
   1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
More results

Similar Description - AT49BV010

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV001A ATMEL-AT49BV001A Datasheet
182Kb / 18P
   1-megabit (128K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV001 ATMEL-AT49BV001 Datasheet
171Kb / 20P
   1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT29BV010A ATMEL-AT29BV010A_08 Datasheet
362Kb / 16P
   1-Megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV-LV001 ATMEL-AT49BV-LV001 Datasheet
290Kb / 21P
   1-megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV010A ATMEL-AT29BV010A Datasheet
490Kb / 10P
   1 Megabit 128K x 8 Single 2.7-volt Battery-Voltage CMOS Flash
AT49BV2048A ATMEL-AT49BV2048A Datasheet
263Kb / 17P
   2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV080 ATMEL-AT49BV080 Datasheet
201Kb / 12P
   8-Megabit 1M x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV-LV002 ATMEL-AT49BV-LV002 Datasheet
120Kb / 21P
   2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV040 ATMEL-AT49BV040 Datasheet
210Kb / 12P
   4-Megabit 512K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV020 ATMEL-AT49BV020 Datasheet
167Kb / 10P
   2-Megabit 256K x 8 Single 2.7-volt Battery-Voltage Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com