Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49BV010 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT49BV010
Description  1-Megabit 128K x 8 Single 2.7-volt Battery-Voltage Flash Memory
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV010 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT49BV010 Datasheet HTML 1Page - ATMEL Corporation AT49BV010 Datasheet HTML 2Page - ATMEL Corporation AT49BV010 Datasheet HTML 3Page - ATMEL Corporation AT49BV010 Datasheet HTML 4Page - ATMEL Corporation AT49BV010 Datasheet HTML 5Page - ATMEL Corporation AT49BV010 Datasheet HTML 6Page - ATMEL Corporation AT49BV010 Datasheet HTML 7Page - ATMEL Corporation AT49BV010 Datasheet HTML 8Page - ATMEL Corporation AT49BV010 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AT49(H)BV/(H)LV010
4
DC and AC Operating Range
Operating Modes
Notes:
1. X can be V
IL or VIH.
2. Refer to AC Programming Waveforms.
3. V
H = 12.0V ± 0.5V.
4. Manufacturer Code: 1FH, Device Code: 17H.
5. See details under Software Product Identification Entry/Exit.
DC Characteristics
Note:
1. In the erase mode, I
CC is 50 mA.
AT49HLV
010-55
AT49HBV/
HLV010-70
AT49HBV/
HLV010-90
AT49BV/
LV010-12
AT49BV010-15
Operating
Temperature (Case)
Com.
0
°C - 70°C0°C - 70°C0°C - 70°C0°C - 70°C0°C - 70°C
Ind.
-40
°C - 85°C-40°C - 85°C-40°C - 85°C-40°C - 85°C-40°C - 85°C
V
CC Power Supply
AT49LV010
3.0V to 3.6V
3.0V to 3.6V
3.0V to 3.6V
3.0V to 3.6V
N/A
AT49BV010
N/A
2.7V to 3.6V
2.7V to 3.6V
2.7V to 3.6V
2.7V to 3.6V
Mode
CE
OE
WE
Ai
I/O
Read
V
IL
V
IL
V
IH
Ai
D
OUT
Program(2)
V
IL
V
IH
V
IL
Ai
D
IN
Standby/Write Inhibit
V
IH
X(1)
XX
High Z
Program Inhibit
X
X
V
IH
Program Inhibit
X
V
IL
X
Output Disable
X
V
IH
XHigh Z
Product Identification
Hardware
V
IL
V
IL
V
IH
A1 - A16 = V
IL, A9 = VH,
(3)
A0 = V
IL
Manufacturer Code(4)
A1 - A16 = V
IL, A9 = VH,
(3)
A0 = V
IH
Device Code(4)
Software(5)
A0 = V
IL, A1 - A16 = VIL
Manufacturer Code(4)
A0 = V
IH, A1 - A16 = VIL
Device Code(4)
Symbol
Parameter
Condition
Min
Max
Units
I
LI
Input Load Current
V
IN = 0V to VCC
10
µA
I
LO
Output Leakage Current
V
I/O = 0V to VCC
10
µA
I
SB1
V
CC Standby Current CMOS
CE = V
CC - 0.3V to VCC
50
µA
I
SB2
V
CC Standby Current TTL
CE = 2.0V to V
CC
1mA
I
CC
(1)
V
CC Active Current
f = 5 MHz; I
OUT = 0 mA
25
mA
V
IL
Input Low Voltage
0.6
V
V
IH
Input High Voltage
2.0
V
V
OL
Output Low Voltage
I
OL = 2.1 mA
0.45
V
V
OH
Output High Voltage
I
OH = -100 µA; VCC = 3.0V
2.4
V


Similar Part No. - AT49BV010

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV001 ATMEL-AT49BV001 Datasheet
171Kb / 20P
1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT49BV001 ATMEL-AT49BV001 Datasheet
290Kb / 21P
1-megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV001-12JC ATMEL-AT49BV001-12JC Datasheet
171Kb / 20P
1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT49BV001-12PC ATMEL-AT49BV001-12PC Datasheet
171Kb / 20P
1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT49BV001-12TC ATMEL-AT49BV001-12TC Datasheet
171Kb / 20P
1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
More results

Similar Description - AT49BV010

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29BV010A ATMEL-AT29BV010A Datasheet
490Kb / 10P
1 Megabit 128K x 8 Single 2.7-volt Battery-Voltage CMOS Flash
AT49BV001 ATMEL-AT49BV001 Datasheet
171Kb / 20P
1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT49BV020 ATMEL-AT49BV020 Datasheet
167Kb / 10P
2-Megabit 256K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV040 ATMEL-AT49BV040 Datasheet
210Kb / 12P
4-Megabit 512K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV080 ATMEL-AT49BV080 Datasheet
201Kb / 12P
8-Megabit 1M x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV001A ATMEL-AT49BV001A Datasheet
182Kb / 18P
1-megabit (128K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV2048A ATMEL-AT49BV2048A Datasheet
263Kb / 17P
2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV-LV001 ATMEL-AT49BV-LV001 Datasheet
290Kb / 21P
1-megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV-LV002 ATMEL-AT49BV-LV002 Datasheet
120Kb / 21P
2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT29BV010A ATMEL-AT29BV010A_08 Datasheet
362Kb / 16P
1-Megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com