Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49BV001 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT49BV001
Description  1-Megabit 128K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV001 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT49BV001 Datasheet HTML 9Page - ATMEL Corporation AT49BV001 Datasheet HTML 10Page - ATMEL Corporation AT49BV001 Datasheet HTML 11Page - ATMEL Corporation AT49BV001 Datasheet HTML 12Page - ATMEL Corporation AT49BV001 Datasheet HTML 13Page - ATMEL Corporation AT49BV001 Datasheet HTML 14Page - ATMEL Corporation AT49BV001 Datasheet HTML 15Page - ATMEL Corporation AT49BV001 Datasheet HTML 16Page - ATMEL Corporation AT49BV001 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AT49BV/LV001(N)(T)
13
AT49LV001 Ordering Information
t
ACC
(ns)
ICC (mA)
Ordering Code
Package
Operation Range
Active
Standby
70
50
0.1
AT49LV001-70JC
AT49LV001-70PC
AT49LV001-70TC
AT49LV001-70VC
32J
32P6
32T
32V
Commercial
(0
° to 70°C)
50
0.3
AT49LV001-70JI
AT49LV001-70PI
AT49LV001-70TI
AT49LV001-70VI
32J
32P6
32T
32V
Industrial
(-40
° to 85°C)
90
50
0.1
AT49LV001-90JC
AT49LV001-90PC
AT49LV001-90TC
AT49LV001-90VC
32J
32P6
32T
32V
Commercial
(0
° to 70°C)
50
0.3
AT49LV001-90JI
AT49LV001-90PI
AT49LV001-90TI
AT49LV001-90VI
32J
32P6
32T
32V
Industrial
(-40
° to 85°C)
120
50
0.1
AT49LV001-12JC
AT49LV001-12PC
AT49LV001-12TC
AT49LV001-12VC
32J
32P6
32T
32V
Commercial
(0
° to 70°C)
50
0.3
AT49LV001-12JC
AT49LV001-12PC
AT49LV001-12TC
AT49LV001-12VC
32J
32P6
32T
32V
Industrial
(-40
° to 85°C)
Package Type
32J
32-Lead, Plastic, J-Leaded Chip Carrier Package (PLCC)
32P6
32-Lead, 0.600" Wide, Plastic Dual In-line Package (PDIP)
32T
32-Lead, Plastic Thin Small Outline Package (TSOP) (8 x 20mm)
32V
32-Lead, Plastic Thin Small Outline Package (VSOP) (8 x 14mm)


Similar Part No. - AT49BV001

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV001 ATMEL-AT49BV001 Datasheet
290Kb / 21P
   1-megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV001A ATMEL-AT49BV001A Datasheet
182Kb / 18P
   1-megabit (128K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV001A-55JI ATMEL-AT49BV001A-55JI Datasheet
182Kb / 18P
   1-megabit (128K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV001A-55TI ATMEL-AT49BV001A-55TI Datasheet
182Kb / 18P
   1-megabit (128K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV001A-55VI ATMEL-AT49BV001A-55VI Datasheet
182Kb / 18P
   1-megabit (128K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
More results

Similar Description - AT49BV001

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV010 ATMEL-AT49BV010 Datasheet
88Kb / 11P
   1-Megabit 128K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV001A ATMEL-AT49BV001A Datasheet
182Kb / 18P
   1-megabit (128K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT29BV010A ATMEL-AT29BV010A_08 Datasheet
362Kb / 16P
   1-Megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV-LV001 ATMEL-AT49BV-LV001 Datasheet
290Kb / 21P
   1-megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT29BV010A ATMEL-AT29BV010A Datasheet
490Kb / 10P
   1 Megabit 128K x 8 Single 2.7-volt Battery-Voltage CMOS Flash
AT49BV2048A ATMEL-AT49BV2048A Datasheet
263Kb / 17P
   2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV080 ATMEL-AT49BV080 Datasheet
201Kb / 12P
   8-Megabit 1M x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV-LV002 ATMEL-AT49BV-LV002 Datasheet
120Kb / 21P
   2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV040 ATMEL-AT49BV040 Datasheet
210Kb / 12P
   4-Megabit 512K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV020 ATMEL-AT49BV020 Datasheet
167Kb / 10P
   2-Megabit 256K x 8 Single 2.7-volt Battery-Voltage Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com