![]() |
Electronic Components Datasheet Search |
|
MS27468E11A35PSA Datasheet(PDF) 31 Page - ITT Industries |
|
|
MS27468E11A35PSA Datasheet(HTML) 31 Page - ITT Industries |
31 / 36 page ![]() 29 www.ittcannon.com Dimensions shown in inches (mm) Specifications and dimensions subject to change Cannon KJL/KJ/KJA/KJB MIL-DTL-38999 Series I, II, III Connectors Tools - Crimp Tools - Plastic Tools - Metal (MS) Contact Size Crimp Tool Part Number Locator or Turret Part Number Crimp Tool Part Number Locator or Turret Part Number Crimp Tool Part Number Locator or Turret Part Number Pin Contact Series I/II/III Socket Contact Series II Socket Contact Series I & III M22520/1-01 CBT-530 M22520/2-01 CBT-565 22D or 22M* 22* 20 16 12 M22520/2-01 M22520/2-01 M22520/1-01 M22520/1-01 M22520/1-01 M22520/2-01 M22520/2-01 M22520/1-01 M22520/1-01 M22520/1-01 M22520/2-09 M22520/2-09 M22520/1-04 OR TH 187 M22520/1-04 OR TH 187 M22520/1-04 M22520/2-01 M22520/2-01 M22520/1-01 M22520/1-01 M22520/1-01 M22520/2-06 M22520/2-06 M22520/1-04 M22520/1-04 M22520/1-04 M22520/2-07 M22520/2-07 M22520/1-04 M22520/1-04 M22520/1-04 Inner Conductor Crimp Tool Crimp Tool Locator RG180 M22520/2-01 995-0002-268 RG 174, 179, 316 M22520/2-01 995-0002-268 RG 142 M22520/2-01 995-0002-268 Outer Conductor Crimp Tool Crimp Tool Locator RG180 M22520/5-01 M22520/5-39B RG 174, 179, 316 M22520/5-01 M22520/5-37B RG 142 M22520/5-01 M22520/5-19B * For reference only 8 Coax Inner Conductor Crimp Tool Crimp Tool Locator RG174, 179, 316 M22520/2-01 M22520/2-34 12 Coax Outer Conductor Crimp Tool Crimp Tool Locator RG174, 179, 316 M22520/31-01 M22520/31-02 Crimp Tool Crimp Tool Locator Center Contact M22520/2-01 K709 Intermediate Contact M22520/5-01 Y631 Die Closure B Outer Contact M22520/5-01 Y631 Die Closure A 8 Twinax Contact Size Cannon Description Cannon Part Number M81969 Part Number Insertion Color Tip Extraction Color Tip Superseded Military Part Number 22D 22M* 20 16 12 8 Coax/Twinax 12 Coax CIET-22D-01 CIET-22D-01 CIET-20-10 CIET-16-03 CIET-12-04 CET8-T CIET-12-04 274-7048-000 274-7048-000 274-7001-000 274-7002-000 274-7003-000 323-7004-001 274-7003-000 M81969/14-01 M81969/14-01 M81969/14-10 M81969/14-03 M81969/14-04 — M81969/14-04 MS27534-22D MS27534-22D MS27534-20 MS27534-16 MS27534-12 — M527534-12 Green Green Red Blue Yellow — Yellow White White Orange White White — White Insertion tool not required for size 8 Insertion Insertion Extraction Extraction No.1 No.2 Contact Size MS27495 Part Number ITT CANNON Part Number Color Band MS27495 Part Number ITT CANNON Part Number Color Band 22D OR 22M* 22* 20 16 Band No. 1 indicates tool size. Band No. 2 indicates removal tool. For reference only * MS27495 A22M MS27495 A22 MS27495 A20 MS27495 A16 995-0001-718 995-0001-720 995-0001-716 995-0001-732 995-0001-719 995-0001-721 995-0001-717 995-0001-731 Black Brown Red Blue White White White White MS27495 R22M MS27495 R22 MS27495 R20 MS27495 R16 Black Brown Red Blue Insertion/Extraction |
Similar Part No. - MS27468E11A35PSA |
|
Similar Description - MS27468E11A35PSA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |