Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D38999-26FA98BN Datasheet(PDF) 5 Page - ITT Industries

Part # D38999-26FA98BN
Description  MIL-DTL-38999 Series III Connectors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

D38999-26FA98BN Datasheet(HTML) 5 Page - ITT Industries

  D38999-26FA98BN Datasheet HTML 1Page - ITT Industries D38999-26FA98BN Datasheet HTML 2Page - ITT Industries D38999-26FA98BN Datasheet HTML 3Page - ITT Industries D38999-26FA98BN Datasheet HTML 4Page - ITT Industries D38999-26FA98BN Datasheet HTML 5Page - ITT Industries D38999-26FA98BN Datasheet HTML 6Page - ITT Industries D38999-26FA98BN Datasheet HTML 7Page - ITT Industries D38999-26FA98BN Datasheet HTML 8Page - ITT Industries D38999-26FA98BN Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
A-23
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
A
Cannon KJL/KJ/KJA/KJB
MIL-DTL-38999 Series I, II, III Connectors
C
D
N
A
C
D
N
B
A
B
Polarizing Positions
Key Locations
9
N
A
B
C
D
E
N
A
B
C
D
E
N
A
B
C
D
E
N
A
B
C
D
E
105
102
80
35
64
91
95
113
90
53
119
51
80
135
49
66
62
79
80
135
49
66
62
79
140
132
118
140
155
131
141
156
145
156
146
141
142
170
169
140
145
153
142
170
169
140
145
153
215
248
230
205
234
197
208
182
195
220
176
184
196
200
200
200
180
197
196
200
200
200
180
197
265
320
312
275
304
240
236
292
252
255
298
242
293
310
244
257
280
272
293
310
244
257
280
272
11
13
and
15
17
and
19
21
23
and
25
MAIN
KEYWAY
MAIN
KEY
AR˚
BSC
BR˚
BSC
CR˚
BSC
AP˚
BSC
BP˚
BSC
CP˚
BSC
DP˚
BSC
DR˚
BSC
NOTES
1. All Angles are BSC
2. The insert arrangement does not rotate with
main key/keyway
3. All minor keys are rotated to provide shell
polarization, the master key remains fixed at
twelve o'clock position.
4. Polarization is different from
Series I and II.
Front face of receptacle (plug opposite). Insert
arrangement does not rotate with main key-keyway.
The master key is rotated to provide shell polar-
ization; the minor keys remain fixed.
Front face of receptacle (plug opposite). Insert
arrangement does not rotate with main key-keyway.
The master key is rotated to provide shell polar-
ization; the minor keys remain fixed.
PLUG
(Front face shown)
RECEPTACLE
(Front face shown)
Series III
Series II
Series I
Shell
Size
Key &
Keyway
Arrangement
identifi-
cation
Letter
ARº
or
APº
BSC
BRº
or
BPº
BSC
CRº
or
CPº
BSC
DRº
or
DPº
BSC
Shell
Size
Normal
A
B
C
D
Shell Size
Normal
A
B
C
D
Angle of Rotation (Degrees)
Angle of Rotation (Degrees)
10º
REF
REF
9
11
13
15
17
19
21
23
25
95º
95º
95º
95º
95º
95º
95º
95º
95º
77º
81º
75º
74º
77º
77º
77º
80º
80º
67º
63º
61º
65º
65º
65º
69º
69º
123º
127º
129º
125º
125º
125º
121º
121º
113º
109º
115º
116º
113º
113º
113º
110º
110º
8
10
12
14
16
18
20
22
24
100º
100º
100º
100º
100º
100º
100º
100º
100º
82º
86º
80º
79º
82º
82º
82º
85º
85º
72º
68º
66º
70º
70º
70º
74º
74º
128º
132º
134º
130º
130º
130º
126º
126º
118º
114º
120º
121º
118º
118º
118º
115º
115º
ca_A1-A163.qxd:Layout 1
2/9/11
7:49 PM
Page 23


Similar Part No. - D38999-26FA98BN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D38999-26FD19PN ETC2-D38999-26FD19PN Datasheet
2Mb / 36P
   Every Free World space mission, bringing the universe to our doorstep.
More results

Similar Description - D38999-26FA98BN

ManufacturerPart #DatasheetDescription
logo
ITT Industries
D38999-20WD-18SN ITT-D38999-20WD-18SN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
logo
Glenair, Inc.
D38999-1799853 GLENAIR-D38999-1799853 Datasheet
300Kb / 3P
   MIL-DTL-38999 Series III Environmental connectors
233-301 GLENAIR-233-301 Datasheet
253Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-304 GLENAIR-233-304 Datasheet
248Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-300 GLENAIR-233-300 Datasheet
292Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-302 GLENAIR-233-302 Datasheet
214Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
logo
Amphenol Aerospace Oper...
MIL-DTL-38999 AAO-MIL-DTL-38999 Datasheet
3Mb / 40P
   MIL-DTL-38999, Series III, TV
logo
Glenair, Inc.
233-305 GLENAIR-233-305 Datasheet
253Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
233-303 GLENAIR-233-303 Datasheet
232Kb / 1P
   SuperSeal MIL-DTL-38999 Series III Type Connectors
947-112 GLENAIR-947-112 Datasheet
241Kb / 2P
   MIL-DTL-38999 Series III Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com