Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D38999-26WJ4PN Datasheet(PDF) 35 Page - ITT Industries

Part # D38999-26WJ4PN
Description  Cannon MIL-DTL-38999 Connectors
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

D38999-26WJ4PN Datasheet(HTML) 35 Page - ITT Industries

Back Button D38999-26WJ4PN Datasheet HTML 28Page - ITT Industries D38999-26WJ4PN Datasheet HTML 29Page - ITT Industries D38999-26WJ4PN Datasheet HTML 30Page - ITT Industries D38999-26WJ4PN Datasheet HTML 31Page - ITT Industries D38999-26WJ4PN Datasheet HTML 32Page - ITT Industries D38999-26WJ4PN Datasheet HTML 33Page - ITT Industries D38999-26WJ4PN Datasheet HTML 34Page - ITT Industries D38999-26WJ4PN Datasheet HTML 35Page - ITT Industries D38999-26WJ4PN Datasheet HTML 36Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
www.ittcannon.com/micro
D-Subminiature Connectors
Rack and Panel Connectors
Microminiature Connectors
Circular/Filter/Hermetic/Fiber Optic Connectors
Initially pioneered by Cannon during the 1930s, Interconnect
Solutions is the world leader in rack and panel connectors, offering
unmatched variety of shell configurations and insert arrangements,
materials, plating, and contact options. Many of our standard and
custom designs meet the stringent requirements of ARINC 600,
ARINC 404 (MIL-C-81659), and MIL-DTL-83733 standards.
As a world leader in circular, filter, and hermetic connectors, ITT can
leverage its design and manufacturing expertise to fit virtually any
application. Our expertise includes fast positive mating for a wide
range of military applications, as well as numerous sizes and
contact configurations for various harsh environments. Our wide
variety of fiber optic products include hybrid contacts, multi-channel,
rack and panel, and hi-rel assemblies, including MIL and ARINC
standard solutions.ITT can meet numerous specs, including
NATO and MIL standards.
Cannon invented D-sub connectors in 1952. Our family
of D-Subs now includes combinations of signal, power and RF, as
well as severe service sealed connectors. Cannon D-Subs are
available with an extensive line of backshells and accessories and
are one of the most economical shielded connector solutions
available. ITT D-Sub connectors are qualified to the MIL-DTL-
24308 specification.
Developed first by Cannon in the 1960’ s, Interconnect Solutions
microminiature connectors offer high performance and reliability
with exceptional versatility. Available in rectangular, circular,
and strip configurations for countless applications, many of our
connectors meet or exceed applicable requirements of the MIL-
DTL-83513 specification.
www.ittcannon.com/rackandpanel
RF Connectors
ITT Interconnect Solutions has been providing interconnect
products to the Microwave and RF industry since 1963 (formerly
The Sealectro Corporation). The RF 50 & 75 Ohm product lines
cover UHF band through Ku band requirements. These connectors
and cable assemblies are available with a thread type, snap type,
bayonet type or slide on coupling method. The frequencies range
from DC to 18+ GHz.
www.ittcannon.com/RF50 • www.ittcannon.com/RF75
www.ittcannon.com/circulars • www.ittcannon.com/filter • www.ittcannon.com/hermetics • www.ittcannon.com/fiberoptics
www.ittcannon.com/dsubs
Transportation
The ITT ICS interconnect range includes sealed circular and rectangular
connectors in metal or plastic shells. These configurations include board to
cable or cable to cable/ bulkhead applications. Both signal and power con-
tacts can be combined in various layouts. All product lines within the
Transportation segment offer very low contact resistance providing maxi-
mum signal integrity.
www.ittcannon.com/transportation
ITT Interconnect Solutions is an international manufacturer and supplier of connectors including circular,
rectangular, fiber optic, RF, power and high voltage, audio, PMCIA, Compact Flash Card, enclosures,
cable assemblies, and application specific custom solutions. The Interconnect Solutions portfolio includes
the brands Cannon, VEAM, and BIW. As a worldwide leader in connector technology for nearly a century,
ITT offers one of the broadest product offerings, six sigma manufacturing capability, Value Based Product
Development with exceptional engineering capability, and an extensive sales, distribution, and customer
support network.


Similar Part No. - D38999-26WJ4PN

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
D38999-26WB2SN AMPHENOL-D38999-26WB2SN Datasheet
1Mb / 53P
Amphenol Tri-Start Subminiature Cylindrical Connectors
D38999-26WC4SN AMPHENOL-D38999-26WC4SN Datasheet
1Mb / 53P
Amphenol Tri-Start Subminiature Cylindrical Connectors
More results

Similar Description - D38999-26WJ4PN

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-20C20 GLENAIR-M24758-20C20 Datasheet
62Kb / 2P
Adapter for MIL-DTL-38999 Connectors
logo
ITT Industries
030-1997-022 ITT-030-1997-022 Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999-24WD-35SA ITT-D38999-24WD-35SA Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999 ITT-D38999 Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999-20FC98PN ITT-D38999-20FC98PN Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999-20FD-35PN ITT-D38999-20FD-35PN Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999-20FG41PN ITT-D38999-20FG41PN Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999-20WD-18SN ITT-D38999-20WD-18SN Datasheet
2Mb / 17P
MIL-DTL-38999 Series III Connectors
D38999-20WG-41PN ITT-D38999-20WG-41PN Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
MIL-DTL-38999 Series III Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com