Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D38999-26WJ4PN Datasheet(PDF) 32 Page - ITT Industries

Part # D38999-26WJ4PN
Description  Cannon MIL-DTL-38999 Connectors
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

D38999-26WJ4PN Datasheet(HTML) 32 Page - ITT Industries

Back Button D38999-26WJ4PN Datasheet HTML 28Page - ITT Industries D38999-26WJ4PN Datasheet HTML 29Page - ITT Industries D38999-26WJ4PN Datasheet HTML 30Page - ITT Industries D38999-26WJ4PN Datasheet HTML 31Page - ITT Industries D38999-26WJ4PN Datasheet HTML 32Page - ITT Industries D38999-26WJ4PN Datasheet HTML 33Page - ITT Industries D38999-26WJ4PN Datasheet HTML 34Page - ITT Industries D38999-26WJ4PN Datasheet HTML 35Page - ITT Industries D38999-26WJ4PN Datasheet HTML 36Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
30
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
Cannon KJL/KJ/KJA/KJB
MIL-DTL-38999 Series I, II, III Connectors
Wire Stripping
Wire Size
A
22D or 22M*
20
16
12
* For reference only
A
.125 (3.18)
.188 (4.77)
.188 (4.77)
.188 (4.77)
Strip insulation from end of wire to be crimped.
(See table for proper stripping dimensions.) Do not
cut or damage wire strands.
VISUAL INSPECTION HOLE
1. Insert stripped wire into contact crimp pot.
Wire must be visible thru inspection hole.
3. Release crimped contact and wire from tool. Be
certain the wire is visible thru inspection hole in
contact.
2. Using correct crimp tool and locator, cycle the tool once to be sure the indentors are open. Insert
contact and wire into locator. Squeeze tool handles firmly and completely to insure a proper crimp. The
tool will not release unless the crimp indentors in the tool head have been fully actuated.
Contact Insertion
Contact Extraction
3. Press tool against contact shoulder and, with
firm and even pressure, insert wired contact and
tool tip into center contact cavity. A slight click may
be heard as metal retaining tines snap into place
behind contact shoulder.
2. Using proper plastic or metal insertion tool for
corresponding contact, position wire in tip of the tool
so that the tool tip butts up against the contact
shoulder.
1. Remove hardware from plug or receptacle and
slip over wire bundle in proper order for
reassembly.
1. Remove hardware from plug or receptacle
and slide hardware back along wire bundle.
2. Using plastic or metal extraction tool with proper
color code corresponding to contact size, place wire in
tool.
3. Insert tool into contact cavity until tool tip
bottoms against the contact shoulder, expanding
clip retaining tines.
6. Reassemble plug or receptacle.
5. Fill any empty wire cavities with wire sealing plugs, and
4. Hold wire firmly in tool and extract wired
contact and tool. Repeat operation for all
contacts to be extracted.
5. After all contacts are inserted, fill any empty
cavities with wire sealing plugs, Ressemble plug
or receptacle hardware.
4. Remove tool and pull back lightly on wire to make
sure contact is properly seated. Repeat operation with
remainder of contacts to be inserted, beginning with
the center cavity and working outward in alternating
rows.
Assembly Instructions
Contact Crimping


Similar Part No. - D38999-26WJ4PN

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
D38999-26WB2SN AMPHENOL-D38999-26WB2SN Datasheet
1Mb / 53P
Amphenol Tri-Start Subminiature Cylindrical Connectors
D38999-26WC4SN AMPHENOL-D38999-26WC4SN Datasheet
1Mb / 53P
Amphenol Tri-Start Subminiature Cylindrical Connectors
More results

Similar Description - D38999-26WJ4PN

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-20C20 GLENAIR-M24758-20C20 Datasheet
62Kb / 2P
Adapter for MIL-DTL-38999 Connectors
logo
ITT Industries
030-1997-022 ITT-030-1997-022 Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999-24WD-35SA ITT-D38999-24WD-35SA Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999 ITT-D38999 Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999-20FC98PN ITT-D38999-20FC98PN Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999-20FD-35PN ITT-D38999-20FD-35PN Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999-20FG41PN ITT-D38999-20FG41PN Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999-20WD-18SN ITT-D38999-20WD-18SN Datasheet
2Mb / 17P
MIL-DTL-38999 Series III Connectors
D38999-20WG-41PN ITT-D38999-20WG-41PN Datasheet
2Mb / 36P
Cannon MIL-DTL-38999 Connectors
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
MIL-DTL-38999 Series III Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com